Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC72121 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LC72121
Description  PLL Frequency Synthesizers for Electronic Tuning
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72121 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LC72121 Datasheet HTML 1Page - Sanyo Semicon Device LC72121 Datasheet HTML 2Page - Sanyo Semicon Device LC72121 Datasheet HTML 3Page - Sanyo Semicon Device LC72121 Datasheet HTML 4Page - Sanyo Semicon Device LC72121 Datasheet HTML 5Page - Sanyo Semicon Device LC72121 Datasheet HTML 6Page - Sanyo Semicon Device LC72121 Datasheet HTML 7Page - Sanyo Semicon Device LC72121 Datasheet HTML 8Page - Sanyo Semicon Device LC72121 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
No. 5815-4/23
LC72121, 72121M, 72121V
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VDD max
VDD
–0.3 to +7.0
V
VIN1 max
CE, DI, CL, AIN
–0.3 to +7.0
V
Maximum input voltage
VIN2 max
XIN, FMIN, AMIN, IFIN
–0.3 to VDD +0.3
V
VIN3 max
IO1, IO2
–0.3 to +15
V
VO1 max
DO
–0.3 to +7.0
V
Maximum output voltage
VO2 max
XOUT, PD
–0.3 to VDD +0.3
V
VO3 max
BO1 to BO4, IO1, IO2, AOUT
–0.3 to +15
V
Maximum output current
IO1 max
DO, AOUT
0 to +6.0
mA
IO2 max
BO1 to BO4, IO1, IO2
0 to +10.0
mA
DIP22S:
350
mW
Allowable power dissipation
Pd max
(Ta
≤ 85°C)
MFP24S:
200
mW
SSOP24:
150
mW
Operating temperature
Topr
–40 to +85
°C
Storage temperature
Tstg
–55 to +125
°C
Specifications
Absolute Maximum Ratings at Ta = 25°C, VSSd = VSSa = VSSX = 0 V
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Supply voltage
VDD
VDD
2.7
3.6
V
Input high-level voltage
VIH1
CE, DI, CL
0.7 VDD
6.5
V
VIH2
IO1, IO2
0.7 VDD
13
V
Input low-level voltage
VIL
CE, DI, CL, IO1, IO2
0
0.3 VDD
V
Output voltage
VO1
DO
0
6.5
V
VO2
BO1 to BO4, IO1, IO2, AOUT
0
13
V
fIN1
XIN: VIN1
1
8
MHz
fIN2
FMIN: VIN2
10
160
MHz
Input frequency
fIN3
AMIN (SNS = 1): VIN3
2
40
MHz
fIN4
AMIN (SNS = 0): VIN4
0.5
10
MHz
fIN5
IFIN: VIN5
0.4
15
MHz
VIN1
XIN: fIN1
200
800
mVrms
VIN2-1
FMIN: f = 10 to 130 MHz
20
800
mVrms
VIN2-2
FMIN: f = 130 to 160 MHz
40
800
mVrms
Input amplitude
VIN3
AMIN (SNS = 1): fIN3
40
800
mVrms
VIN4
AMIN (SNS = 0): fIN4
40
800
mVrms
VIN5-1
IFIN: fIN5, IFS = 1
40
800
mVrms
VIN5-2
IFIN: fIN5, IFS = 0
70
800
mVrms
Guaranteed crystal oscillator frequency
Xtal
XIN, XOUT: *
4
8
MHz
Allowable Operating Ranges at Ta = – 40 to +85°C, VSSd = VSSa = VSSX = 0 V
Note: Recommended value for CI for the crystal oscillator element: CI
≤ 120Ω (4.5MHz), CI ≤ 70Ω (7.2MHz)
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Rf1
XIN
1
M
Internal feedback resistance
Rf2
FMIN
500
k
Rf3
AMIN
500
k
Rf4
IFIN
250
k
Internal pull-down resistance
Rpd1
FMIN
100
200
400
k
Rpd2
AMIN
100
200
400
k
Hysteresis
VHIS
CE, DI, CL
0.1 VDD
V
Output high-level voltage
VOH1
PD: IO = –1 mA
VDD – 1.0
V
Electrical Characteristics in the Allowable Operating Ranges
Continued on next page.


Similar Part No. - LC72121

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC72121 SANYO-LC72121 Datasheet
379Kb / 22P
   PLL Frequency Synthesizers for Electronic Tuning
LC72121M SANYO-LC72121M Datasheet
379Kb / 22P
   PLL Frequency Synthesizers for Electronic Tuning
LC72121MA SANYO-LC72121MA Datasheet
250Kb / 24P
   CMOS IC PLL Frequency Synthesizers for Electronic Tuning
LC72121V SANYO-LC72121V Datasheet
379Kb / 22P
   PLL Frequency Synthesizers for Electronic Tuning
More results

Similar Description - LC72121

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC72121 SANYO-LC72121 Datasheet
379Kb / 22P
   PLL Frequency Synthesizers for Electronic Tuning
LM7001J SANYO-LM7001J Datasheet
91Kb / 8P
   Direct PLL Frequency Synthesizers for Electronic Tuning
LC72121MA SANYO-LC72121MA Datasheet
250Kb / 24P
   CMOS IC PLL Frequency Synthesizers for Electronic Tuning
logo
NXP Semiconductors
TSA6057 PHILIPS-TSA6057 Datasheet
650Kb / 14P
   Radio tuning PLL frequency synthesizers
1997 Oct 29
logo
Sanyo Semicon Device
LC72146 SANYO-LC72146 Datasheet
357Kb / 21P
   PLL Frequency Synthesizer for Electronic Tuning
LC72133M SANYO-LC72133M_11 Datasheet
264Kb / 23P
   PLL Frequency Synthesizer for Electronic Tuning
LC72133M SANYO-LC72133M Datasheet
302Kb / 22P
   PLL Frequency Synthesizer for Electronic Tuning?
LC7216M SANYO-LC7216M Datasheet
382Kb / 18P
   PLL Frequency Synthesizer for Electronic Tuning?
LC72136 SANYO-LC72136 Datasheet
370Kb / 23P
   PLL Frequency Synthesizer for Electronic Tuning
LC72137 SANYO-LC72137 Datasheet
351Kb / 23P
   PLL Frequency Synthesizer for Electronic Tuning
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com