Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG2706DN-T1-E4 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # DG2706DN-T1-E4
Description  High Speed, Low Voltage, 3ohm , Quad SPDT CMOS Analog Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG2706DN-T1-E4 Datasheet(HTML) 7 Page - Vishay Siliconix

  DG2706DN-T1-E4 Datasheet HTML 1Page - Vishay Siliconix DG2706DN-T1-E4 Datasheet HTML 2Page - Vishay Siliconix DG2706DN-T1-E4 Datasheet HTML 3Page - Vishay Siliconix DG2706DN-T1-E4 Datasheet HTML 4Page - Vishay Siliconix DG2706DN-T1-E4 Datasheet HTML 5Page - Vishay Siliconix DG2706DN-T1-E4 Datasheet HTML 6Page - Vishay Siliconix DG2706DN-T1-E4 Datasheet HTML 7Page - Vishay Siliconix DG2706DN-T1-E4 Datasheet HTML 8Page - Vishay Siliconix DG2706DN-T1-E4 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Document Number: 68392
S11-0176-Rev. B, 07-Feb-11
www.vishay.com
7
Vishay Siliconix
DG2706
TEST CIRCUITS
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see www.vishay.com/ppg?68392.
Figure 4. Off-Isolation
IN
GND
NC or NO
0 V, 2.4 V
10 nF
COM
Off Isolation
20 log
V
COM
V
NO / NC
RL
Analyzer
V+
V+
COM
=
Figure 5. Channel Off/On Capacitance
NC or NO
f = 1 MHz
IN
COM
GND
0 V, 2.4 V
Meter
HP4192A
Impedance
Analyzer
or Equivalent
10 nF
V+
V+


Similar Part No. - DG2706DN-T1-E4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2706DN-T1-E4 VISHAY-DG2706DN-T1-E4 Datasheet
187Kb / 8P
   High Speed, Low Voltage, 3 Ω, Quad SPDT CMOS Analog Switch
Rev. A, 05-May-08
DG2706DN-T1-E4 VISHAY-DG2706DN-T1-E4 Datasheet
192Kb / 10P
   High Speed, Low Voltage, 3 ?? Quad SPDT CMOS Analog Switch
01-Jan-2022
More results

Similar Description - DG2706DN-T1-E4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2706 VISHAY-DG2706_V01 Datasheet
192Kb / 10P
   High Speed, Low Voltage, 3 ?? Quad SPDT CMOS Analog Switch
01-Jan-2022
DG2706 VISHAY-DG2706 Datasheet
187Kb / 8P
   High Speed, Low Voltage, 3 Ω, Quad SPDT CMOS Analog Switch
Rev. A, 05-May-08
logo
Maxim Integrated Produc...
MAX394 MAXIM-MAX394_V01 Datasheet
1Mb / 13P
   Low-Voltage, Quad, SPDT, CMOS Analog Switch
2021
MAX394 MAXIM-MAX394 Datasheet
134Kb / 12P
   Low-Voltage, Quad, SPDT, CMOS Analog Switch
Rev 0; 5/95
MAX394 MAXIM-MAX394_08 Datasheet
219Kb / 13P
   Low-Voltage, Quad, SPDT, CMOS Analog Switch
Rev 2; 9/08
MAX4644 MAXIM-MAX4644_11 Datasheet
113Kb / 10P
   High-Speed, Low-Voltage, 4Ω, SPDT CMOS Analog Switch
Rev 1; 1/11
logo
Vishay Siliconix
DG2707 VISHAY-DG2707_11 Datasheet
146Kb / 9P
   High Speed, Low Voltage, 3ohm , Differential 4:1 CMOS Analog Multiplexer/Switch
Rev. B, 07-Feb-11
logo
Maxim Integrated Produc...
MAX4644 MAXIM-MAX4644 Datasheet
206Kb / 12P
   High-Speed, Low-Voltage, 4?? SPDT CMOS Analog Switch
Rev 0; 3/00
logo
Vishay Siliconix
DG2517 VISHAY-DG2517 Datasheet
616Kb / 7P
   3ohm, High Bandwidth, Dual SPDT Analog Switch
Rev. A, 11-Sep-06
logo
SG Micro Corp
SGM5018 SGMICRO-SGM5018 Datasheet
488Kb / 10P
   4.5廓, High Speed, Low Voltage Quad, SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com