Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG2042DQ-T1-E3 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # DG2042DQ-T1-E3
Description  Low-Voltage, Low RON Quad SPST Analog Switch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG2042DQ-T1-E3 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button DG2042DQ-T1-E3 Datasheet HTML 2Page - Vishay Siliconix DG2042DQ-T1-E3 Datasheet HTML 3Page - Vishay Siliconix DG2042DQ-T1-E3 Datasheet HTML 4Page - Vishay Siliconix DG2042DQ-T1-E3 Datasheet HTML 5Page - Vishay Siliconix DG2042DQ-T1-E3 Datasheet HTML 6Page - Vishay Siliconix DG2042DQ-T1-E3 Datasheet HTML 7Page - Vishay Siliconix DG2042DQ-T1-E3 Datasheet HTML 8Page - Vishay Siliconix DG2042DQ-T1-E3 Datasheet HTML 9Page - Vishay Siliconix DG2042DQ-T1-E3 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
www.vishay.com
6
Document Number: 72091
S11-1185-Rev. B, 13-Jun-11
Vishay Siliconix
DG2041, DG2042, DG2043
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes:
a. Room = 25 °C, full = as determined by the operating suffix.
b. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
c. Typical values are for design aid only, not guaranteed nor subject to production testing.
d. Guarantee by design, nor subjected to production test.
e. VIN = input voltage to perform proper function.
f. Guaranteed by 5 V leakage testing, not production tested.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (V+ = 5 V)
Parameter
Symbol
Test Conditions
Otherwise Unless Specified
V+ = 5 V, ± 10 %
, VIN = 0.8 V or 2.4 V
e
Temp.a
Limits
- 40 °C to 85 °C
Unit
Min.b
Typ.c
Max.b
Dynamic Characteristics
Turn-On Timed
tON
VNO or VNC = 3 V, RL = 300 , CL = 35 pF
fig. 1 and 2
Room
Full
13
42
43
ns
Turn-Off Timed
tOFF
Room
Full
19
32
33
Break-Before-Make Time Delay
tD
VNO or VNC = 3 V, RL = 300 , CL = 35 pF
(DG2043 Only)
Room
1
Charge Injectiond
QINJ
CL = 1 nF, VGEN = 0 V, RGEN = 0 , fig. 2
Room
3
pC
Off-Isolationd
OIRR
RL = 50 , CL = 5 pF, f = 1 MHz
Room
- 63
dB
Crosstalkd
XTALK
Room
- 93
Source-Off Capacitanced
CNO(off)
CNC(off)
VIN = 0 V or V+, f = 1 MHz
Room
26
pF
Channel-On Capacitanced
CON
Room
49
Power Supply
Power Supply Current
I+
VIN = 0 V or V+
0.001
1
µA


Similar Part No. - DG2042DQ-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2042DQ VISHAY-DG2042DQ Datasheet
83Kb / 9P
   Low-Voltage, Low rON Quad SPST Analog Switch
Rev. A, 20-Jan-03
More results

Similar Description - DG2042DQ-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2041 VISHAY-DG2041 Datasheet
83Kb / 9P
   Low-Voltage, Low rON Quad SPST Analog Switch
Rev. A, 20-Jan-03
DG2041 VISHAY-DG2041_V01 Datasheet
235Kb / 13P
   Low-Voltage, Low RON Quad SPST Analog Switch
01-Jan-2022
logo
Fairchild Semiconductor
FSA1156 FAIRCHILD-FSA1156_05 Datasheet
455Kb / 11P
   Low RON Low Voltage SPST Analog Switch
FSA1156 FAIRCHILD-FSA1156 Datasheet
486Kb / 11P
   Low RON Low Voltage SPST Analog Switch
FSA1156 FAIRCHILD-FSA1156_08 Datasheet
776Kb / 11P
   Low-RON Low-Voltage SPST Analog Switch
logo
Vishay Siliconix
DG2037 VISHAY-DG2037 Datasheet
72Kb / 7P
   Low-Voltage, Low rON, Dual SPST Analog Switch
Rev. A, 01-Aug-03
DG2037 VISHAY-DG2037_08 Datasheet
113Kb / 8P
   Low-Voltage, Low rON, Dual SPST Analog Switch
Rev. B, 21-May-07
logo
Fairchild Semiconductor
FSA1256 FAIRCHILD-FSA1256 Datasheet
592Kb / 9P
   Low RON Low Voltage Dual SPST Analog Switch
logo
Vishay Siliconix
DG2715 VISHAY-DG2715_11 Datasheet
120Kb / 9P
   Low-Voltage, 0.4ohm RON, Single SPST Analog Switch
Rev. C, 28-Feb-11
DG2741 VISHAY-DG2741_V01 Datasheet
137Kb / 10P
   Low-Voltage, 0.8 ??RON, Dual SPST Analog Switch
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com