Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC877C48C Datasheet(PDF) 8 Page - Sanyo Semicon Device

Part # LC877C48C
Description  8-bit 1-chip Microcontroller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC877C48C Datasheet(HTML) 8 Page - Sanyo Semicon Device

Back Button LC877C48C Datasheet HTML 4Page - Sanyo Semicon Device LC877C48C Datasheet HTML 5Page - Sanyo Semicon Device LC877C48C Datasheet HTML 6Page - Sanyo Semicon Device LC877C48C Datasheet HTML 7Page - Sanyo Semicon Device LC877C48C Datasheet HTML 8Page - Sanyo Semicon Device LC877C48C Datasheet HTML 9Page - Sanyo Semicon Device LC877C48C Datasheet HTML 10Page - Sanyo Semicon Device LC877C48C Datasheet HTML 11Page - Sanyo Semicon Device LC877C48C Datasheet HTML 12Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
LC877C64C/56C/48C/40C/32C/24C
No.A0135-8/21
Continued from preceding page.
Pin name
I/O
Function description
Option
PORT8
P80 to P87
I/O
• 8bit Input/output port
• Input/output can be specified for each bit individually
• Other functions:
AD input port: AN0 to AN7
Small signal detector input port: MICIN(P87)
No
S0/PA0 to
S7/PA7
I/O
• Segment output for LCD
• Can be used as general purpose input/output port (PA)
No
S8/PB0 to
S15/PB7
I/O
• Segment output for LCD
• Can be used as general purpose input/output port (PB)
No
S24 /PD0 to
S31/PD7
I/O
• Segment output for LCD
• Can be used as general purpose input/output port (PD)
No
S32/PE0 to
S39/PE7
I/O
• Segment output for LCD
• Can be used as general purpose input/output port (PE)
No
COM0/PL0 to
COM3/PL3
I/O
• Common output for LCD
• Can be used as general purpose input port (PL)
No
V1/PL4 to
V3/PL6
I/O
• LCD output bias power supply
• Can be used as general purpose input port (PL)
No
PWM2
O
PWM2 output port
No
PWM3
O
PWM3 output port
No
RES
I
Reset terminal
No
XT1
I
• Input for 32.768kHz crystal oscillation
• Other functions:
General-purpose input port
AD input port: AN10
• When not in use, connect to VDD1
No
XT2
I/O
• Output for 32.768kHz crystal oscillation
• Other functions:
General purpose input port
AD input port: AN11
• When not in use, set to oscillation mode and leave open
No
CF1
I
Input terminal for ceramic oscillator
No
CF2
O
Output terminal for ceramic oscillator
No


Similar Part No. - LC877C48C

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC877248A SANYO-LC877248A Datasheet
707Kb / 24P
   8-Bit Single Chip Microcontroller with 64/56/48 KB ROM and 2048-Byte RAM On Chip
LC877256A SANYO-LC877256A Datasheet
707Kb / 24P
   8-Bit Single Chip Microcontroller with 64/56/48 KB ROM and 2048-Byte RAM On Chip
LC877264A SANYO-LC877264A Datasheet
707Kb / 24P
   8-Bit Single Chip Microcontroller with 64/56/48 KB ROM and 2048-Byte RAM On Chip
LC8772C8B SANYO-LC8772C8B Datasheet
765Kb / 24P
   8-Bit Single Chip Microcontroller with 128KB Flash Momory and 2048-Byte RAM On Chip?
LC877424A SANYO-LC877424A Datasheet
342Kb / 22P
   8 Bit Single Chip Microcontroller Incorporating 48K/40K/32K/24K Byte ROM and 1536 byte RAM on Chip
More results

Similar Description - LC877C48C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ENA1384B ONSEMI-ENA1384B Datasheet
269Kb / 30P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.20
ENA1455A ONSEMI-ENA1455A Datasheet
198Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.02
ENA1869A ONSEMI-ENA1869A Datasheet
242Kb / 26P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1898A ONSEMI-ENA1898A Datasheet
177Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00a
ENA1955 ONSEMI-ENA1955 Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1956A ONSEMI-ENA1956A Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.03
ENA2304 ONSEMI-ENA2304 Datasheet
302Kb / 31P
   8-bit 1-chip Microcontroller
March, 2014 Ver. 1.01
EN8298B ONSEMI-EN8298B Datasheet
167Kb / 23P
   8-bit 1-chip Microcontroller
May, 2013 Ver.3.00
ENA0664 ONSEMI-ENA0664 Datasheet
186Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.01
ENA0886 ONSEMI-ENA0886 Datasheet
204Kb / 29P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
logo
Sanyo Semicon Device
LC87F5VP6A SANYO-LC87F5VP6A Datasheet
168Kb / 27P
   8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com