Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC877C64C Datasheet(PDF) 10 Page - Sanyo Semicon Device

Part # LC877C64C
Description  8-bit 1-chip Microcontroller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC877C64C Datasheet(HTML) 10 Page - Sanyo Semicon Device

Back Button LC877C64C Datasheet HTML 6Page - Sanyo Semicon Device LC877C64C Datasheet HTML 7Page - Sanyo Semicon Device LC877C64C Datasheet HTML 8Page - Sanyo Semicon Device LC877C64C Datasheet HTML 9Page - Sanyo Semicon Device LC877C64C Datasheet HTML 10Page - Sanyo Semicon Device LC877C64C Datasheet HTML 11Page - Sanyo Semicon Device LC877C64C Datasheet HTML 12Page - Sanyo Semicon Device LC877C64C Datasheet HTML 13Page - Sanyo Semicon Device LC877C64C Datasheet HTML 14Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
LC877C64C/56C/48C/40C/32C/24C
No.A0135-10/21
Absolute Maximum Ratings at Ta = 25°C, VSS1 = VSS2 = VSS3 = 0V
Specification
Parameter
Symbol
Pin/Remarks
Conditions
VDD [V]
min
typ
max
unit
Supply voltage
VDD max
VDD1, VDD2, VDD3
VDD1=VDD2=VDD3
-0.3
+6.5
Supply voltage
for LCD
VLCD
V1/PL4, V2/PL5,
V3/PL6
VDD1=VDD2=VDD3
-0.3
VDD
Input voltage
VI
Port L
XT1, XT2, CF1, RES
-0.3
VDD+0.3
Input/Output
voltage
VIO(1)
• Ports 0, 1, 7, 8
• Ports A, B, D, E
• PWM2, PWM3
-0.3
VDD+0.3
V
IOPH(1)
Ports 0,1
• CMOS output selected
• Current at each pin
-10
IOPH(2)
Ports 71,72,73
Current at each pin
-5
Peak
output
current
IOPH(3)
• Ports A, B, D, E
• PWM2, PWM3
Current at each pin
-5
IOMH(1)
Ports 0,1
• CMOS output selected
• Current at each pin
-7.5
IOMH(2)
Ports 71, 72, 73
Current at each pin
-3
Average
output
current
(Note 1-1)
IOMH(3)
• Ports A, B, D, E
• PWM2, PWM3
Current at each pin
-3
∑IOAH(1)
• Ports 0, 1
• PWM2, PWM3
Total of all pins
-25
∑IOAH(2)
Port 7
Total of all pins
-10
∑IOAH(3)
Ports A, B,
Total of all pins
-25
∑IOAH(4)
Ports D, E
Total of all pins
-25
Total
output
current
∑IOAH(5)
Ports A, B, D, E
Total of all pins
-45
IOPL(1)
Ports 0, 1
Current at each pin
20
IOPL(2)
Ports 7,8
Current at each pin
10
Peak
output
current
IOPL(3)
• Ports A, B, D, E
• PWM2, PWM3
Current at each pin
10
IOML(1)
Ports 0, 1
Current at each pin
15
IOML(2)
Ports 7, 8
Current at each pin
7.5
Average
output
current
(Note 1-1)
IOML(3)
• Ports A, B, D, E
• PWM2, PWM3
Current at each pin
7.5
∑IOAL(1)
• Ports 0, 1
• PWM2, PWM3
Total of all pins
45
∑IOAL(2)
Ports 7, 8
Total of all pins
15
∑IOAL(3)
Ports A, B
Total of all pins
45
∑IOAL(4)
Ports D, E
Total of all pins
45
Total
output
current
∑IOAL(5)
Ports A, B, D, E
Total of all pins
80
mA
QFP80(14
×14)
381
Maximum power
consumption
Pd max
TQFP80J(12
×12)
Ta = -30 to +70
°C
325
mW
Operating
temperature
range
Topr
-30
+70
Storage
temperature
range
Tstg
-55
+125
°C
Note 1-1: Average output current indicates average value for 100ms term.


Similar Part No. - LC877C64C

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC877248A SANYO-LC877248A Datasheet
707Kb / 24P
   8-Bit Single Chip Microcontroller with 64/56/48 KB ROM and 2048-Byte RAM On Chip
LC877256A SANYO-LC877256A Datasheet
707Kb / 24P
   8-Bit Single Chip Microcontroller with 64/56/48 KB ROM and 2048-Byte RAM On Chip
LC877264A SANYO-LC877264A Datasheet
707Kb / 24P
   8-Bit Single Chip Microcontroller with 64/56/48 KB ROM and 2048-Byte RAM On Chip
LC8772C8B SANYO-LC8772C8B Datasheet
765Kb / 24P
   8-Bit Single Chip Microcontroller with 128KB Flash Momory and 2048-Byte RAM On Chip?
LC877424A SANYO-LC877424A Datasheet
342Kb / 22P
   8 Bit Single Chip Microcontroller Incorporating 48K/40K/32K/24K Byte ROM and 1536 byte RAM on Chip
More results

Similar Description - LC877C64C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ENA1384B ONSEMI-ENA1384B Datasheet
269Kb / 30P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.20
ENA1455A ONSEMI-ENA1455A Datasheet
198Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.02
ENA1869A ONSEMI-ENA1869A Datasheet
242Kb / 26P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1898A ONSEMI-ENA1898A Datasheet
177Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00a
ENA1955 ONSEMI-ENA1955 Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1956A ONSEMI-ENA1956A Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.03
ENA2304 ONSEMI-ENA2304 Datasheet
302Kb / 31P
   8-bit 1-chip Microcontroller
March, 2014 Ver. 1.01
EN8298B ONSEMI-EN8298B Datasheet
167Kb / 23P
   8-bit 1-chip Microcontroller
May, 2013 Ver.3.00
ENA0664 ONSEMI-ENA0664 Datasheet
186Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.01
ENA0886 ONSEMI-ENA0886 Datasheet
204Kb / 29P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
logo
Sanyo Semicon Device
LC87F5VP6A SANYO-LC87F5VP6A Datasheet
168Kb / 27P
   8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com