Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC875G24A Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # LC875G24A
Description  ROM 32K/24K/16K/8K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC875G24A Datasheet(HTML) 6 Page - Sanyo Semicon Device

Back Button LC875G24A Datasheet HTML 2Page - Sanyo Semicon Device LC875G24A Datasheet HTML 3Page - Sanyo Semicon Device LC875G24A Datasheet HTML 4Page - Sanyo Semicon Device LC875G24A Datasheet HTML 5Page - Sanyo Semicon Device LC875G24A Datasheet HTML 6Page - Sanyo Semicon Device LC875G24A Datasheet HTML 7Page - Sanyo Semicon Device LC875G24A Datasheet HTML 8Page - Sanyo Semicon Device LC875G24A Datasheet HTML 9Page - Sanyo Semicon Device LC875G24A Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
LC875G32A/24A/16A/08A
No.8299-6/23
SQFP/QIP
NAME
SQFP/QIP
NAME
1
P73/INT3/T0IN
25
P04/AN4
2
RES
26
P05/CKO/AN5
3
XT1/AN10
27
P06/T6O/AN6
4
XT2/AN11
28
P07/T7O/AN7
5
VSS1
29
P20/UTX/INT4/T1IN
6
CF1
30
P21/URX/INT4/T1IN
7
CF2
31
P22/INT4/T1IN
8
VDD1
32
P23/INT4/T1IN
9
P10/SO0
33
P24/INT5/T1IN
10
P11/SI0/SB0
34
P25/INT5/T1IN
11
P12/SCK0
35
P26/INT5/T1IN
12
P13/SO1
36
P27/INT5/T1IN
13
P14/SI1/SB1
37
P36
14
P15/SCK1
38
P35
15
P16/T1PWML
39
VDD3
16
P17/T1PWMH/BUZ
40
VSS3
17
PWM1
41
P34
18
PWM0
42
P33
19
VDD2
43
P32
20
VSS2
44
P31
21
P00/AN0
45
P30
22
P01/AN1
46
P70/INT0/T0LCP/AN8
23
P02/AN2
47
P71/INT1/T0HCP/AN9
24
P03/AN3
48
P72/INT2/T0IN


Similar Part No. - LC875G24A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC875016A SANYO-LC875016A Datasheet
778Kb / 25P
   8-Bit Single Chip Microcontroller with 32/24/16K-Byte EPROM and 640-Byte RAM On Chip
LC875024A SANYO-LC875024A Datasheet
778Kb / 25P
   8-Bit Single Chip Microcontroller with 32/24/16K-Byte EPROM and 640-Byte RAM On Chip
LC875032A SANYO-LC875032A Datasheet
778Kb / 25P
   8-Bit Single Chip Microcontroller with 32/24/16K-Byte EPROM and 640-Byte RAM On Chip
LC875048B SANYO-LC875048B Datasheet
763Kb / 26P
   8-Bit Single Chip Microcontroller with 64/56/48K-Byte EPROM and 2048-Byte RAM On Chip
LC875056B SANYO-LC875056B Datasheet
763Kb / 26P
   8-Bit Single Chip Microcontroller with 64/56/48K-Byte EPROM and 2048-Byte RAM On Chip
More results

Similar Description - LC875G24A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC876D16A SANYO-LC876D16A Datasheet
141Kb / 19P
   ROM 16K/8K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC875932A SANYO-LC875932A Datasheet
171Kb / 23P
   CMOS IC Internal 32K/24K/16K-byte ROM and 1024-byte RAM 8-bit 1-chip Microcontroller
LC876D08A SANYO-LC876D08A Datasheet
141Kb / 19P
   CMOS IC ROM 16K/8K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F7J32A SANYO-LC87F7J32A Datasheet
209Kb / 29P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F2832A SANYO-LC87F2832A_09 Datasheet
165Kb / 27P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F5G32A SANYO-LC87F5G32A Datasheet
153Kb / 23P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F2832A SANYO-LC87F2832A Datasheet
180Kb / 27P
   CMOS IC FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F7032A SANYO-LC87F7032A Datasheet
136Kb / 21P
   CMOS IC FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC877424A SANYO-LC877424A Datasheet
342Kb / 22P
   8 Bit Single Chip Microcontroller Incorporating 48K/40K/32K/24K Byte ROM and 1536 byte RAM on Chip
LC875164A SANYO-LC875164A Datasheet
786Kb / 25P
   8-Bit Single Chip Microcontroller with 64/48/32K-Byte ROM and 1024-Byte RAM On Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com