Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG2026DQ-T1-E3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # DG2026DQ-T1-E3
Description  High-Bandwidth, Low Voltage, Dual SPDT Analog Switches
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG2026DQ-T1-E3 Datasheet(HTML) 1 Page - Vishay Siliconix

  DG2026DQ-T1-E3 Datasheet HTML 1Page - Vishay Siliconix DG2026DQ-T1-E3 Datasheet HTML 2Page - Vishay Siliconix DG2026DQ-T1-E3 Datasheet HTML 3Page - Vishay Siliconix DG2026DQ-T1-E3 Datasheet HTML 4Page - Vishay Siliconix DG2026DQ-T1-E3 Datasheet HTML 5Page - Vishay Siliconix DG2026DQ-T1-E3 Datasheet HTML 6Page - Vishay Siliconix DG2026DQ-T1-E3 Datasheet HTML 7Page - Vishay Siliconix DG2026DQ-T1-E3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Vishay Siliconix
DG2016, DG2026
Document Number: 72030
S11-1185-Rev. D, 13-Jun-11
www.vishay.com
1
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
High-Bandwidth, Low Voltage, Dual SPDT Analog Switches
DESCRIPTION
The
DG2016/DG2026
are
monolithic
CMOS
dual
single-pole/double-throw (SPDT) analog switchs. They are
specifically
designed
for
low-voltage,
high
bandwidth
applications.
The DG2016/DG2026’s on-resistance (3
 at 2.7 V),
matching and flatness are guaranteed over the entire analog
voltage range. Wide dynamic performance is achieved with
better than - 80 dB for both cross-talk and off-isolation at
1MHz.
Both SPDT’s operate with independent control logic,
conduct equally well in both directions and block signals up
to the power supply level when off. Break-before-make is
guaranteed.
With
fast
switching
speeds,
low
on-resistance,
high
bandwidth, and low charge injection, the DG2016/DG2026
are ideally suited for audio and video switching with high
linearity.
Built on Vishay Siliconix’s low voltage CMOS technology, the
DG2016/DG2026 contain an epitaxial layer which prevents
latch-up
FEATURES
Halogen-free according to IEC 61249-2-21
Definition
Single Supply (1.8 V to 5.5 V)
Low On-Resistance - RON: 2.4 
Crosstalk and Off Isolation: - 81 dB at 1 MHz
MSOP-10 Package
Compliant to RoHS Directive 2002/95/EC
BENEFITS
Reduced Power Consumption
High Accuracy
Reduce Board Space
Low-Voltage Logic Compatible
High Bandwidth
APPLICATIONS
Cellular Phones
Speaker Headset Switching
Audio and Video Signal Routing
PCMCIA Cards
Low-Voltage Data Acquisition
•ATE
FUNCTIONAL BLOCK DIAGRAM AND PIN CONFIGURATION
COM1
NC1
V+
1
2
3
10
9
Top View
IN1
NO1
GND
8
DG2016DQ – MSOP-10
NC2
COM2
4
5
7
NO2
IN2
6
COM1
NO1
V+
1
2
3
10
9
Top View
IN1
NC1
GND
8
DG2026DQ – MSOP-10
NO2
COM2
4
5
7
NC2
IN2
6
TRUTH TABLE
Logic
NC1 and NC2
NO1 and NO2
0ON
OFF
1OFF
ON
ORDERING INFORMATION
Temp Range
Package
Part Number
- 40 °C to 85 °C
MSOP-10
DG2016DQ-T1-E3
DG2026DQ-T1-E3


Similar Part No. - DG2026DQ-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2026DQ-T1-E3 VISHAY-DG2026DQ-T1-E3 Datasheet
110Kb / 7P
   High-Bandwidth, Low Voltage, Dual SPDT Analog Switches
Rev. C, 14-May-07
DG2026DQ-T1-E3 VISHAY-DG2026DQ-T1-E3 Datasheet
134Kb / 8P
   High-Bandwidth, Low Voltage, Dual SPDT Analog Switches
01-Jan-2022
More results

Similar Description - DG2026DQ-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2519E VISHAY-DG2519E Datasheet
189Kb / 10P
   High-Bandwidth, Low Voltage, Dual SPDT Analog Switches
Rev. A, 03-Apr-17
DG2016 VISHAY-DG2016_V01 Datasheet
134Kb / 8P
   High-Bandwidth, Low Voltage, Dual SPDT Analog Switches
01-Jan-2022
DG2016 VISHAY-DG2016_08 Datasheet
110Kb / 7P
   High-Bandwidth, Low Voltage, Dual SPDT Analog Switches
Rev. C, 14-May-07
DG2032 VISHAY-DG2032 Datasheet
88Kb / 5P
   High-Bandwidth, Low Voltage, Dual SPDT Analog Switch
Rev. A, 18-Aug-03
DG2016 VISHAY-DG2016 Datasheet
62Kb / 6P
   High-Bandwidth, Low Voltage, Dual SPDT Analog Switch
Rev. A, 20-Jan-03
logo
Monolithic Power System...
EV2735DQG-00A MPS-EV2735DQG-00A Datasheet
173Kb / 4P
   Low-Voltage 0.45ohm Dual SPDT Analog Switches
logo
Vishay Siliconix
DG2535E VISHAY-DG2535E Datasheet
167Kb / 10P
   0.3 Ω, Low Voltage Dual SPDT Analog Switches
Rev. A, 30-Jan-17
logo
Monolithic Power System...
MP2735 MPS-MP2735 Datasheet
469Kb / 10P
   Low-Voltage 0.45ohm Dual SPDT Analog Switches
EVQ2735GG-00A MPS-EVQ2735GG-00A Datasheet
438Kb / 4P
   Low-Voltage 0.45ohm Dual SPDT Analog Switches
logo
Integrated Device Techn...
IDTUS4717 IDT-IDTUS4717 Datasheet
275Kb / 14P
   4.5 OHM LOW VOLTAGE, HIGH BANDWIDTH, DUAL SPDT ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com