Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT1382 Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HT1382
Description  I2C/3-Wire Real Time Clock
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1382 Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT1382 Datasheet HTML 3Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 4Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 5Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 6Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 7Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 8Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 9Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 10Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 11Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
t
CC
CE to Clock Setup
3V
¾
2
¾¾
ms
5V
¾
1
¾¾
ms
t
CCH
Clock to CE Hold
3V
¾
120
¾¾
ns
5V
¾
60
¾¾
ns
t
CWH
CE Inactive Time
3V
¾
2
¾¾
ms
5V
¾
1
¾¾
ms
t
CDZ
CE to I/O High Impedance
3V
¾¾
¾
140
ns
5V
¾¾
¾
70
ns
Timing Diagrams
Power-Down Timing
I
2C Interface
HT1382
I2C/3-Wire Real Time Clock
Rev. 1.40
7
May 27, 2011
SDA
SCL
tf
tHD:SDA
tLOW
tr
tHD:DAT
tSU:DAT
tHIGH
tSU:STA
tHD:STA
S
Sr
tSP
tSU:STO
P
tBUF
S
tAA
SDA
OUT
V D D
0 V
F S R
t


Similar Part No. - HT1382

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT1382 HOLTEK-HT1382 Datasheet
299Kb / 29P
   I2C/3-Wire Real Time Clock
HT1382 HOLTEK-HT1382_14 Datasheet
1Mb / 23P
   I2C/3-Wire Real Time Clock
More results

Similar Description - HT1382

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT1382 HOLTEK-HT1382 Datasheet
299Kb / 29P
   I2C/3-Wire Real Time Clock
HT1382 HOLTEK-HT1382_14 Datasheet
1Mb / 23P
   I2C/3-Wire Real Time Clock
logo
Seiko Instruments Inc
S-35199A01 SII-S-35199A01 Datasheet
594Kb / 54P
   3-WIRE REAL-TIME CLOCK
S35192A SII-S35192A Datasheet
2Mb / 42P
   3-WIRE REAL-TIME CLOCK
logo
ARTSCHIP ELECTRONICS CO...
DS1307 ARTSCHIP-DS1307 Datasheet
249Kb / 14P
   I2C Real-Time Clock
logo
Seiko Instruments Inc
S-35190A SII-S-35190A Datasheet
783Kb / 53P
   3-WIRE REAL-TIME CLOCK
S-35192A SII-S-35192A Datasheet
680Kb / 41P
   3-WIRE REAL-TIME CLOCK
logo
Dallas Semiconductor
DS1339 DALLAS-DS1339 Datasheet
279Kb / 18P
   I2C Serial Real-Time Clock
logo
Maxim Integrated Produc...
DS3231M MAXIM-DS3231M Datasheet
1Mb / 20P
   짹5ppm, I2C Real-Time Clock
19-5312; Rev 0; 6/10
DS3231M MAXIM-DS3231M_12 Datasheet
1Mb / 20P
   ±5ppm, I2C Real-Time Clock
Rev 4; 9/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com