Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG723DN-T1-GE4 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # DG723DN-T1-GE4
Description  1.8 V to 5.5 V, 4ohm Dual SPST Switches
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG723DN-T1-GE4 Datasheet(HTML) 4 Page - Vishay Siliconix

  DG723DN-T1-GE4 Datasheet HTML 1Page - Vishay Siliconix DG723DN-T1-GE4 Datasheet HTML 2Page - Vishay Siliconix DG723DN-T1-GE4 Datasheet HTML 3Page - Vishay Siliconix DG723DN-T1-GE4 Datasheet HTML 4Page - Vishay Siliconix DG723DN-T1-GE4 Datasheet HTML 5Page - Vishay Siliconix DG723DN-T1-GE4 Datasheet HTML 6Page - Vishay Siliconix DG723DN-T1-GE4 Datasheet HTML 7Page - Vishay Siliconix DG723DN-T1-GE4 Datasheet HTML 8Page - Vishay Siliconix DG723DN-T1-GE4 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
www.vishay.com
4
Document Number: 66586
S11-1474-Rev. E, 01-Aug-11
Vishay Siliconix
DG721, DG722, DG723
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes:
a. Room = 25 °C, Full = as determined by the operating suffix.
b. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
c. Typical values are for design aid only, not guaranteed nor subject to production testing.
d. Guarantee by design, nor subjected to production test.
e. VIN = input voltage to perform proper function.
f. Not production tested.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (V+ = 5 V)
Parameter
Symbol
Test Conditions
Otherwise Unless Specified
V+ = 5 V, ± 10 %, VIN = 0.8 or 2.4 V
e
Temp.a
Limits
- 40 °C to 85 °C
Unit
Min.b
Typ.c
Max.b
Analog Switch
Analog Signal Ranged
VNO, VNC
VCOM
Full
0
V+
V
On-Resistance
RON
V+ = 4.5 V, VCOM = 0 V to V+, INO, INC = 10 mA
Room
Full
2.5
4.5
5
RON Flatness
d
RON
Flatness
V+ = 4.5 V, VCOM = 1.3 V to 3 V, INO, INC = 10 mA
Room
0.75
1.5
RON Match
d
RON
Match
V+ = 4.5 V, ID = 10 mA, VCOM = 1.3 V to 3 V
Room
0.2
0.9
Switch Off Leakage Current
INO(off)
INC(off)
V+ = 5.5 V
VNO, VNC = 1 V/4.5 V, VCOM = 4.5 V/1 V
Room
Full
- 0.25
- 0.35
0.25
0.35
nA
ICOM(off)
Room
Full
- 0.25
- 0.35
0.25
0.35
Channel-On Leakage Current
ICOM(on)
V+ = 5.5 V
VNO, VNC = VCOM = 1 V/4.5 V
Room
Full
- 0.25
- 0.35
0.25
0.35
Digital Control
Input High Voltage
VINH
Full
2.4
V
Input Low Voltage
VINL
Full
0.8
Input Capacitance
Cin
f = 1 MHz
Full
2.2
pF
Input Current
IINL or IINH
VIN = 0 or V+
Full
- 0.1
0.005
0.1
µA
Dynamic Characteristics
Turn-On Timed
tON
VNO or VNC = 3 V, RL = 300 , CL = 35 pF
figures 1 and 2
Room
Full
17
30
40
ns
Turn-Off Timed
tOFF
Room
Full
9
35
Charge Injectiond
QINJ
CL = 1 nF, VGEN = 0 V, RGEN = 0 , figure 3
Room
2.2
pC
Bandwidthd
BW
V+ = 5 V, RL = 50 , CL = 5 pF, - 3 dB
Room
366
MHz
Off-Isolationd
OIRR
RL = 50 , CL = 5 pF, f = 1 MHz
Room
- 67
dB
Crosstalkd
XTALK
Room
- 90
Off-Isolationd
OIRR
RL = 50 , CL = 5 pF, f = 10 MHz
Room
- 47
Crosstalkd
XTALK
Room
- 90
Source-Off Capacitanced
CNC/NO(off)
VIN = 0 or V+, f = 1 MHz
Room
8
pF
Drain-Off Capacitanced
CCOM(off)
Room
9
Channel-On Capacitanced
CON
Room
22
Power Supply
Power Supply Range
V+
2.6
4.3
V
Power Supply Current
I+
VIN = 0 or V+, V+ = 5.5 V
Full
2µA


Similar Part No. - DG723DN-T1-GE4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG723DN-T1-GE4 VISHAY-DG723DN-T1-GE4 Datasheet
194Kb / 10P
   1.8 V to 5.5 V, 4 ??Dual SPST Switches
01-Jan-2022
More results

Similar Description - DG723DN-T1-GE4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG721 VISHAY-DG721_V01 Datasheet
194Kb / 10P
   1.8 V to 5.5 V, 4 ??Dual SPST Switches
01-Jan-2022
logo
Analog Devices
ADG821 AD-ADG821 Datasheet
333Kb / 12P
   <1 ??CMOS 1.8 V to 5.5 V, Dual SPST Switches
REV. 0
ADG801BRMZ AD-ADG801BRMZ Datasheet
298Kb / 16P
   <0.4 廓 CMOS 1.8 V to 5.5 V SPST Switches
REV. B
logo
Vishay Siliconix
DG2537 VISHAY-DG2537 Datasheet
156Kb / 9P
   4ohm Dual SPST Switches
Rev. A, 01-Aug-11
DG3537 VISHAY-DG3537_11 Datasheet
113Kb / 10P
   4ohm, 360 MHz, Dual SPST Analog Switches
Rev. D, 28-Feb-11
logo
Analog Devices
ADG901 AD-ADG901_15 Datasheet
875Kb / 17P
   1.65 V to 2.75 V, SPST Switches
REV. B
ADG902 AD-ADG902_15 Datasheet
875Kb / 17P
   1.65 V to 2.75 V, SPST Switches
REV. B
ADG819BRTZ-REEL7 AD-ADG819BRTZ-REEL7 Datasheet
283Kb / 12P
   0.5 n CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV. 0
ADG819 AD-ADG819 Datasheet
195Kb / 12P
   0.5 OHM CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV. 0
ADG622BRMZ AD-ADG622BRMZ Datasheet
378Kb / 12P
   CMOS 5 V/5 V, 4 Dual SPST Switches
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com