Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG723 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # DG723
Description  1.8 V to 5.5 V, 4ohm Dual SPST Switches
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG723 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button DG723 Datasheet HTML 2Page - Vishay Siliconix DG723 Datasheet HTML 3Page - Vishay Siliconix DG723 Datasheet HTML 4Page - Vishay Siliconix DG723 Datasheet HTML 5Page - Vishay Siliconix DG723 Datasheet HTML 6Page - Vishay Siliconix DG723 Datasheet HTML 7Page - Vishay Siliconix DG723 Datasheet HTML 8Page - Vishay Siliconix DG723 Datasheet HTML 9Page - Vishay Siliconix DG723 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
www.vishay.com
6
Document Number: 66586
S11-1474-Rev. E, 01-Aug-11
Vishay Siliconix
DG721, DG722, DG723
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise noted)
TEST CIRCUITS
Insertion Loss vs. Frequency
Crosstalk vs. Frequency
- 8
- 7
- 6
- 5
- 4
- 3
- 2
- 1
0
Frequency (MHz)
1
10
100
1000
10 000
- 100
- 90
- 80
- 70
- 60
- 50
- 40
- 30
- 20
- 10
0
Frequency (MHz)
1
10
100
1000
Off Isolation vs. Frequency
Charge Injection vs. Analog Voltage
- 100
- 90
- 80
- 70
- 60
- 50
- 40
- 30
- 20
- 10
0
Frequency (MHz)
1
10
100
1000
- 5
- 4
- 3
- 2
- 1
0
1
2
3
4
5
0123456
Source Volts
V+ = 2.7 V
V+ = 3 V
V+ = 4.5 V
V+ = 5.5 V
CL = 1 nF
Figure 1. Switching Time
Switch
Input
CL (includes fixture and stray capacitance)
V+
IN
NO or NC
CL
35 pF
COM
Logic
Input
RL
300
Ω
VOUT
GND
V+
50 %
0 V
Logic
Input
Switch
Output
tON
tOFF
Logic "1" = Switch On
Logic input waveforms inverted for switches that have
the opposite logic sense.
Switch Output
0.9 x VOUT
tr < 5 ns
tf < 5 ns
VINH
VINL
V
OUT =VCOM
R
L
R
L +RON


Similar Part No. - DG723

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG723 VISHAY-DG723 Datasheet
194Kb / 10P
   1.8 V to 5.5 V, 4 ??Dual SPST Switches
01-Jan-2022
DG723DN-T1-GE4 VISHAY-DG723DN-T1-GE4 Datasheet
194Kb / 10P
   1.8 V to 5.5 V, 4 ??Dual SPST Switches
01-Jan-2022
DG723DQ-T1-GE3 VISHAY-DG723DQ-T1-GE3 Datasheet
194Kb / 10P
   1.8 V to 5.5 V, 4 ??Dual SPST Switches
01-Jan-2022
More results

Similar Description - DG723

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG721 VISHAY-DG721_V01 Datasheet
194Kb / 10P
   1.8 V to 5.5 V, 4 ??Dual SPST Switches
01-Jan-2022
logo
Analog Devices
ADG821 AD-ADG821 Datasheet
333Kb / 12P
   <1 ??CMOS 1.8 V to 5.5 V, Dual SPST Switches
REV. 0
ADG801BRMZ AD-ADG801BRMZ Datasheet
298Kb / 16P
   <0.4 廓 CMOS 1.8 V to 5.5 V SPST Switches
REV. B
logo
Vishay Siliconix
DG2537 VISHAY-DG2537 Datasheet
156Kb / 9P
   4ohm Dual SPST Switches
Rev. A, 01-Aug-11
DG3537 VISHAY-DG3537_11 Datasheet
113Kb / 10P
   4ohm, 360 MHz, Dual SPST Analog Switches
Rev. D, 28-Feb-11
logo
Analog Devices
ADG901 AD-ADG901_15 Datasheet
875Kb / 17P
   1.65 V to 2.75 V, SPST Switches
REV. B
ADG902 AD-ADG902_15 Datasheet
875Kb / 17P
   1.65 V to 2.75 V, SPST Switches
REV. B
ADG819BRTZ-REEL7 AD-ADG819BRTZ-REEL7 Datasheet
283Kb / 12P
   0.5 n CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV. 0
ADG819 AD-ADG819 Datasheet
195Kb / 12P
   0.5 OHM CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV. 0
ADG622BRMZ AD-ADG622BRMZ Datasheet
378Kb / 12P
   CMOS 5 V/5 V, 4 Dual SPST Switches
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com