Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT82B60R Datasheet(PDF) 35 Page - Holtek Semiconductor Inc

Part # HT82B60R
Description  I/O MCU with USB Interface
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82B60R Datasheet(HTML) 35 Page - Holtek Semiconductor Inc

Back Button HT82B60R Datasheet HTML 31Page - Holtek Semiconductor Inc HT82B60R Datasheet HTML 32Page - Holtek Semiconductor Inc HT82B60R Datasheet HTML 33Page - Holtek Semiconductor Inc HT82B60R Datasheet HTML 34Page - Holtek Semiconductor Inc HT82B60R Datasheet HTML 35Page - Holtek Semiconductor Inc HT82B60R Datasheet HTML 36Page - Holtek Semiconductor Inc HT82B60R Datasheet HTML 37Page - Holtek Semiconductor Inc HT82B60R Datasheet HTML 38Page - Holtek Semiconductor Inc HT82B60R Datasheet HTML 39Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 70 page
background image
HT82B60R
Rev. 1.10
35
February 1, 2011
The MISC register combines a command and status to control desired endpoint FIFO action and to show the status of
the desired endpoint FIFO. The MISC will be cleared by the USB reset signal.
Bit No.
Label
R/W
Function
0
REQ
R/W
After setting the other status of the desired one in the MISC, endpoint FIFO can be
requested by setting this bit to
²1². After the task is completed, this bit must be
cleared to
²0².
1
TX
R/W
This bit defines the direction of data transferring between the MCU and endpoint
FIFO. When the TX is set to
²1², this means that the MCU wants to write data to the
endpoint FIFO. After the task is completed, this bit must be cleared to
²0² before ter-
minating the request to represent the end of transferring. For a read action, this bit
has to be cleared to
²0² to represent that MCU wants to read data from the endpoint
FIFO and has to be set to
²1² after completion.
2
CLEAR
R/W
Clear the requested endpoint FIFO, even if the endpoint FIFO is not ready.
4
3
SELP1
SELP0
R/W
Defines which endpoint FIFO is selected, SELP1,SELP0:
00: endpoint FIFO0
01: endpoint FIFO1
10: endpoint FIFO2
11: endpoint FIFO3
5
SCMD
R/W
Used to show that the data in the endpoint FIFO is a SETUP command. This bit has
to be cleared by firmware. That is to say, even if the MCU is busy, the device will not
miss any SETUP commands from the host.
6
READY
R
Read only status bit, this bit is used to indicate that the desired endpoint FIFO is
ready for operation.
7
LEN0
R/W
Used to indicate that a 0-sized packet has been sent from a host to the MCU. This bit
should be cleared by firmware.
MISC (46H) Register
The MCU can communicate with the endpoint FIFO by setting the corresponding registers, of which the address is
listed in the following table. After reading the current data, the next data will show after 2
ms, this is used to check the
endpoint FIFO status and response to the MISC register, if the read/write action is still going on.
Registers
R/W
Address
Bit7~Bit0
FIFO0
R/W
48H
Data7~Data0
FIFO1
R/W
49H
Data7~Data0
FIFO2
R/W
4AH
Data7~Data0
FIFO3
R/W
4BH
Data7~Data0
There are some timing constrains and usages illustrated here. By setting the MISC register, the MCU can perform read-
ing, writing and clearing actions. There are some examples shown in the following table for endpoint FIFO reading, writ-
ing and clearing.
Actions
MISC Setting Flow and Status
Read FIFO0 sequence
00H
®01H®delay 2ms, check 41H®read* from FIFO0 register and
check not ready (01H)
®03H®02H
Write FIFO0 sequence
02H
®03H®delay 2ms, check 43H®write* to FIFO0 register and
check not ready (03H)
®01H®00H
Check whether FIFO0 can be read or not
00H
®01H®delay 2ms, check 41H (ready) or 01H (not ready)®00H
Check whether FIFO0 can be written or not
02H
®03H®delay 2ms, check 43H (ready) or 03H (not ready)®02H
Write 0-sized packet sequence to FIFO0
02H
®03H®delay 2ms, check 43H®01H®00H
Clear FIFO1 sequence
01H
®delay 2ms®05H®delay 2ms®00H
Note:
*: There is a 2
ms time between 2 read actions or between 2 write actions.


Similar Part No. - HT82B60R

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82B40A HOLTEK-HT82B40A Datasheet
416Kb / 57P
   I/O MCU with USB Interface
HT82B40A HOLTEK-HT82B40A Datasheet
392Kb / 58P
   I/O MCU with USB Interface
HT82B40A HOLTEK-HT82B40A Datasheet
370Kb / 54P
   I/O 8-Bit MCU with USB Interface
HT82B40R HOLTEK-HT82B40R Datasheet
416Kb / 57P
   I/O MCU with USB Interface
HT82B40R HOLTEK-HT82B40R Datasheet
392Kb / 58P
   I/O MCU with USB Interface
More results

Similar Description - HT82B60R

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82B40R HOLTEK-HT82B40R Datasheet
416Kb / 57P
   I/O MCU with USB Interface
HT82B40R HOLTEK-HT82B40R_11 Datasheet
392Kb / 58P
   I/O MCU with USB Interface
HT82B42R HOLTEK-HT82B42R Datasheet
3Mb / 86P
   I/O MCU with USB Interface
HT82B42R HOLTEK-HT82B42R_14 Datasheet
3Mb / 84P
   I/O MCU with USB Interface
HT82B40R HOLTEK-HT82B40R_14 Datasheet
370Kb / 54P
   I/O 8-Bit MCU with USB Interface
HT68FB30 HOLTEK-HT68FB30 Datasheet
208Kb / 26P
   Enhanced I/O Flash Type 8-Bit MCU with EEPROM & USB Interface
HT68FB540 HOLTEK-HT68FB540 Datasheet
5Mb / 199P
   I/O Flash USB 8-Bit MCU with SPI
HT82A525R HOLTEK-HT82A525R_16 Datasheet
385Kb / 71P
   I/O Type USB 8-Bit OTP MCU with SPI
HT82A525R HOLTEK-HT82A525R_12 Datasheet
446Kb / 71P
   I/O Type USB 8-Bit OTP MCU with SPI
HT82A525R HOLTEK-HT82A525R Datasheet
505Kb / 71P
   I/O Type USB 8-Bit OTP MCU with SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com