Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC88F52H0A Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LC88F52H0A
Description  FROM 128K byte, RAM 6K byte on-chip 16-bit 1-chip Microcontroller
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC88F52H0A Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LC88F52H0A Datasheet HTML 1Page - Sanyo Semicon Device LC88F52H0A Datasheet HTML 2Page - Sanyo Semicon Device LC88F52H0A Datasheet HTML 3Page - Sanyo Semicon Device LC88F52H0A Datasheet HTML 4Page - Sanyo Semicon Device LC88F52H0A Datasheet HTML 5Page - Sanyo Semicon Device LC88F52H0A Datasheet HTML 6Page - Sanyo Semicon Device LC88F52H0A Datasheet HTML 7Page - Sanyo Semicon Device LC88F52H0A Datasheet HTML 8Page - Sanyo Semicon Device LC88F52H0A Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
LC88F52H0A
No.A1228-5/38
Interrupts (peripheral function)
• 59 sources (32 modules), 14 vector addresses
1) Provides three levels (low (L), high (H), and highest (X)) of multiplex interrupt control. Any interrupt requests of
the level equal to or lower than the current interrupt are not accepted.
2) When interrupt requests to two or more vector addresses occur at the same time, the interrupt of the highest level
takes precedence over the other interrupts. For interrupts of the same level, the interrupt into the smallest vector
address takes precedence.
No.
Vector Address
Interrupt Source
1
08000H
Watchdog timer (1)
2
08004H
Base timer (2)
3
08008H
Timer 0 (2)
4
0800CH
INT0 (1)
5
08014H
INT1 (1)
6
08018H
INT2 (1)/timer 1 (2)/UART2 (4)
7
0801CH
INT3 (1)/timer 2 (4)/SMIIC0 (1)/SLIIC1 (1)
8
08020H
INT4 (1)/timer 3 (2)
9
08024H
INT5 (1)/timer 4 (1)/SIO1 (2)
10
0802CH
PWM0 (1)/SMIIC1(1)
11
08030H
ADC (1)/timer 5 (1)
12
08034H
INT6 (1)/timer 6 (1)/UART 3 (4)
13
08038H
INT7 (1)/SIO0 (2)/SIO0(2)/USRT4 (4)
14
0803CH
Port 0 (3)/Port 5 (8)/RTC (1)
• 3 priority levels selectable.
• Of interrupts of the same level, the one with the smallest vector address takes precedence.
• A number enclosed in parentheses denotes the number of sources.
Subroutine Stack: 24K-byte RAM area
• Subroutine calls that automatically save PSW, interrupt vector calls: 6 bytes
• Subroutine calls that do not automatically save PSW: 4 bytes
Multiplication/division instructions
• 16 bits × 16 bits (18 tCYC execution time)
• 16 bits ÷ 16 bits (18 to 19 tCYC execution time)
• 32 bits ÷ 16 bits (18 to 19 tCYC execution time)
Oscillator circuits
• RC oscillator circuit (internal): For system clock
• CF oscillator circuit (built-in Rf circuit): For system clock (OSC1)
• VCO oscillator circuit: For system clock (OSC1)
• Crystal oscillator circuit (built-in Rf circuit): For low-speed system clock (OSC0)
• SLRC oscillator circuit (internal): For system clock (In the case of exception processing)
System clock divider function
• Can run on low current.
• 1/1 to 1/128 of the system clock frequency can be set.


Similar Part No. - LC88F52H0A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC88F52H0A ONSEMI-LC88F52H0A Datasheet
220Kb / 38P
   16-bit 1-chip Microcontroller
May, 2013 Ver.1.03
More results

Similar Description - LC88F52H0A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC88F5LA4ACS SANYO-LC88F5LA4ACS Datasheet
227Kb / 33P
   FROM 96K byte, RAM 6K byte on-chip 16-bit 1-chip Microcontroller
LC87F83C8A SANYO-LC87F83C8A Datasheet
255Kb / 31P
   FROM 128K byte, RAM 6K byte on-chip 8-bit ETR Microcontroller
LC88F83B0A SANYO-LC88F83B0A Datasheet
160Kb / 25P
   FROM 128K byte, RAM 4096K byte on-chip 16-bit 1-chip Microcontroller
LC88F58B0A SANYO-LC88F58B0A Datasheet
160Kb / 25P
   FROM 128K byte, RAM 4096K byte on-chip 16-bit 1-chip Microcontroller
LC87F5WC8A SANYO-LC87F5WC8A Datasheet
161Kb / 27P
   FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F76C8A SANYO-LC87F76C8A Datasheet
163Kb / 24P
   FROM 128K byte, RAM 4K byte on-chip 8-bit 1-chip Microcontroller
LC87F7CC8A SANYO-LC87F7CC8A Datasheet
157Kb / 21P
   FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F7DC8A SANYO-LC87F7DC8A_10 Datasheet
171Kb / 26P
   FROM 128K byte, RAM 4K byte on-chip 8-bit 1-chip Microcontroller
LC87F5JC8A SANYO-LC87F5JC8A Datasheet
156Kb / 25P
   FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC88F85D0A SANYO-LC88F85D0A Datasheet
264Kb / 31P
   FROM 256K byte, RAM 8K byte on-chip 16-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com