Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG613AEY-T1-E3 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # DG613AEY-T1-E3
Description  1 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG613AEY-T1-E3 Datasheet(HTML) 3 Page - Vishay Siliconix

  DG613AEY-T1-E3 Datasheet HTML 1Page - Vishay Siliconix DG613AEY-T1-E3 Datasheet HTML 2Page - Vishay Siliconix DG613AEY-T1-E3 Datasheet HTML 3Page - Vishay Siliconix DG613AEY-T1-E3 Datasheet HTML 4Page - Vishay Siliconix DG613AEY-T1-E3 Datasheet HTML 5Page - Vishay Siliconix DG613AEY-T1-E3 Datasheet HTML 6Page - Vishay Siliconix DG613AEY-T1-E3 Datasheet HTML 7Page - Vishay Siliconix DG613AEY-T1-E3 Datasheet HTML 8Page - Vishay Siliconix DG613AEY-T1-E3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Document Number: 69904
S11-1066-Rev. C, 30-May-11
www.vishay.com
3
Vishay Siliconix
DG611A, DG612A, DG613A
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes:
a. Signals on SX, DX, or INX exceeding V + or V - will be clamped by internal diodes. Limit forward diode current to maximum current ratings.
b. All leads welded or soldered to PC Board.
c. Derate 5.6 mW/°C above 70 °C.
d. Derate 6.6 mW/°C above 70 °C.
e. Derate 8 mW/°C above 70 °C.
f. Manual soldering with iron is not recommended for leadless components. The miniQFN-16 is a leadless package. The end of the lead terminal
is exposed copper (not plated) as a result of the singulation process in manufacturing. A solder fillet at the exposed copper lip cannot be
guaranteed and is not required to ensure adequate bottom side solder interconnection.
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
Parameter
Limit
Unit
V + to V -
14
V
GND to V -
7
Digital Inputsa, VS, VD
(V -) - 0.3 V to (V +) + 0.3 V
or 30 mA, whichever occurs first
Continuous Current (Any Terminal)
30
mA
Peak Current, S or D (Pulsed 1 ms, 10 % Duty Cycle)
100
Storage Temperature
- 65 to 150
°C
Power Dissipation (Package)b
16-pin TSSOPc
450
mW
16-pin miniQFNd
525
16-pin Narrow SOICe
640
Thermal Resistance (Package)b
16-pin TSSOP
178
°C/W
16-pin miniQFN
152
16-pin Narrow SOIC
125


Similar Part No. - DG613AEY-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG613AEY-T1-E3 VISHAY-DG613AEY-T1-E3 Datasheet
194Kb / 11P
   1 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
Rev. A, 04-Feb-08
DG613AEY-T1-E3 VISHAY-DG613AEY-T1-E3 Datasheet
327Kb / 17P
   1 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
08-Feb-17
More results

Similar Description - DG613AEY-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG611A VISHAY-DG611A_V01 Datasheet
327Kb / 17P
   1 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
08-Feb-17
DG611A VISHAY-DG611A Datasheet
194Kb / 11P
   1 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
Rev. A, 04-Feb-08
DG611E VISHAY-DG611E Datasheet
410Kb / 18P
   1.4 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
Rev. A, 24-Apr-17
DG611E VISHAY-DG611E_V01 Datasheet
441Kb / 18P
   1.4 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
01-Jan-2022
logo
Analog Devices
ADG612 AD-ADG612_15 Datasheet
361Kb / 16P
   1 pC Charge Injection, 100 pA Leakage
REV. A
ADG636 AD-ADG636_15 Datasheet
498Kb / 16P
   1 pC Charge Injection, 100 pA Leakage
REV. B
ADG613 AD-ADG613_15 Datasheet
361Kb / 16P
   1 pC Charge Injection, 100 pA Leakage
REV. A
ADG604 AD-ADG604_15 Datasheet
162Kb / 12P
   1 pC Charge Injection, 100 pA Leakage
REV. 0
ADG611 AD-ADG611_15 Datasheet
361Kb / 16P
   1 pC Charge Injection, 100 pA Leakage
REV. A
ADG611 AD-ADG611_09 Datasheet
361Kb / 16P
   1 pC Charge Injection, 100 pA Leakage, CMOS, 짹5 V/5 V/3 V, Quad SPST Switches
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com