Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG613AEY-T1-E3 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # DG613AEY-T1-E3
Description  1 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG613AEY-T1-E3 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button DG613AEY-T1-E3 Datasheet HTML 2Page - Vishay Siliconix DG613AEY-T1-E3 Datasheet HTML 3Page - Vishay Siliconix DG613AEY-T1-E3 Datasheet HTML 4Page - Vishay Siliconix DG613AEY-T1-E3 Datasheet HTML 5Page - Vishay Siliconix DG613AEY-T1-E3 Datasheet HTML 6Page - Vishay Siliconix DG613AEY-T1-E3 Datasheet HTML 7Page - Vishay Siliconix DG613AEY-T1-E3 Datasheet HTML 8Page - Vishay Siliconix DG613AEY-T1-E3 Datasheet HTML 9Page - Vishay Siliconix DG613AEY-T1-E3 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
www.vishay.com
6
Document Number: 69904
S11-1066-Rev. C, 30-May-11
Vishay Siliconix
DG611A, DG612A, DG613A
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes:
a. VIN = input voltage to perform proper function.
b. Room = 25 °C, Full = as determined by the operating temperature suffix.
c. Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
d. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
e. Guaranteed by design, not subject to production test.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS FOR UNIPOLAR SUPPLIES (V + = + 3 V, V - = 0 V)
Parameter
Symbol
Test Conditions
Unless Otherwise Specified
V+ = + 3 V, V- = 0 V
VIN = 1.4 V, 0.6 V
a
Temp.b
Typ.c
- 40 °C to 125 °C - 40 °C to 85 °C
Unit
Min.d
Max.d
Min.d
Max.d
Analog Switch
Analog Signal Rangee
VANALOG
Full
0303
V
On-Resistance
RON
IS = 1 mA, VD = + 1.5 V
Room
Full
195
235
300
235
280
Switch Off
Leakage Current
IS(off)
V + = 3.3 V, V- = 0 V
VD = 3 V/0.3 V
VS = 0.3 V/3 V
Room
Full
± 0.02
- 0.1
- 2
0.1
2
- 0.1
- 0.25
0.1
0.25
nA
ID(off)
Room
Full
± 0.02
- 0.1
- 2
0.1
2
- 0.1
- 0.25
0.1
0.25
Switch On
Leakage Current
ID(on)
V + = 3.3 V, V- = 0 V
VD = VS = 0.3 V/3 V
Room
Full
± 0.02
- 0.1
- 6
0.1
6
- 0.1
- 0.25
0.1
0.25
Digital Control
Input Current, VIN Low
IIL
VIN Under Test = 0.6 V
Full
0.005
- 0.1
0.1
- 0.1
0.1
µA
Input Current, VIN High
IIH
VIN Under Test = 1.4 V
Full
0.005
- 0.1
0.1
- 0.1
0.1
Input Capacitancee
CIN
f = 1 MHz
Room
2
pF
Dynamic Characteristics
Turn-On Time
tON
RL = 300 , CL = 35 pF
VS = 2 V, see figure 1
Room
Full
87
125
180
125
170
ns
Turn-Off Time
tOFF
Room
Full
33
55
65
55
60
Break-Before-Make
Time Delay
tBBM
DG613 only, VS = 2 V
RL = 300 , CL = 35 pF
Room
Full
60
10
10
Charge Injectione
Q
Vg = 0 V, Rg = 0 , CL = 1 nF
Room
2.3
pC
Off Isolatione
OIRR
RL = 50 , CL = 5 pF
f = 10 MHz
Room
- 60
dB
Channel-to-Channel
Crosstalke
XTALK
Room
- 90
3 dB Bandwidthe
BW
RL = 50 , CL = 5 pF
Room
550
MHz
Source Off Capacitancee
CS(off)
f = 1 MHz; VS = 0 V
Room
5
pF
Drain Off Capacitancee
CD(off)
Room
6
Drain On Capacitancee
CD(on)
f = 1 MHz; VS = VD = 0 V
Room
9
Power Supplies
Power Supply Current
I+
VIN = 0 V or 3 V
Room
Full
0.001
0.1
1
0.1
1
µA
Negative Supply Current
I-
Room
Full
- 0.001
- 0.1
- 1
- 0.1
- 1
Ground Current
IGND
Room
Full
- 0.001
- 0.1
- 1
- 0.1
- 1


Similar Part No. - DG613AEY-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG613AEY-T1-E3 VISHAY-DG613AEY-T1-E3 Datasheet
194Kb / 11P
   1 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
Rev. A, 04-Feb-08
DG613AEY-T1-E3 VISHAY-DG613AEY-T1-E3 Datasheet
327Kb / 17P
   1 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
08-Feb-17
More results

Similar Description - DG613AEY-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG611A VISHAY-DG611A_V01 Datasheet
327Kb / 17P
   1 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
08-Feb-17
DG611A VISHAY-DG611A Datasheet
194Kb / 11P
   1 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
Rev. A, 04-Feb-08
DG611E VISHAY-DG611E Datasheet
410Kb / 18P
   1.4 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
Rev. A, 24-Apr-17
DG611E VISHAY-DG611E_V01 Datasheet
441Kb / 18P
   1.4 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
01-Jan-2022
logo
Analog Devices
ADG612 AD-ADG612_15 Datasheet
361Kb / 16P
   1 pC Charge Injection, 100 pA Leakage
REV. A
ADG636 AD-ADG636_15 Datasheet
498Kb / 16P
   1 pC Charge Injection, 100 pA Leakage
REV. B
ADG613 AD-ADG613_15 Datasheet
361Kb / 16P
   1 pC Charge Injection, 100 pA Leakage
REV. A
ADG604 AD-ADG604_15 Datasheet
162Kb / 12P
   1 pC Charge Injection, 100 pA Leakage
REV. 0
ADG611 AD-ADG611_15 Datasheet
361Kb / 16P
   1 pC Charge Injection, 100 pA Leakage
REV. A
ADG611 AD-ADG611_09 Datasheet
361Kb / 16P
   1 pC Charge Injection, 100 pA Leakage, CMOS, 짹5 V/5 V/3 V, Quad SPST Switches
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com