Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG642 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # DG642
Description  Low On-Resistance Wideband/Video Switches
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG642 Datasheet(HTML) 5 Page - Vishay Siliconix

  DG642 Datasheet HTML 1Page - Vishay Siliconix DG642 Datasheet HTML 2Page - Vishay Siliconix DG642 Datasheet HTML 3Page - Vishay Siliconix DG642 Datasheet HTML 4Page - Vishay Siliconix DG642 Datasheet HTML 5Page - Vishay Siliconix DG642 Datasheet HTML 6Page - Vishay Siliconix DG642 Datasheet HTML 7Page - Vishay Siliconix DG642 Datasheet HTML 8Page - Vishay Siliconix DG642 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Document Number: 70058
S11-0154-Rev. F, 31-Jan-11
www.vishay.com
5
Vishay Siliconix
DG641, DG642, DG643
TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise noted)
Supply Current vs. Temperature
DG641, DG643
RDS(on) vs. Drain Voltage
On Capacitance
6
5
4
3
2
1
0
- 1
- 2
- 3
- 4
- 5
- 55
- 35
- 15
5
25
45
65
85 105
125
I +
I -
IGND
Temperature (°C)
40
30
20
10
0
- 3
- 1
1
3
5
7
9
11
V+ = 15 V
V- = - 3 V
125 °C
25 °C
- 55 °C
VD - Drain V oltage (V)
22
20
18
16
14
12
10
8
6
12
10
8
6
4
2
0
(VD) - (V-)
DG642
DG641, DG643
Leakages vs. Temperature
DG642
RDS(on) vs. Drain Voltage
Off Isolation
- 55
0
125
100 nA
10 nA
1 nA
100 pA
10 pA
1 pA
Temperature (°C)
0.1 pA
- 25
25
50
75
100
20
15
10
5
0
- 3
- 1
1
3
5
7
9
11
V+ = 15 V
V- = - 3 V
VD - Drain Voltage (V)
125 °C
25 °C
- 55 °C
Temperature (°C)
120
100
80
20
0
- 55 - 40
- 20
0
20
40
60
80
100
120
40
60
V+ = 15 V, V- = - 15 V
VL = 5 V, VIN = 3 V Pulse
tOFF
tON


Similar Part No. - DG642

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG642 VISHAY-DG642 Datasheet
103Kb / 10P
   Low On-Resistance Wideband/Video Switches
Rev. E, 06-Sep-99
DG642 VISHAY-DG642 Datasheet
327Kb / 18P
   Low On-Resistance Wideband/Video Switches
Rev. F, 31-Jan-11
DG642 VISHAY-DG642 Datasheet
260Kb / 17P
   Low On-Resistance Wideband/Video Switches
08-Feb-17
DG642DJ VISHAY-DG642DJ Datasheet
103Kb / 10P
   Low On-Resistance Wideband/Video Switches
Rev. E, 06-Sep-99
DG642DJ VISHAY-DG642DJ Datasheet
260Kb / 17P
   Low On-Resistance Wideband/Video Switches
08-Feb-17
More results

Similar Description - DG642

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG642DJ-E3 VISHAY-DG642DJ-E3 Datasheet
327Kb / 18P
   Low On-Resistance Wideband/Video Switches
Rev. F, 31-Jan-11
DG641 VISHAY-DG641 Datasheet
103Kb / 10P
   Low On-Resistance Wideband/Video Switches
Rev. E, 06-Sep-99
DG641 VISHAY-DG641_V01 Datasheet
260Kb / 17P
   Low On-Resistance Wideband/Video Switches
08-Feb-17
logo
Integrated Device Techn...
IDTVS330 IDT-IDTVS330 Datasheet
168Kb / 10P
   LOW ON-RESISTANCE WIDEBAND/VIDEO QUAD 2-CH
logo
Pericom Semiconductor C...
PI5V332 PERICOM-PI5V332 Datasheet
405Kb / 7P
   Low On-Resistance Wideband/Video Quad with Individual Control
PI5V331 PERICOM-PI5V331 Datasheet
159Kb / 5P
   Low ON Resistance Wideband/Video Dual 4-Channel Mux/Demux
PI5V330 PERICOM-PI5V330_13 Datasheet
863Kb / 8P
   Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
PI5V330SWE PERICOM-PI5V330SWE Datasheet
839Kb / 8P
   Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
PI5V330A PERICOM-PI5V330A Datasheet
299Kb / 7P
   Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
PI5V330 PERICOM-PI5V330 Datasheet
426Kb / 9P
   Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com