Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG641 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # DG641
Description  Low On-Resistance Wideband/Video Switches
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG641 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button DG641_11 Datasheet HTML 2Page - Vishay Siliconix DG641_11 Datasheet HTML 3Page - Vishay Siliconix DG641_11 Datasheet HTML 4Page - Vishay Siliconix DG641_11 Datasheet HTML 5Page - Vishay Siliconix DG641_11 Datasheet HTML 6Page - Vishay Siliconix DG641_11 Datasheet HTML 7Page - Vishay Siliconix DG641_11 Datasheet HTML 8Page - Vishay Siliconix DG641_11 Datasheet HTML 9Page - Vishay Siliconix DG641_11 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
www.vishay.com
6
Document Number: 70058
S11-0154-Rev. F, 31-Jan-11
Vishay Siliconix
DG641, DG642, DG643
TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise noted)
TEST CIRCUITS
All Hostile Crosstalk
Switching Times vs. Temperature
± 10
± 11
± 12
± 13
± 14
± 15
± 16
80
70
60
50
40
V- = 0 V
VL = 5 V
VIN = 3 V
tOFF
tON
Supply Voltage (V)
- 55
0
125
- 25
25
50
75
100
90
70
60
50
40
30
20
10
0
80
Temperature (°C)
tON
tOFF
Charge Injection vs. VD
Operating Supply Voltage Range
f - Frequency (Hz)
100
140
120
100
0
80
60
40
20
DG417, DG418, DG419
Source 2
DG419
Source 1
10 k
1 M
100 M
V+ = 15 V
V- = - 15 V
VL = 5 V
1 k
100 k
10 M
10
12
14
16
18
20
- 4
- 3
- 2
- 1
0
Operating
Voltage
Area
- 6
- 5
V- - Negative Supply (V)
Figure 2. Switching Time
3 V
0
90 %
90 %
50 %
tOFF
tON
tr < 20 ns
tf < 20 ns
Logic
Input
Switch
Output
3 V
V-
V+
IN
S
CL
35 pF
D
3 V
RL
1 k
VO
- 3 V
GND
+ 15 V


Similar Part No. - DG641_11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG641DJ VISHAY-DG641DJ Datasheet
103Kb / 10P
   Low On-Resistance Wideband/Video Switches
Rev. E, 06-Sep-99
DG641DJ VISHAY-DG641DJ Datasheet
260Kb / 17P
   Low On-Resistance Wideband/Video Switches
08-Feb-17
DG641DY VISHAY-DG641DY Datasheet
103Kb / 10P
   Low On-Resistance Wideband/Video Switches
Rev. E, 06-Sep-99
DG641DY VISHAY-DG641DY Datasheet
260Kb / 17P
   Low On-Resistance Wideband/Video Switches
08-Feb-17
DG641 VISHAY-DG641_V01 Datasheet
260Kb / 17P
   Low On-Resistance Wideband/Video Switches
08-Feb-17
More results

Similar Description - DG641_11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG642DJ-E3 VISHAY-DG642DJ-E3 Datasheet
327Kb / 18P
   Low On-Resistance Wideband/Video Switches
Rev. F, 31-Jan-11
DG641 VISHAY-DG641 Datasheet
103Kb / 10P
   Low On-Resistance Wideband/Video Switches
Rev. E, 06-Sep-99
DG641 VISHAY-DG641_V01 Datasheet
260Kb / 17P
   Low On-Resistance Wideband/Video Switches
08-Feb-17
logo
Integrated Device Techn...
IDTVS330 IDT-IDTVS330 Datasheet
168Kb / 10P
   LOW ON-RESISTANCE WIDEBAND/VIDEO QUAD 2-CH
logo
Pericom Semiconductor C...
PI5V332 PERICOM-PI5V332 Datasheet
405Kb / 7P
   Low On-Resistance Wideband/Video Quad with Individual Control
PI5V331 PERICOM-PI5V331 Datasheet
159Kb / 5P
   Low ON Resistance Wideband/Video Dual 4-Channel Mux/Demux
PI5V330 PERICOM-PI5V330_13 Datasheet
863Kb / 8P
   Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
PI5V330SWE PERICOM-PI5V330SWE Datasheet
839Kb / 8P
   Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
PI5V330A PERICOM-PI5V330A Datasheet
299Kb / 7P
   Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
PI5V330 PERICOM-PI5V330 Datasheet
426Kb / 9P
   Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com