Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG541DJ-E3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # DG541DJ-E3
Description  Wideband/Video "T" Switches
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG541DJ-E3 Datasheet(HTML) 2 Page - Vishay Siliconix

  DG541DJ-E3 Datasheet HTML 1Page - Vishay Siliconix DG541DJ-E3 Datasheet HTML 2Page - Vishay Siliconix DG541DJ-E3 Datasheet HTML 3Page - Vishay Siliconix DG541DJ-E3 Datasheet HTML 4Page - Vishay Siliconix DG541DJ-E3 Datasheet HTML 5Page - Vishay Siliconix DG541DJ-E3 Datasheet HTML 6Page - Vishay Siliconix DG541DJ-E3 Datasheet HTML 7Page - Vishay Siliconix DG541DJ-E3 Datasheet HTML 8Page - Vishay Siliconix DG541DJ-E3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
www.vishay.com
2
Document Number: 70055
S11-1429–Rev. H, 18-Jul-11
Vishay Siliconix
DG540, DG541, DG542
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
FUNCTIONAL BLOCK DIAGRAM AND PIN CONFIGURATION
Logic "0"
0.8 V
Logic "1"
2 V
Logic "0"
0.8 V
Logic "1"
2 V
TRUTH TABLE - DG541
Logic
Switch
0
OFF
1ON
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Top View
IN1
IN2
D1
D2
S1
S2
V-
V+
GND
GND
S4
S3
D4
D3
IN4
IN3
DG541
Dual-In-Line and SOIC
TRUTH TABLE - DG542
Logic
SW1, SW2
SW3, SW4
0
OFF
ON
1ON
OFF
DG542
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Top View
IN1
IN2
D1
D2
GND
GND
S1
S2
V-
V+
S4
S3
GND
GND
D4
D3
Dual-In-Line and SOIC
ORDERING INFORMATION
Temp Range
Package
Part Number
DG540
- 40 to 85 °C
20-Pin Plastic DIP
DG540DJ-E3
20-Pin PLCC
DG540DN-E3
- 55 to 125 °C
20-Pin Sidebraze
DG540AP
DG540AP/883
DG541
- 40 to 85 °C
16-Pin Plastic DIP
DG541DJ-E3
16-Pin Narrow SOIC
DG541DY-T1-E3
- 55 to 125 °C
16-Pin Sidebraze
DG541AP
DG541AP/883, 5962-9076401MEA
DG542
- 40 to 85 °C
16-Pin Plastic DIP
DG542DJ-E3
16-Pin Narrow SOIC
DG542DY-T1-E3
- 55 to 125 °C
16-Pin Sidebraze
DG542AP
DG542AP/883, 5962-91555201MEA


Similar Part No. - DG541DJ-E3

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
DG541DJ TEMIC-DG541DJ Datasheet
154Kb / 10P
   Wideband/Video T Switches
logo
Vishay Siliconix
DG541DJ VISHAY-DG541DJ Datasheet
146Kb / 11P
   Wideband/Video T Switches
S-00399-Rev. G, 13-Sep-99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com