Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG529AK-883 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # DG529AK-883
Description  Latchable Single 8-Ch/Differential 4-Ch Analog Multiplexers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG529AK-883 Datasheet(HTML) 2 Page - Vishay Siliconix

  DG529AK-883 Datasheet HTML 1Page - Vishay Siliconix DG529AK-883 Datasheet HTML 2Page - Vishay Siliconix DG529AK-883 Datasheet HTML 3Page - Vishay Siliconix DG529AK-883 Datasheet HTML 4Page - Vishay Siliconix DG529AK-883 Datasheet HTML 5Page - Vishay Siliconix DG529AK-883 Datasheet HTML 6Page - Vishay Siliconix DG529AK-883 Datasheet HTML 7Page - Vishay Siliconix DG529AK-883 Datasheet HTML 8Page - Vishay Siliconix DG529AK-883 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
www.vishay.com
2
Document Number: 70068
S11-1029–Rev. D, 23-May-11
Vishay Siliconix
DG528, DG529
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TRUTH TABLES AND ORDERING INFORMATION
Logic "0" = VAL 0.8 V
Logic "1" = VAH 2.4 V
X = Don’t Care
Notes:
a. Signals on SX, DX or INX exceeding V+ or V- will be clamped by internal diodes. Limit forward diode current to maximum current ratings.
b. All leads soldered or welded to PC board.
c. Derate 6.3 mW/°C above 75 °C.
d. Derate 12 mW/°C above 75 °C.
e. Derate 10 mW/°C above 75 °C.
TRUTH TABLE - DG528
8-Channel Single-Ended Multiplexer
A2
A1
A0
EN
WR
RS
On Switch
Latching
X
X
X
X
1
Maintains previous
switch condition
Reset
X
X
X
X
X
0
None (latches cleared)
Transparent Operation
X
X
X
0
0
1
None
0
0
0
1
0
1
1
0
0
1
1
0
1
2
0
1
0
1
0
1
3
0
1
1
1
0
1
4
1
0
0
1
0
1
5
1
0
1
1
0
1
6
1
1
0
1
0
1
7
1
1
1
1
0
1
8
ORDERING INFORMATION - DG528
Temp Range
Package
Part Number
0 °C to 70 °C
18-pin Plastic DIP
DG528CJ
20-pin PLCC
DG528DN
- 25 °C to 85 °C
18-pin Cer DIP
DG528BK
- 55 °C to 125 °C
DG528AK
DG528AK/883
5962-8768901VA
TRUTH TABLE - DG529
Differential 4-Channel Multiplexer
A0
EN
WR
RS
On Switch
Latching
X
X
1
Maintains previous
switch condition
Reset
X
X
X
0
None (latches cleared)
Transparent Operation
X
0
0
1
None
0
1
0
1
1
1
1
0
1
2
0
1
0
1
3
1
1
0
1
4
ORDERING INFORMATION - DG529
Temp Range
Package
Part Number
0 °C to 70 °C
18-pin Plastic DIP
DG529CJ
- 25 °C to 85 °C
18-pin Cer DIP
DG529BK
- 55 °C to 125 °C
DG529AK/883
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Limit
Unit
Voltages Referenced to V-
V+
44
V
GND
25
Digital Inputsa, VS, VD
(V-) - 2 to (V+) + 2
or 30 mA, whichever occurs first
Current (Any Terminal Except S or D)
30
mA
Continuous Current, S or D
20
Peak Current, S or D (Pulsed at 1 ms, 10 % duty cycle max)
40
Storage Temperature
(AK, BK Suffix)
- 65 to 150
°C
(CJ, DN Suffix)
- 65 to 125
Power Dissipation (Package)b
18-pin Plastic DIPc
470
mW
18-pin CerDIPd
900
20-pin PLCCe
800


Similar Part No. - DG529AK-883

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG529AK INTERSIL-DG529AK Datasheet
308Kb / 16P
   Analog CMOS Latchable Multiplexers
April 1999
logo
Maxim Integrated Produc...
DG529AK MAXIM-DG529AK Datasheet
115Kb / 12P
   8-Channel Latchable Multiplexers
19-3519; Rev 0; 3/91
logo
Vishay Siliconix
DG529AK/883 VISHAY-DG529AK/883 Datasheet
170Kb / 11P
   Latchable Single 8-Ch/Differential 4-Ch Analog Multiplexers
08-Feb-17
logo
Intersil Corporation
DG529AK883B INTERSIL-DG529AK883B Datasheet
308Kb / 16P
   Analog CMOS Latchable Multiplexers
April 1999
More results

Similar Description - DG529AK-883

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG528 VISHAY-DG528 Datasheet
129Kb / 10P
   Latchable Single 8-Ch/Differential 4-Ch Analog Multiplexers
Rev. C, 15-Nov-93
DG428 VISHAY-DG428_11 Datasheet
179Kb / 14P
   Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
Rev. K, 04-Jul-11
DG428 VISHAY-DG428 Datasheet
131Kb / 11P
   Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
Rev. J, 06-Sep-99
DG428 VISHAY-DG428_08 Datasheet
151Kb / 12P
   Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
Rev. J, 06-Sep-99
DG528 VISHAY-DG528_V01 Datasheet
170Kb / 11P
   Latchable Single 8-Ch/Differential 4-Ch Analog Multiplexers
08-Feb-17
DG428 VISHAY-DG428_V01 Datasheet
183Kb / 14P
   Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
08-Feb-17
DG508AMIL VISHAY-DG508AMIL Datasheet
197Kb / 11P
   Single 8-Ch/Differential 4-Ch CMOS Analog Multiplexers
Rev. C, 21-Feb-00
DG458 VISHAY-DG458_08 Datasheet
131Kb / 10P
   Fault-Protected Single 8-Ch/Differential 4-Ch Analog Multiplexers
Rev. G, 11-Jun-07
DG458 VISHAY-DG458_11 Datasheet
160Kb / 13P
   Fault-Protected Single 8-Ch/Differential 4-Ch Analog Multiplexers
Rev. H, 23-May-11
DG458 VISHAY-DG458 Datasheet
90Kb / 8P
   Fault-Protected Single 8-Ch/Differential 4-Ch Analog Multiplexers
Rev. F, 06-Sep-99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com