Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG528BK Datasheet(PDF) 11 Page - Vishay Siliconix

Part # DG528BK
Description  Latchable Single 8-Ch/Differential 4-Ch Analog Multiplexers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG528BK Datasheet(HTML) 11 Page - Vishay Siliconix

Back Button DG528BK Datasheet HTML 4Page - Vishay Siliconix DG528BK Datasheet HTML 5Page - Vishay Siliconix DG528BK Datasheet HTML 6Page - Vishay Siliconix DG528BK Datasheet HTML 7Page - Vishay Siliconix DG528BK Datasheet HTML 8Page - Vishay Siliconix DG528BK Datasheet HTML 9Page - Vishay Siliconix DG528BK Datasheet HTML 10Page - Vishay Siliconix DG528BK Datasheet HTML 11Page - Vishay Siliconix DG528BK Datasheet HTML 12Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
0.101 mm
0.004
D–SQUARE
D1–SQUARE
A2
B1
e1
A1
D2
B
A
Package Information
Vishay Siliconix
Document Number: 71263
02-Jul-01
www.vishay.com
1
PLCC: 2OLEAD
MILLIMETERS
INCHES
Dim
Min
Max
Min
Max
A
4.20
4.57
0.165
0.180
A1
2.29
3.04
0.090
0.120
A2
0.51
0.020
B
0.331
0.553
0.013
0.021
B1
0.661
0.812
0.026
0.032
D
9.78
10.03
0.385
0.395
D1
8.890
9.042
0.350
0.356
D2
7.37
8.38
0.290
0.330
e1
1.27 BSC
0.050 BSC
ECN: S-03946—Rev. C, 09-Jul-01
DWG: 5306


Similar Part No. - DG528BK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG528BK INTERSIL-DG528BK Datasheet
308Kb / 16P
   Analog CMOS Latchable Multiplexers
April 1999
logo
Vishay Siliconix
DG528BK VISHAY-DG528BK Datasheet
170Kb / 11P
   Latchable Single 8-Ch/Differential 4-Ch Analog Multiplexers
08-Feb-17
More results

Similar Description - DG528BK

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG528 VISHAY-DG528 Datasheet
129Kb / 10P
   Latchable Single 8-Ch/Differential 4-Ch Analog Multiplexers
Rev. C, 15-Nov-93
DG428 VISHAY-DG428_11 Datasheet
179Kb / 14P
   Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
Rev. K, 04-Jul-11
DG428 VISHAY-DG428 Datasheet
131Kb / 11P
   Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
Rev. J, 06-Sep-99
DG428 VISHAY-DG428_08 Datasheet
151Kb / 12P
   Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
Rev. J, 06-Sep-99
DG528 VISHAY-DG528_V01 Datasheet
170Kb / 11P
   Latchable Single 8-Ch/Differential 4-Ch Analog Multiplexers
08-Feb-17
DG428 VISHAY-DG428_V01 Datasheet
183Kb / 14P
   Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
08-Feb-17
DG508AMIL VISHAY-DG508AMIL Datasheet
197Kb / 11P
   Single 8-Ch/Differential 4-Ch CMOS Analog Multiplexers
Rev. C, 21-Feb-00
DG458 VISHAY-DG458_08 Datasheet
131Kb / 10P
   Fault-Protected Single 8-Ch/Differential 4-Ch Analog Multiplexers
Rev. G, 11-Jun-07
DG458 VISHAY-DG458_11 Datasheet
160Kb / 13P
   Fault-Protected Single 8-Ch/Differential 4-Ch Analog Multiplexers
Rev. H, 23-May-11
DG458 VISHAY-DG458 Datasheet
90Kb / 8P
   Fault-Protected Single 8-Ch/Differential 4-Ch Analog Multiplexers
Rev. F, 06-Sep-99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com