Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG508BEQ-T1-E3 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # DG508BEQ-T1-E3
Description  Precision 8-Channel/Dual 4-Channel CMOS Analog Multiplexers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG508BEQ-T1-E3 Datasheet(HTML) 5 Page - Vishay Siliconix

  DG508BEQ-T1-E3 Datasheet HTML 1Page - Vishay Siliconix DG508BEQ-T1-E3 Datasheet HTML 2Page - Vishay Siliconix DG508BEQ-T1-E3 Datasheet HTML 3Page - Vishay Siliconix DG508BEQ-T1-E3 Datasheet HTML 4Page - Vishay Siliconix DG508BEQ-T1-E3 Datasheet HTML 5Page - Vishay Siliconix DG508BEQ-T1-E3 Datasheet HTML 6Page - Vishay Siliconix DG508BEQ-T1-E3 Datasheet HTML 7Page - Vishay Siliconix DG508BEQ-T1-E3 Datasheet HTML 8Page - Vishay Siliconix DG508BEQ-T1-E3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Document Number: 64821
S10-2817-Rev. D, 20-Dec-10
www.vishay.com
5
Vishay Siliconix
DG508B, DG509B
Notes:
a. VAX, VEN = input voltage perform proper function.
b. Room = 25 °C, Full = as determined by the operating temperature suffix.
c. Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
d. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this datasheet.
e. Guaranteed by design, not subject to production test.
f.
R
DS(on) = RDS(on) max. - RDS(on) min.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (Single Supply 12 V)
Parameter
Symbol
Test Conditions
Unless Otherwise Specified
V+ = 12 V, V- = 0 V (± 10 %)
VAX, VEN = 2.0 V, 0.8 V
a
Temp.b
Typ.c
- 40 °C to 125 °C
- 40 °C to 85 °C
Unit
Min.d
Max.d
Min.d
Max.d
Analog Switch
Channel On Leakage Current
ID(on)
V+ = 12 V, V- = 0 V
VS = VD = 0 V/10 V
DG508B
Room
- 11- 1
1
nA
Full
- 100
100
- 100
100
DG509B
Room
- 11- 1
1
Full
- 50
50
- 50
50
Digital Control
Logic High Input Voltage
VINH
Full
2.0
2.0
V
Logic Low Input Voltage
VINL
Full
0.8
0.8
Logic High Input Current
IIH
VAX, VEN = 2.0 V
Full
- 1
1
- 1
1
µA
Logic Low Input Current
IIL
VAX, VEN = 0.8 V
Full
- 1
1
- 1
1
Logic Input Capacitancee
Cin
f = 1 MHz
Room
4
pF
Dynamic Characteristics
Transition Time
tTRANS
VS1 = 10 V/0 V, VS8 = 0 V/10 V,
RL = 1 M, CL = 35 pF
Room
165
400
400
ns
Full
550
500
Break-Before-Make Interval
tOPEN
VS1 = VS8 = 5 V, CL = 35 pF,
RL = 1 k
Room
37
15
15
Full
1
1
Enable Turn-On Time
tON(EN)
VS1 = 5 V, VS2 to VS8 = 0 V,
RL = 1 k, CL = 35 pF
Room
125
300
300
Full
550
425
Enable Turn-Off Time
tOFF(EN)
Room
75
250
250
Full
350
300
Charge Injectione
QINJ
CL = 1 nF, RGEN = 0 , VGEN = 0 V
Full
2.5
pC
Off Isolatione
OIRR
CL = 5 pF, RL = 50 
f = 1 MHz
Room
- 80
dB
Crosstalke
XTALK
Room
- 88
- 3 dB Bandwidthe
BW
RL = 50 
Room
200
MHz
Total Harmonic Distortione
THD
RL = 10 k, 5 VRMS,
f = 20 Hz to 20 kHz
Room
0.26
%
Source Off Capacitancee
CS(off)
f = 1 MHz
Room
2
pF
Drain Off Capacitancee
CD(off)
DG508B
13
DG509B
8
Channel On Capacitancee
CD(on)
DG508B
17
DG509B
12
Power Supply
Power Supply Current
I+
VAX, VEN = 0 V, or V+
Room
0.01
0.5
0.5
mA
Full
0.6
0.6


Similar Part No. - DG508BEQ-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG508B VISHAY-DG508B Datasheet
371Kb / 21P
   Precision 8-Channel / Dual 4-Channel CMOS Analog Multiplexers
08-Feb-17
DG508B VISHAY-DG508B_V01 Datasheet
371Kb / 21P
   Precision 8-Channel / Dual 4-Channel CMOS Analog Multiplexers
08-Feb-17
More results

Similar Description - DG508BEQ-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG508B VISHAY-DG508B_V01 Datasheet
371Kb / 21P
   Precision 8-Channel / Dual 4-Channel CMOS Analog Multiplexers
08-Feb-17
logo
Maxim Integrated Produc...
MAX308 MAXIM-MAX308 Datasheet
123Kb / 12P
   Precision, 8-Channel/Dual 4-Channel, High-Performance, CMOS Analog Multiplexers
19-0271; Rev 0; 7/94
logo
Vishay Siliconix
DG506B VISHAY-DG506B Datasheet
332Kb / 17P
   Precision 16-Channel/Dual 8-Channel CMOS Analog Multiplexers
Rev. B, 22-Mar-10
DG506B VISHAY-DG506B_V01 Datasheet
298Kb / 17P
   Precision 16-Channel/Dual 8-Channel CMOS Analog Multiplexers
08-Feb-17
logo
Maxim Integrated Produc...
MAX398 MAXIM-MAX398_V01 Datasheet
564Kb / 20P
   Precision, 8-Channel/Dual 4-Channel, Low-Voltage, CMOS Analog Multiplexers
2007
MAX308CUE MAXIM-MAX308CUE Datasheet
467Kb / 12P
   Precision, 8-Channel/Dual 4-Channel, High-Performance, CMOS Analog Multiplexers
Rev 2; 8/02
MAX309EUE MAXIM-MAX309EUE Datasheet
467Kb / 12P
   Precision, 8-Channel/Dual 4-Channel, High-Performance, CMOS Analog Multiplexers
Rev 2; 8/02
MAX398 MAXIM-MAX398 Datasheet
101Kb / 12P
   Precision, 8-Channel/Dual 4-Channel, Low-Voltage, CMOS Analog Multiplexers
Rev. 2; 7/96
MAX308 MAXIM-MAX308_V01 Datasheet
467Kb / 12P
   Precision, 8-Channel/Dual 4-Channel, High-Performance, CMOS Analog Multiplexers
19-0271; Rev 2; 8/02
DG408CJ MAXIM-DG408CJ Datasheet
374Kb / 12P
   iMPROVED, 8-cHANNEL/dUAL 4-cHANNEL, cmos aNALOG mULTIPLEXERS
19-4729; Rev 3; 6/99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com