Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG506BEN-T1-GE3 Datasheet(PDF) 10 Page - Vishay Siliconix

Part # DG506BEN-T1-GE3
Description  Precision 16-Channel/Dual 8-Channel CMOS Analog Multiplexers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG506BEN-T1-GE3 Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button DG506BEN-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix DG506BEN-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix DG506BEN-T1-GE3 Datasheet HTML 8Page - Vishay Siliconix DG506BEN-T1-GE3 Datasheet HTML 9Page - Vishay Siliconix DG506BEN-T1-GE3 Datasheet HTML 10Page - Vishay Siliconix DG506BEN-T1-GE3 Datasheet HTML 11Page - Vishay Siliconix DG506BEN-T1-GE3 Datasheet HTML 12Page - Vishay Siliconix DG506BEN-T1-GE3 Datasheet HTML 13Page - Vishay Siliconix DG506BEN-T1-GE3 Datasheet HTML 14Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
www.vishay.com
10
Document Number: 65150
S10-0660-Rev. B, 22-Mar-10
Vishay Siliconix
DG506B, DG507B
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Charge Injection vs. Analog Voltage
Capacitance vs. VANALOG
Capacitance vs. VANALOG
V
S - Analog Voltage (V)
- 15
- 20
- 15
- 10
- 5
0
5
10
15
20
- 10
- 5
0
5
10
15
V+ = + 15 V
V- = - 15 V
DG506B
T = 25 °C
V+ = + 12 V
V- = 0 V
V
ANALOG (V)
0
- 15
- 10
- 5
0
5
10
15
10
20
30
40
50
55
5
15
25
35
45
60
C
D(off)
C
S(off)
C
D(on)/CS(on)
DG506B
V± = ± 15 V
T = 25 °C
V
ANALOG (V)
0
02468
10
11
13579
12
10
30
50
5
20
40
15
35
55
25
45
60
DG506B
V+ = + 12 V
T = 25 °C
C
D(on)/CS(on)
C
D(off)
C
S(off)
Charge Injection vs. Analog Voltage
Capacitance vs. VANALOG
Capacitance vs. VANALOG
V
S - Analog Voltage (V)
- 15
- 20
- 15
- 10
- 5
0
5
10
15
20
- 10
- 5
0
5
10
15
V+ = + 15 V
V- = - 15 V
DG507B
T = 25 °C
V+ = + 12 V
V- = 0 V
V
ANALOG (V)
0
- 15
- 10
- 5
0
5
10
15
10
20
30
5
15
25
35
DG507B
V± = ± 15 V
T = 25 °C
C
D(on)/CS(on)
C
D(off)
C
S(off)
V
ANALOG (V)
0
02468
10
11
13579
12
10
30
5
20
15
25
35
DG507B
V+ = + 12 V
T = 25 °C
C
D(on)/CS(on)
C
D(off)
C
S(off)


Similar Part No. - DG506BEN-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG506B VISHAY-DG506B Datasheet
298Kb / 17P
   Precision 16-Channel/Dual 8-Channel CMOS Analog Multiplexers
08-Feb-17
DG506B VISHAY-DG506B_V01 Datasheet
298Kb / 17P
   Precision 16-Channel/Dual 8-Channel CMOS Analog Multiplexers
08-Feb-17
More results

Similar Description - DG506BEN-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG506B VISHAY-DG506B_V01 Datasheet
298Kb / 17P
   Precision 16-Channel/Dual 8-Channel CMOS Analog Multiplexers
08-Feb-17
logo
Maxim Integrated Produc...
MAX307EUI MAXIM-MAX307EUI Datasheet
317Kb / 13P
   Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
Rev 3; 3/10
MAX396 MAXIM-MAX396 Datasheet
120Kb / 12P
   Precision, 16-Channel/Dual 8-Channel, Low-Voltage, CMOS Analog Multiplexers
Rev. 1; 9/96
MAX306 MAXIM-MAX306 Datasheet
148Kb / 12P
   Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
Rev 0; 8/94
MAX306 MAXIM-MAX306_V01 Datasheet
1Mb / 12P
   Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
19-0270; Rev 5; 3/16
MAX396 MAXIM-MAX396_V01 Datasheet
1Mb / 14P
   Precision, 16-Channel/Dual 8-Channel, Low-Voltage, CMOS Analog Multiplexers
2016
MAX306 MAXIM-MAX306_10 Datasheet
317Kb / 13P
   Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
Rev 3; 3/10
MAX306CPI MAXIM-MAX306CPI Datasheet
317Kb / 13P
   Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
Rev 3; 3/10
logo
Vishay Siliconix
DG508B VISHAY-DG508B Datasheet
274Kb / 18P
   Precision 8-Channel/Dual 4-Channel CMOS Analog Multiplexers
Rev. D, 20-Dec-10
DG508B VISHAY-DG508B_V01 Datasheet
371Kb / 21P
   Precision 8-Channel / Dual 4-Channel CMOS Analog Multiplexers
08-Feb-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com