Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG508BEY-T1-E3 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # DG508BEY-T1-E3
Description  Precision 8-Channel/Dual 4-Channel CMOS Analog Multiplexers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG508BEY-T1-E3 Datasheet(HTML) 3 Page - Vishay Siliconix

  DG508BEY-T1-E3 Datasheet HTML 1Page - Vishay Siliconix DG508BEY-T1-E3 Datasheet HTML 2Page - Vishay Siliconix DG508BEY-T1-E3 Datasheet HTML 3Page - Vishay Siliconix DG508BEY-T1-E3 Datasheet HTML 4Page - Vishay Siliconix DG508BEY-T1-E3 Datasheet HTML 5Page - Vishay Siliconix DG508BEY-T1-E3 Datasheet HTML 6Page - Vishay Siliconix DG508BEY-T1-E3 Datasheet HTML 7Page - Vishay Siliconix DG508BEY-T1-E3 Datasheet HTML 8Page - Vishay Siliconix DG508BEY-T1-E3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Document Number: 64821
S10-2817-Rev. D, 20-Dec-10
www.vishay.com
3
Vishay Siliconix
DG508B, DG509B
Notes:
a. Signals on SX, DX or INX exceeding V+ or V- will be clamped by internal diodes. Limit forward diode current to maximum current ratings.
b. All leads soldered or welded to PC board.
c. Derate 8.0 mW/°C above 70 °C.
d. Derate 5.6 mW/°C above 70 °C.
e. Derate 6.3 mW/°C above 70 °C.
f. Derate 6.6 mW/°C above 70 °C.
ABSOLUTE MAXIMUM RATINGS
Parameter
Limit
Unit
Voltages Referenced to V-
V+
44
V
GND
25
Digital Inputsa, VS, VD
(V-) - 2 to (V+) + 2
or 20 mA, whichever occurs first
Current (Any terminal)
30
mA
Peak Current, S or D (Pulsed at 1 ms, 10 % duty cycle max.)
100
Storage Temperature
(EY, EQ, EJ, EN suffix)
- 65 to 150
°C
Power Dissipation (Packages)b
16-Pin Narrow SOICc
600
mW
16-Pin TSSOPd
450
16-Pin PDIPe
510
16-Pin miniQFNf
525
Thermal Resistance (
J-A)
b
16-Pin Narrow SOICc
125
°C/W
16-Pin TSSOPd
178
16-Pin PDIPe
159.6
16-Pin miniQFNf
152
SPECIFICATIONS
Parameter
Symbol
Test Conditions
Unless Otherwise Specified
V+ = 15 V, V- = - 15 V (± 10 %)
VAX, VEN = 2.0 V, 0.8 V
a
Temp.b
Typ.c
- 40 °C to 125 °C
- 40 °C to 85 °C
Unit
Min.d
Max.d
Min.d
Max.d
Analog Switch
Analog Signal Rangee
VANALOG
Full
- 15
15
- 15
15
V
Drain-Source
On-Resistance
RDS(on)
VD = ± 10 V, IS = - 1 mA
Room
180
380
380
Full
480
450
RDS(on) Matching
R
DS(on)
VD = ± 10 V
Room
10
Source Off Leakage Current
IS(off)
VD = ± 10 V
VS =
10 V
VEN = 0 V
Room
- 1
1
- 1
1
nA
Full
- 50
50
- 50
50
Drain Off Leakage Current
ID(off)
DG508B
Room
- 1
1
- 1
1
Full
- 100
100
- 100
100
DG509B
Room
- 1
1
- 1
1
Full
- 50
50
- 50
50
Drain On Leakage Current
ID(on)
VS = VD =
10
sequence each
switch on
DG508B
Room
- 1
1
- 1
1
Full
- 100
100
- 100
100
DG509B
Room
- 1
1
- 1
1
Full
- 50
50
- 50
50
Digital Control
Logic High Input Voltage
VINH
Full
2.0
2.0
V
Logic Low Input Voltage
VINL
Full
0.8
0.8
Logic High Input Current
IIH
VAX, VEN = 2.0 V
Full
- 1
1
- 1
1
µA
Logic Low Input Current
IIL
VAX, VEN = 0.8 V
Full
- 1
1
- 1
1
Logic Input Capacitancee
Cin
f = 1 MHz
Room
4
pF


Similar Part No. - DG508BEY-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG508B VISHAY-DG508B Datasheet
371Kb / 21P
   Precision 8-Channel / Dual 4-Channel CMOS Analog Multiplexers
08-Feb-17
DG508B VISHAY-DG508B_V01 Datasheet
371Kb / 21P
   Precision 8-Channel / Dual 4-Channel CMOS Analog Multiplexers
08-Feb-17
More results

Similar Description - DG508BEY-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG508B VISHAY-DG508B_V01 Datasheet
371Kb / 21P
   Precision 8-Channel / Dual 4-Channel CMOS Analog Multiplexers
08-Feb-17
logo
Maxim Integrated Produc...
MAX308 MAXIM-MAX308 Datasheet
123Kb / 12P
   Precision, 8-Channel/Dual 4-Channel, High-Performance, CMOS Analog Multiplexers
19-0271; Rev 0; 7/94
logo
Vishay Siliconix
DG506B VISHAY-DG506B Datasheet
332Kb / 17P
   Precision 16-Channel/Dual 8-Channel CMOS Analog Multiplexers
Rev. B, 22-Mar-10
DG506B VISHAY-DG506B_V01 Datasheet
298Kb / 17P
   Precision 16-Channel/Dual 8-Channel CMOS Analog Multiplexers
08-Feb-17
logo
Maxim Integrated Produc...
MAX398 MAXIM-MAX398_V01 Datasheet
564Kb / 20P
   Precision, 8-Channel/Dual 4-Channel, Low-Voltage, CMOS Analog Multiplexers
2007
MAX308CUE MAXIM-MAX308CUE Datasheet
467Kb / 12P
   Precision, 8-Channel/Dual 4-Channel, High-Performance, CMOS Analog Multiplexers
Rev 2; 8/02
MAX309EUE MAXIM-MAX309EUE Datasheet
467Kb / 12P
   Precision, 8-Channel/Dual 4-Channel, High-Performance, CMOS Analog Multiplexers
Rev 2; 8/02
MAX398 MAXIM-MAX398 Datasheet
101Kb / 12P
   Precision, 8-Channel/Dual 4-Channel, Low-Voltage, CMOS Analog Multiplexers
Rev. 2; 7/96
MAX308 MAXIM-MAX308_V01 Datasheet
467Kb / 12P
   Precision, 8-Channel/Dual 4-Channel, High-Performance, CMOS Analog Multiplexers
19-0271; Rev 2; 8/02
DG408CJ MAXIM-DG408CJ Datasheet
374Kb / 12P
   iMPROVED, 8-cHANNEL/dUAL 4-cHANNEL, cmos aNALOG mULTIPLEXERS
19-4729; Rev 3; 6/99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com