Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC87FBK08A Datasheet(PDF) 8 Page - Sanyo Semicon Device

Part # LC87FBK08A
Description  8K-byte FROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC87FBK08A Datasheet(HTML) 8 Page - Sanyo Semicon Device

Back Button LC87FBK08A Datasheet HTML 4Page - Sanyo Semicon Device LC87FBK08A Datasheet HTML 5Page - Sanyo Semicon Device LC87FBK08A Datasheet HTML 6Page - Sanyo Semicon Device LC87FBK08A Datasheet HTML 7Page - Sanyo Semicon Device LC87FBK08A Datasheet HTML 8Page - Sanyo Semicon Device LC87FBK08A Datasheet HTML 9Page - Sanyo Semicon Device LC87FBK08A Datasheet HTML 10Page - Sanyo Semicon Device LC87FBK08A Datasheet HTML 11Page - Sanyo Semicon Device LC87FBK08A Datasheet HTML 12Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
LC87FBK08A
No.A1956-8/28
SANYO: VCT24(3
×3) “Lead-/Halogen-free Type” (build-to-order )
VCT24
NAME
VCT24
NAME
1
VSS1
13
P20/INT4/T1IN
2
CF1/XT1
14
P21/INT4/T1IN
3
CF2/XT2
15
P00/AN0
4
VDD1
16
P01/AN1
5
P10
17
P02/AN2
6
P11
18
P03/AN3
7
P12
19
P04/AN4
8
P13/SO1/DBGP12
20
P05/AN5/CKO/DBGP00
9
P14/SI1/SB1/DBGP11
21
P06/AN6/T6O/DBGP01
10
P15/SCK1/INT3/T0IN/DBGP10
22
P07/T7O/DBGP02
11
P16/T1PWML/INT2/T0IN
23
P70/INT0/T0LCP/AN8
12
P17/T1PWMH/BUZ/INT1/T0HCP
24
RES
P04/AN4
P05/AN5/CKO/DBGP00
P06/AN6/T6O/DBGP01
P07/T7O/DBGP02
P70/INT0/T0LCP/AN8
RES
9
8
7
P17/T1PWMH/BUZ/INT1/T0HCP
P16/T1PWML/INT2/T0IN
P15/SCK1/INT3/T0IN/DBGP10
P14/SI1/SB1/DBGP11
P13/SO1/DBGP12
P12
19
20
21
22
23
24
12
11
10
LC87FBK08A
Top view


Similar Part No. - LC87FBK08A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC87FBK08A ONSEMI-LC87FBK08A Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.03
More results

Similar Description - LC87FBK08A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC87F0808A SANYO-LC87F0808A Datasheet
158Kb / 25P
   8K-byte FROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
LC87FBL08A SANYO-LC87FBL08A Datasheet
185Kb / 28P
   8K-byte FROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
LC87F2G08A SANYO-LC87F2G08A Datasheet
189Kb / 27P
   CMOS IC 8K-byte FROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
LC87F2H08A SANYO-LC87F2H08A Datasheet
190Kb / 27P
   CMOS IC 8K-byte FROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
LC872G08A SANYO-LC872G08A_10 Datasheet
174Kb / 27P
   8K/6K/4K-byte ROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
LC87F7DJ2C SANYO-LC87F7DJ2C Datasheet
214Kb / 26P
   FROM 192K byte, RAM 8K byte on-chip 8-bit 1-chip Microcontroller
LC87F7DJ2B SANYO-LC87F7DJ2B_10 Datasheet
172Kb / 26P
   FROM 192K byte, RAM 8K byte on-chip 8-bit 1-chip Microcontroller
LC87F2708A SANYO-LC87F2708A_09 Datasheet
152Kb / 21P
   FROM 8K byte, RAM 512 byte on-chip 8-bit 1-chip Microcontroller
LC87F7H32A SANYO-LC87F7H32A Datasheet
180Kb / 28P
   32K-byte FROM and 2048-byte RAM integrated 8-bit 1-chip Microcontroller
LC872H08A SANYO-LC872H08A Datasheet
224Kb / 28P
   CMOS IC 8K/6K/4K-byte ROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com