Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT75B15 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT75B15
Description  High PSRR 150mA LDO Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT75B15 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT75B15 Datasheet HTML 1Page - Holtek Semiconductor Inc HT75B15 Datasheet HTML 2Page - Holtek Semiconductor Inc HT75B15 Datasheet HTML 3Page - Holtek Semiconductor Inc HT75B15 Datasheet HTML 4Page - Holtek Semiconductor Inc HT75B15 Datasheet HTML 5Page - Holtek Semiconductor Inc HT75B15 Datasheet HTML 6Page - Holtek Semiconductor Inc HT75B15 Datasheet HTML 7Page - Holtek Semiconductor Inc HT75B15 Datasheet HTML 8Page - Holtek Semiconductor Inc HT75B15 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Rev. 1.00
3
August, 9, 2011
HT75Bxx
Pin Assignment
HT75Bxx
Si de V ie w
SO T2 3- 5
VI NG ND
CE
VO UT
NC
To p Vi ew
GN D
VI N
CE
VIN VOUT
GND
VIN VOUT
GND
SOT89
HT75Bxx
SOT23-5 Pin Descriptions
Pin No.
Symbol
Description
1
VIN
Input Pin
2
GND
Ground Pin
3
CE
Chip Enable Pin - high enable
4
NC
No Connection
5
VOUT
Output Pin
SOT89 Pin Descriptions
Pin No.
Symbol
Description
1
GND
Ground Pin
2
VIN
Input Pin
3
VOUT
Output Pin


Similar Part No. - HT75B15

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
HT75 UMW-HT75 Datasheet
1Mb / 10P
   LDO high voltage regulator
logo
Holtek Semiconductor In...
HT7500 HOLTEK-HT7500 Datasheet
94Kb / 8P
   Clinical Thermometer
HT7500 HOLTEK-HT7500 Datasheet
112Kb / 7P
   Clinical Thermometer
HT7500 HOLTEK-HT7500_01 Datasheet
112Kb / 7P
   Clinical Thermometer
HT7501 HOLTEK-HT7501 Datasheet
238Kb / 7P
   Clinical Thermometer
More results

Similar Description - HT75B15

ManufacturerPart #DatasheetDescription
logo
YOBON TECHNOLOGIES,INC.
YB1200R YOBON-YB1200R Datasheet
698Kb / 11P
   150mA High PSRR with Auto-Discharge LDO Regulator
logo
Analog Microelectronics
AME8838 AME-AME8838 Datasheet
279Kb / 19P
   High PSRR, 150mA CMOS LDO
AME8833AEIV300 AME-AME8833AEIV300 Datasheet
292Kb / 14P
   High PSRR, 150mA CMOS LDO
AME8833 AME-AME8833 Datasheet
284Kb / 14P
   High PSRR, 150mA CMOS LDO
AME8820 AME-AME8820 Datasheet
156Kb / 14P
   High PSRR, CSP, 150mA CMOS LDO
logo
RICOH electronics devic...
R1183Z RICOH-R1183Z Datasheet
407Kb / 26P
   150mA LDO REGULATOR
logo
Unisonic Technologies
LR9280XG-XX-AE5-R UTC-LR9280XG-XX-AE5-R Datasheet
218Kb / 6P
   150mA LDO REGULATOR
logo
Nisshinbo Micro Devices...
R1180X NISSHINBO-R1180X Datasheet
549Kb / 28P
   150mA LDO REGULATOR
logo
RICOH electronics devic...
R1180N121B RICOH-R1180N121B Datasheet
725Kb / 24P
   150mA LDO REGULATOR
R1180 RICOH-R1180 Datasheet
303Kb / 19P
   150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com