Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG468DV-T1-E3 Datasheet(PDF) 11 Page - Vishay Siliconix

Part # DG468DV-T1-E3
Description  Low Power, High Voltage SPST Analog Switches
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG468DV-T1-E3 Datasheet(HTML) 11 Page - Vishay Siliconix

Back Button DG468DV-T1-E3 Datasheet HTML 5Page - Vishay Siliconix DG468DV-T1-E3 Datasheet HTML 6Page - Vishay Siliconix DG468DV-T1-E3 Datasheet HTML 7Page - Vishay Siliconix DG468DV-T1-E3 Datasheet HTML 8Page - Vishay Siliconix DG468DV-T1-E3 Datasheet HTML 9Page - Vishay Siliconix DG468DV-T1-E3 Datasheet HTML 10Page - Vishay Siliconix DG468DV-T1-E3 Datasheet HTML 11Page - Vishay Siliconix DG468DV-T1-E3 Datasheet HTML 12Page - Vishay Siliconix DG468DV-T1-E3 Datasheet HTML 13Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
AN823
Vishay Siliconix
www.vishay.com
2
Document Number: 71743
27-Feb-04
255 − 260_C
1X4_C/s (max)
3-6_C/s (max)
10 s (max)
Reflow Zone
Pre-Heating Zone
3_C/s (max)
140 − 170_C
Maximum peak temperature at 240_C is allowed.
FIGURE 3.
Solder Reflow Temperature and Time Durations
60-120 s (min)
217_C
60 s (max)
THERMAL PERFORMANCE
A basic measure of a device’s thermal performance is the
junction-to-case
thermal
resistance,
Rqjc,
or
the
junction-to-foot thermal resistance, Rqjf. This parameter is
measured for the device mounted to an infinite heat sink and
is therefore a characterization of the device only, in other
words, independent of the properties of the object to which the
device is mounted. Table 1 shows the thermal performance
of the TSOP-6.
TABLE 1.
Equivalent Steady State Performance—TSOP-6
Thermal Resistance Rqjf
30_C/W
SYSTEM AND ELECTRICAL IMPACT OF
TSOP-6
In any design, one must take into account the change in
MOSFET rDS(on) with temperature (Figure 4).
0.6
0.8
1.0
1.2
1.4
1.6
−50
−25
0
25
50
75
100
125
150
VGS = 4.5 V
ID = 6.1 A
On-Resistance vs. Junction Temperature
TJ − Junction Temperature (_C)
FIGURE 4.
Si3434DV


Similar Part No. - DG468DV-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG468DV-T1-E3 VISHAY-DG468DV-T1-E3 Datasheet
144Kb / 9P
   Low Power, High Voltage SPST Analog Switches
Rev. B, 26-Feb-07
DG468DV-T1-E3 VISHAY-DG468DV-T1-E3 Datasheet
187Kb / 11P
   Low Power, High Voltage SPST Analog Switches
08-Feb-17
More results

Similar Description - DG468DV-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG447 VISHAY-DG447_11 Datasheet
325Kb / 13P
   Low Power, High Voltage SPST Analog Switches
Rev. D, 04-Jul-11
DG447 VISHAY-DG447_V01 Datasheet
283Kb / 11P
   Low Power, High Voltage SPST Analog Switches
DG447 VISHAY-DG447 Datasheet
199Kb / 9P
   Low Power, High Voltage SPST Analog Switches
Rev. B, 20-Nov-06
DG467 VISHAY-DG467 Datasheet
144Kb / 9P
   Low Power, High Voltage SPST Analog Switches
Rev. B, 26-Feb-07
DG467 VISHAY-DG467_V01 Datasheet
187Kb / 11P
   Low Power, High Voltage SPST Analog Switches
08-Feb-17
logo
Maxim Integrated Produc...
MAX4521 MAXIM-MAX4521 Datasheet
155Kb / 12P
   Quad, Low-Voltage, SPST Analog Switches
Rev 1; 1/97
MAX4501 MAXIM-MAX4501 Datasheet
313Kb / 8P
   Low-Voltage, SPST, CMOS Analog Switches
Rev 1; 11/99
MAX4502EUKT MAXIM-MAX4502EUKT Datasheet
319Kb / 8P
   Low-Voltage, SPST, CMOS Analog Switches
Rev 1; 11/99
MAX4521 MAXIM-MAX4521_07 Datasheet
529Kb / 15P
   Quad, Low-Voltage, SPST Analog Switches
Rev 6; 7/07
MAX4610 MAXIM-MAX4610 Datasheet
1Mb / 13P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 2; 11/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com