Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT72D1828 Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT72D1828
Description  High PSRR 300mA Dual LDO Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT72D1828 Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT72D1828 Datasheet HTML 1Page - Holtek Semiconductor Inc HT72D1828 Datasheet HTML 2Page - Holtek Semiconductor Inc HT72D1828 Datasheet HTML 3Page - Holtek Semiconductor Inc HT72D1828 Datasheet HTML 4Page - Holtek Semiconductor Inc HT72D1828 Datasheet HTML 5Page - Holtek Semiconductor Inc HT72D1828 Datasheet HTML 6Page - Holtek Semiconductor Inc HT72D1828 Datasheet HTML 7Page - Holtek Semiconductor Inc HT72D1828 Datasheet HTML 8Page - Holtek Semiconductor Inc HT72D1828 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Rev. 1.00
2
August 08, 2011
HT72Dxxxx
Pin Assignment
6
5
4
1
2
3
EN1
VOUT1
VSS
VOUT2
Top View
VIN
EN2
Pin Assignment
Pin
Name
Pin Description
1
EN1
Regulator 1 Enable - high enable
2
VIN
Input Pin
3
EN2
Regulator 2 Enable - high enable
4
VOUT2
Regulator 2 Output
5
VSS
Ground Pin
6
VOUT1
Regulator 1 Output
Block Diagram
VOUT2
Vref
Short Current
Shutdown
VSS
VOUT1
Vref
Short Current
Shutdown
VIN
EN1
EN2
Absolute Maximum Ratings (Note 1)
Maximum Input Supply Voltage...........................................................................................................................7.5V
VOUT1, VOUT2 to VSS..................................................................................................................VSS - 0.3V ~ VIN + 0.3V
Power Dissipation............................................................................................................................................250mW
Ambient Temperature Range................................................................................................................-40°C ~ +85°C
Junction Temperature.......................................................................................................................................+150°C
Storage Temperature Range................................................................................................................-55°C ~ +125°C


Similar Part No. - HT72D1828

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7218 HOLTEK-HT7218 Datasheet
128Kb / 12P
   300mA TinyPowerTM LDO
HT7225 HOLTEK-HT7225 Datasheet
128Kb / 12P
   300mA TinyPowerTM LDO
HT7227 HOLTEK-HT7227 Datasheet
128Kb / 12P
   300mA TinyPowerTM LDO
HT7230 HOLTEK-HT7230 Datasheet
358Kb / 10P
   General Purpose Regulator
HT7230 HOLTEK-HT7230 Datasheet
128Kb / 12P
   300mA TinyPowerTM LDO
More results

Similar Description - HT72D1828

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT7M8218 PERICOM-PT7M8218 Datasheet
409Kb / 11P
   300mA, High PSRR, LDO Regulator
logo
Holtek Semiconductor In...
HT72BXX HOLTEK-HT72BXX Datasheet
1Mb / 13P
   High PSRR 300mA LDO Regulator
logo
SHANGHAI BELLING CO., L...
BL8566 BELLING-BL8566 Datasheet
178Kb / 7P
   Dual 300mA High PSRR LDO
logo
Pericom Semiconductor C...
PT7M8216 PERICOM-PT7M8216 Datasheet
369Kb / 11P
   300mA, High PSRR, Tiny package, LDO Regulator
logo
YOBON TECHNOLOGIES,INC.
YB1253 YOBON-YB1253 Datasheet
476Kb / 11P
   300mA, Low Power, High PSRR LDO Regulator
logo
Excelliance MOS Corp.
EM1103 EXCELLIANCE-EM1103 Datasheet
275Kb / 8P
   300mA, High PSRR, Low Noise LDO Regulator
EM1105 EXCELLIANCE-EM1105 Datasheet
756Kb / 8P
   300mA, High PSRR, Low Noise, Adjustable LDO Regulator
logo
YOBON TECHNOLOGIES,INC.
YB1210 YOBON-YB1210 Datasheet
449Kb / 12P
   300mA Ultra-Low-Noise, High PSRR LDO Regulator
logo
Excelliance MOS Corp.
EM1101 EXCELLIANCE-EM1101 Datasheet
260Kb / 8P
   300mA High PSRR Low Noise, Adjustable LDO Regulator
logo
YOBON TECHNOLOGIES,INC.
YB1210R YOBON-YB1210R Datasheet
388Kb / 12P
   300mA, Ultra-Low-Noise, High PSRR LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com