Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC87F5932A Datasheet(PDF) 8 Page - Sanyo Semicon Device

Part # LC87F5932A
Description  Internal 32K-byte FROM and 1024-byte RAM 8-bit 1-chip Microcontroller
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC87F5932A Datasheet(HTML) 8 Page - Sanyo Semicon Device

Back Button LC87F5932A_08 Datasheet HTML 4Page - Sanyo Semicon Device LC87F5932A_08 Datasheet HTML 5Page - Sanyo Semicon Device LC87F5932A_08 Datasheet HTML 6Page - Sanyo Semicon Device LC87F5932A_08 Datasheet HTML 7Page - Sanyo Semicon Device LC87F5932A_08 Datasheet HTML 8Page - Sanyo Semicon Device LC87F5932A_08 Datasheet HTML 9Page - Sanyo Semicon Device LC87F5932A_08 Datasheet HTML 10Page - Sanyo Semicon Device LC87F5932A_08 Datasheet HTML 11Page - Sanyo Semicon Device LC87F5932A_08 Datasheet HTML 12Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
LC87F5932A
No.A0141-8/27
Pin Assignments
Pin
No.
Pin Name
Pin
No.
Pin Name
Pin
No.
Pin Name
Pin
No.
Pin Name
1
P12/SCK0
18
P06/T6O
35
PB1
52
P70/INT0/T0LCP/AN8
2
P13/SO1
19
P07/T7O
36
PB0
53
P71/INT1/T0HCP/AN9
3
P14/SI1/SB1
20
P20/UTX/INT4/T1IN
37
VSS3
54
P72/INT2/T0IN
4
P15/SCK1
21
P21/URX/INT4/T1IN
38
VDD3
55
P73/INT3/T0IN
5
P16/T1PWML
22
P22/INT4/T1IN
39
PC7
56
RES
6
P17/T1PWMH/BUZ
23
P23/INT4/T1IN
40
PC6
57
XT1/AN10
7
PWM2
24
P24/INT5/T1IN
41
PC5
58
XT2/AN11
8
PWM3
25
P25/INT5/T1IN
42
PC4
59
VSS1
9
VDD2
26
P26/INT5/T1IN
43
PC3
60
CF1
10
VSS2
27
P27/INT5/T1IN
44
PC2
61
CF2
11
P00
28
PB7
45
PC1
62
VDD1
12
P01
29
PB6
46
PC0
63
P80/AN0
13
P02
30
PB5
47
P86/AN6
64
P81/AN1
14
P03
31
PB4
48
P85/AN5
65
P82/AN2
15
P04
32
PB3
49
P84/AN4
66
P10/SO0
16
P05/CKO
33
PB2
50
P83/AN3
67
P11/SI0/SB0
17
No Connect
34
No Connect
51
No Connect
68
No Connect
Note: Pin number 17, 34, 51, 68 of NC terminals are not connected electrically. Also, A1, A11, L1, L11 are dummy
terminals for the package. These terminals need to be bonded with foot pattern for the secure bonding of
the package.
SANYO: FLGA68K(6.0
× 6.0) “Lead-free Type”
11
10
9
8
7
6
5
4
3
2
1
51
50
53
55
57
59
61
63
65
67
1
52
54
56
58
60
62
64
66
68
49
48
2
3
47
46
4
5
45
44
6
7
43
42
8
9
41
40
10
11
39
38
12
13
37
36
14
15
35
33
31
29
27
25
23
21
19
16
17
34
32
30
28
26
24
22
20
18
A
B
C
D
E
F
G
H
J
K
L
Top view
LC87F5932A


Similar Part No. - LC87F5932A_08

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC87F5932A SANYO-LC87F5932A Datasheet
183Kb / 25P
   CMOS IC Internal 32K-byte FROM and 1024-byte RAM 8-bit 1-chip Microcontroller
More results

Similar Description - LC87F5932A_08

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC87F5932A SANYO-LC87F5932A Datasheet
183Kb / 25P
   CMOS IC Internal 32K-byte FROM and 1024-byte RAM 8-bit 1-chip Microcontroller
LC87F7J32A SANYO-LC87F7J32A Datasheet
209Kb / 29P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F2832A SANYO-LC87F2832A_09 Datasheet
165Kb / 27P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F5G32A SANYO-LC87F5G32A Datasheet
153Kb / 23P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F2832A SANYO-LC87F2832A Datasheet
180Kb / 27P
   CMOS IC FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F7032A SANYO-LC87F7032A Datasheet
136Kb / 21P
   CMOS IC FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F7H32A SANYO-LC87F7H32A Datasheet
180Kb / 28P
   32K-byte FROM and 2048-byte RAM integrated 8-bit 1-chip Microcontroller
LC87F7932B SANYO-LC87F7932B Datasheet
196Kb / 29P
   32K-byte FROM and 2048-byte RAM integrated 8-bit 1-chip Microcontroller
LC875932A SANYO-LC875932A Datasheet
171Kb / 23P
   CMOS IC Internal 32K/24K/16K-byte ROM and 1024-byte RAM 8-bit 1-chip Microcontroller
LC87F40C8A SANYO-LC87F40C8A Datasheet
177Kb / 26P
   Internal 128K-byte FROM (ROM/CGROM), 2048 byte RAM, 1024-byte CGRAM, and 704횞10-bit CRT Display RAM 8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com