Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S20LC20U Datasheet(PDF) 5 Page - Shindengen Electric Mfg.Co.Ltd

Part # S20LC20U
Description  Super Fast Recovery Rectifiers(200V 20A)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

S20LC20U Datasheet(HTML) 5 Page - Shindengen Electric Mfg.Co.Ltd

  S20LC20U Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd S20LC20U Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd S20LC20U Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd S20LC20U Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd S20LC20U Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd S20LC20U Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Peak Surge Forward Capability
0
20
40
60
80
100
120
140
160
180
1
10
100
S20LC20U
2
5
20
50
10ms 10ms
1 cycle
Number of Cycles [cycles]
non-repetitive,
sine wave,
Tj=25
°C before
surge current is applied


Similar Part No. - S20LC20U

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
S20LC20UST SHINDENGEN-S20LC20UST Datasheet
386Kb / 2P
   Twin Diode
S20LC20UST SHINDENGEN-S20LC20UST_17 Datasheet
406Kb / 4P
   Super Fast Recovery Diode
More results

Similar Description - S20LC20U

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D20LC20U SHINDENGEN-D20LC20U Datasheet
379Kb / 6P
   Super Fast Recovery Rectifiers(200V 20A)
DF20LC20U SHINDENGEN-DF20LC20U Datasheet
375Kb / 6P
   Super Fast Recovery Rectifiers(200V 20A)
SF5LC20U SHINDENGEN-SF5LC20U Datasheet
380Kb / 6P
   Super Fast Recovery Rectifiers(200V 5A)
D5LC20U SHINDENGEN-D5LC20U Datasheet
438Kb / 7P
   Super Fast Recovery Rectifiers(200V 5A)
D8LC20U SHINDENGEN-D8LC20U Datasheet
443Kb / 7P
   Super Fast Recovery Rectifiers(200V 8A)
D3L20U SHINDENGEN-D3L20U Datasheet
440Kb / 7P
   Super Fast Recovery Rectifiers(200V 2.5A)
D15LC20U SHINDENGEN-D15LC20U Datasheet
457Kb / 7P
   Super Fast Recovery Rectifiers(200V 15A)
D1NL20U SHINDENGEN-D1NL20U Datasheet
385Kb / 6P
   Super Fast Recovery Rectifiers(200V 1A)
D2FL20U SHINDENGEN-D2FL20U Datasheet
449Kb / 7P
   Super Fast Recovery Rectifiers(200V 1.5A)
D2L20U SHINDENGEN-D2L20U Datasheet
443Kb / 7P
   Super Fast Recovery Rectifiers(200V 1.5A)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com