Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT46R005 Datasheet(PDF) 8 Page - Holtek Semiconductor Inc

Part # HT46R005
Description  Small Package 8-Bit OTP MCU
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R005 Datasheet(HTML) 8 Page - Holtek Semiconductor Inc

Back Button HT46R005 Datasheet HTML 4Page - Holtek Semiconductor Inc HT46R005 Datasheet HTML 5Page - Holtek Semiconductor Inc HT46R005 Datasheet HTML 6Page - Holtek Semiconductor Inc HT46R005 Datasheet HTML 7Page - Holtek Semiconductor Inc HT46R005 Datasheet HTML 8Page - Holtek Semiconductor Inc HT46R005 Datasheet HTML 9Page - Holtek Semiconductor Inc HT46R005 Datasheet HTML 10Page - Holtek Semiconductor Inc HT46R005 Datasheet HTML 11Page - Holtek Semiconductor Inc HT46R005 Datasheet HTML 12Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 62 page
background image
HT46R005
Pin Name
Function
OPT
I/T
O/T
Description
PA0/BZ/AN0
PA0
PAPU
PAWK
ST
CMOS
General purpose I/O. Register enabled pull-up and wake-up.
BZ
CTRL0
¾
CMOS
Buzzer output pin
AN0
ADCR
AN
¾
A/D channel 0
PA1/BZ
/AN1
PA1
PAPU
PAWK
ST
CMOS
General purpose I/O. Register enabled pull-up and wake-up.
BZ
CTRL0
¾¾
Buzzer complementary output pin
AN1
ADCR
AN
¾
A/D channel 1
PA2/TMR/INT/AN2
PA2
PAPU
PAWK
ST
CMOS
General purpose I/O. Register enabled pull-up and wake-up.
TMR
¾
ST
¾
External Timer clock input
INT
¾
ST
¾
External interrupt input
AN2
ADCR
AN
¾
A/D channel 2
PA5/OSC2
PA5
PAPU
PAWK
ST
CMOS
General purpose I/O. Register enabled pull-up and wake-up.
OSC2
CO
¾
OSC
Oscillator pin
PA6/OSC1
PA6
PAPU
PAWK
ST
CMOS
General purpose I/O. Register enabled pull-up and wake-up.
OSC1
CO
OSC
¾
Oscillator pin
PA7/RES
PA7
PAWK
ST
NMOS
General purpose I/O. Register enabled wake-up.
RES
CO
ST
¾
Reset input
VDD
VDD
¾
PWR
¾
Power supply
VSS
VSS
¾
PWR
¾
Ground
Note:
I/T: Input type
O/T: Output type
OPT: Optional by configuration option (CO) or register option
PWR: Power
CO: Configuration option
ST: Schmitt Trigger input
CMOS: CMOS output
AN: Analog input pin
Absolute Maximum Ratings
Supply Voltage ...........................VSS
-0.3V to VSS+6.0V
Storage Temperature ............................
-50°Cto125°C
Input Voltage..............................VSS
-0.3V to VDD+0.3V
Operating Temperature...........................
-40°Cto85°C
IOL Total ..............................................................100mA
IOH Total............................................................
-100mA
Total Power Dissipation .....................................500mW
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those listed
in the specification is not implied and prolonged exposure to extreme conditions may affect device reliability.
HT48R005/HT46R005
Rev. 1.00
8
November 29, 2011


Similar Part No. - HT46R005

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R005 HOLTEK-HT46R005_12 Datasheet
394Kb / 62P
   Small Package 8-Bit OTP MCU
More results

Similar Description - HT46R005

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48R006 HOLTEK-HT48R006 Datasheet
451Kb / 72P
   Small Package 8-Bit OTP MCU
HT46R01B HOLTEK-HT46R01B Datasheet
425Kb / 71P
   Small Package 8-Bit OTP MCU
HT48R005 HOLTEK-HT48R005_12 Datasheet
394Kb / 62P
   Small Package 8-Bit OTP MCU
HT46R01B-1 HOLTEK-HT46R01B-1 Datasheet
437Kb / 71P
   Small Package 8-Bit OTP MCU
HT46R01B HOLTEK-HT46R01B_10 Datasheet
427Kb / 71P
   Small Package 8-Bit OTP MCU
HT46R01A HOLTEK-HT46R01A Datasheet
462Kb / 58P
   Small Package A/D Type 8-Bit OTP MCU
HT48R01A HOLTEK-HT48R01A Datasheet
401Kb / 49P
   Small Package I/O Type 8-Bit OTP MCU
HT46R01C HOLTEK-HT46R01C Datasheet
534Kb / 14P
   Small Form 8-Bit OTP MCU
Rev. 0.00 August 31, 2009
logo
Core Technology (Shenzh...
CSU8RP3115B CHIPSEA-CSU8RP3115B Datasheet
2Mb / 93P
   8 - bit RISC OTP MCU
logo
Holtek Semiconductor In...
HT82M75REW HOLTEK-HT82M75REW Datasheet
952Kb / 103P
   2.4GHz Transceiver 8-Bit OTP MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com