Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC87F76C8A Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LC87F76C8A
Description  FROM 128K byte, RAM 4K byte on-chip 8-bit 1-chip Microcontroller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC87F76C8A Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LC87F76C8A Datasheet HTML 1Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 2Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 3Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 4Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 5Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 6Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 7Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 8Page - Sanyo Semicon Device LC87F76C8A Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LC87F76C8A
No.A0858-5/24
Standby Function
• HALT mode: Halts instruction execution while allowing the peripheral circuits to continue operation.
(Some parts of the serial transfer function stops operation.)
1) Oscillation is not stopped automatically.
2) Canceled by a system reset or occurrence of an interrupt
• HOLD mode: Suspends instruction execution and the operation of the peripheral circuits.
1) The CF, RC, X’tal, and multifrequency RC oscillators automatically stop operation.
2) There are three ways of resetting the HOLD mode.
(1) Setting the reset pin to the low level
(2) Setting at least one of the INT0, INT1, and INT2, pins to the specified level
(3) Having an interrupt source established at port 0
• X'tal HOLD mode: Suspends instruction execution and the operation of the peripheral circuits except the base timer
and infrared remote controller circuit.
1) The CF, RC, and multifrequency RC oscillators automatically stop operation
2) The state of crystal oscillation established when the X'tal HOLD mode is entered is retained.
3) There are five ways of resetting the X'tal HOLD mode.
(1) Setting the reset pin to the low level
(2) Setting at least one of the INT0, INT1, and INT2 pins to the specified level
(3) Having an interrupt source established at port 0
(4) Having an interrupt source established in the base timer circuit
(5) Having an interrupt source established in the infrared remote control receiver circuit
On-chip Debugger
• Supports software debugging with the IC mounted on the target board.
Package Form
• QIP80(14×14):
Lead-free type
• TQFP80J(12×12):
Lead-free type
Development Tools
• On-chip debugger: TCB87-TypeB + LC87F76C8A
Flash ROM Programming Board
Package
Programming Boards
QIP80(14
×14)
W87F71256QF
TQFP80J(12
×12)
W87F71256SQ
Flash ROM Programmer
Maker
Model
Supported Version (Note)
Device
Flash Support Group, Inc
(Single)
AF9708/AF9709/AF9709B
(including models manufactured by Ando
Electric Co., Ltd.)
LC87F76C8A
AF9723 (main unit)
(including models manufactured by Ando
Electric Co., Ltd.)
Flash Support Group, Inc
(Gang)
AF9833 (unit)
(including models manufactured by Ando
Electric Co., Ltd.)
LC87F76C8A
SANYO
SKK(SANYO FWS)
Application Version: After 1.04
Chip Data Version: After 2.09
LC87F76C8A
Note: Check for the latest version.
Same Package and Pin Assignment as Mask ROM Version.
1) LC877600 series options can be specified by using flash ROM data. Thus the board used for mass production can
be used for debugging and evaluation without modifications.
2) If the program for the mask ROM version is used, the size of the available ROM/RAM spaces is the same as
that of the mask ROM version.


Similar Part No. - LC87F76C8A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC87F76C8A ONSEMI-LC87F76C8A Datasheet
187Kb / 24P
   8-bit 1-chip Microcontroller
May, 2013 Ver.0.09
More results

Similar Description - LC87F76C8A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC87F7DC8A SANYO-LC87F7DC8A_10 Datasheet
171Kb / 26P
   FROM 128K byte, RAM 4K byte on-chip 8-bit 1-chip Microcontroller
LC87F7DC8A SANYO-LC87F7DC8A Datasheet
189Kb / 26P
   CMOS IC FROM 128K byte, RAM 4K byte on-chip 8-bit 1-chip Microcontroller
LC87F5WC8A SANYO-LC87F5WC8A Datasheet
161Kb / 27P
   FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F7CC8A SANYO-LC87F7CC8A Datasheet
157Kb / 21P
   FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F5JC8A SANYO-LC87F5JC8A Datasheet
156Kb / 25P
   FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC88F83B0A SANYO-LC88F83B0A Datasheet
160Kb / 25P
   FROM 128K byte, RAM 4096K byte on-chip 16-bit 1-chip Microcontroller
LC88F58B0A SANYO-LC88F58B0A Datasheet
160Kb / 25P
   FROM 128K byte, RAM 4096K byte on-chip 16-bit 1-chip Microcontroller
LC88F52H0A SANYO-LC88F52H0A Datasheet
173Kb / 31P
   FROM 128K byte, RAM 6K byte on-chip 16-bit 1-chip Microcontroller
LC87F83C8A SANYO-LC87F83C8A Datasheet
255Kb / 31P
   FROM 128K byte, RAM 6K byte on-chip 8-bit ETR Microcontroller
LC87F7LC8A SANYO-LC87F7LC8A Datasheet
195Kb / 25P
   CMOS IC FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com