Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC87F40C8A Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # LC87F40C8A
Description  Internal 128K-byte FROM (ROM/CGROM), 2048 byte RAM, 1024-byte CGRAM, and 704횞10-bit CRT Display RAM 8-bit 1-chip Microcontroller
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC87F40C8A Datasheet(HTML) 6 Page - Sanyo Semicon Device

Back Button LC87F40C8A Datasheet HTML 2Page - Sanyo Semicon Device LC87F40C8A Datasheet HTML 3Page - Sanyo Semicon Device LC87F40C8A Datasheet HTML 4Page - Sanyo Semicon Device LC87F40C8A Datasheet HTML 5Page - Sanyo Semicon Device LC87F40C8A Datasheet HTML 6Page - Sanyo Semicon Device LC87F40C8A Datasheet HTML 7Page - Sanyo Semicon Device LC87F40C8A Datasheet HTML 8Page - Sanyo Semicon Device LC87F40C8A Datasheet HTML 9Page - Sanyo Semicon Device LC87F40C8A Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
LC87F40C8A
No.A0139-6/26
Pin Assignments
SANYO : QIP64E(14
×14)
“Lead-free Type”
P14/PWMA
P15/PWMB
P16/PWMC
P17/PWMD
BL1
B
G
R
HSB
VSB
VSS1
XT1
XT2
VDD1
RESB
FILT
P05
P04
P03
P02
P01
P00
PC4
PC3
PC2
PC1
PC0
P37
P36
P35
P34/SCK6
P33/SB6
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
48
LC87F40C8A
47 46 45 44 43 42 41 40 39 38 37 36 35 34 33
1
2
3
4
5
6
7
8
9 10 11 12 13 14 15 16
Top view


Similar Part No. - LC87F40C8A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC87F06J2A SANYO-LC87F06J2A Datasheet
187Kb / 32P
   CMOS IC FROM 192K byte, RAM 8192 byte on-chip 8-bit 1-chip Microcontroller
logo
ON Semiconductor
LC87F0808 ONSEMI-LC87F0808 Datasheet
176Kb / 25P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
logo
Sanyo Semicon Device
LC87F0808A SANYO-LC87F0808A Datasheet
158Kb / 25P
   8K-byte FROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
logo
ON Semiconductor
LC87F0808A ONSEMI-LC87F0808A Datasheet
176Kb / 25P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
LC87F0808A ONSEMI-LC87F0808A Datasheet
176Kb / 25P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
More results

Similar Description - LC87F40C8A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC87F5932A SANYO-LC87F5932A_08 Datasheet
199Kb / 27P
   Internal 32K-byte FROM and 1024-byte RAM 8-bit 1-chip Microcontroller
LC87F7H32A SANYO-LC87F7H32A Datasheet
180Kb / 28P
   32K-byte FROM and 2048-byte RAM integrated 8-bit 1-chip Microcontroller
LC87F5932A SANYO-LC87F5932A Datasheet
183Kb / 25P
   CMOS IC Internal 32K-byte FROM and 1024-byte RAM 8-bit 1-chip Microcontroller
LC87F7932B SANYO-LC87F7932B Datasheet
196Kb / 29P
   32K-byte FROM and 2048-byte RAM integrated 8-bit 1-chip Microcontroller
LC87F7J32A SANYO-LC87F7J32A Datasheet
209Kb / 29P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F2832A SANYO-LC87F2832A_09 Datasheet
165Kb / 27P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F5864B SANYO-LC87F5864B Datasheet
159Kb / 23P
   FROM 64K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC87F6D64A SANYO-LC87F6D64A Datasheet
144Kb / 19P
   FROM 64K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC87F5864C SANYO-LC87F5864C Datasheet
158Kb / 23P
   FROM 64K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC87F5G32A SANYO-LC87F5G32A Datasheet
153Kb / 23P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com