Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC87F14C8SA Datasheet(PDF) 11 Page - Sanyo Semicon Device

Part # LC87F14C8SA
Description  FROM 128K byte, RAM 10K byte on-chip 8-bit 1-chip Microcontroller with USB-host controller
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC87F14C8SA Datasheet(HTML) 11 Page - Sanyo Semicon Device

Back Button LC87F14C8SA Datasheet HTML 7Page - Sanyo Semicon Device LC87F14C8SA Datasheet HTML 8Page - Sanyo Semicon Device LC87F14C8SA Datasheet HTML 9Page - Sanyo Semicon Device LC87F14C8SA Datasheet HTML 10Page - Sanyo Semicon Device LC87F14C8SA Datasheet HTML 11Page - Sanyo Semicon Device LC87F14C8SA Datasheet HTML 12Page - Sanyo Semicon Device LC87F14C8SA Datasheet HTML 13Page - Sanyo Semicon Device LC87F14C8SA Datasheet HTML 14Page - Sanyo Semicon Device LC87F14C8SA Datasheet HTML 15Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
LC87F14C8SA
No.A0590-11/26
USB Reference Power Option
When a voltage 4.5 to 5.5V is supplied to VDD1 and the internal USB reference voltage circuit is activated, the
reference voltage for USB port output is generated. The active/inactive state of the reference voltage circuit can be
switched by option selection. The procedure for marking the option selection is described below.
(1)
(2)
(3)
(4)
USB Regulator
USE
USE
USE
NONUSE
USB Regulator in HOLD mode
USE
NONUSE
NONUSE
NONUSE
Option selection
USB Regulator in HALT mode
USE
NONUSE
USE
NONUSE
Normal state
active
active
active
inactive
HOLD mode
active
inactive
inactive
inactive
Reference voltage circuit state
HALT mode
active
inactive
active
inactive
• When the USB reference voltage circuit is made inactive, the level of the reference voltage for USB port output is
equal to VDD1.
• Selection (2) or (3) can be used to set the reference voltage circuit inactive in HOLD or HALT mode.
• When the reference voltage circuit is activated, the current drain increases by approximately 100µA compared with
when the reference voltage circuit is inactive.
Example 1: VDD1=VDD2=3.3V
• Inactivating the reference voltage circuit (selection (4)).
• Connecting VDD3 to VDD1 and VDD2.
Example 2: VDD1=VDD2=5.0V
• Activating the reference voltage circuit (selection (1)).
• Isolating VDD3 from VDD1 and VDD2, and connecting capacitor between VDD3 and VSS.
VSS1 VSS2VSS3
VDD1
VDD2
VDD3
Power Supply
3.3V
For backup
LSI
UHD+
UHD-
UFILT
15k
To USB connector
33
5pF
0
2.2
µF
VSS1 VSS2 VSS3
VDD1
VDD2
VDD3
Power Supply
5V
For backup
LSI
UHD+
UHD-
UFILT
0
2.2
µF
15k
To USB connector
33
5pF
2.2
µF
0.1
µF


Similar Part No. - LC87F14C8SA

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC87F14C8A SANYO-LC87F14C8A Datasheet
177Kb / 26P
   CMOS IC FROM 128K byte, RAM 10K byte on-chip 8-bit 1-chip Microcontroller with USB-host controller
More results

Similar Description - LC87F14C8SA

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC87F14C8A SANYO-LC87F14C8A Datasheet
177Kb / 26P
   CMOS IC FROM 128K byte, RAM 10K byte on-chip 8-bit 1-chip Microcontroller with USB-host controller
LC87F1HC8SA SANYO-LC87F1HC8SA Datasheet
233Kb / 27P
   CMOS IC FROM 128K byte, RAM 16384 byte on-chip 8-bit 1-chip Microcontroller with USB-host controller
LC87F5WC8A SANYO-LC87F5WC8A Datasheet
161Kb / 27P
   FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F76C8A SANYO-LC87F76C8A Datasheet
163Kb / 24P
   FROM 128K byte, RAM 4K byte on-chip 8-bit 1-chip Microcontroller
LC87F7CC8A SANYO-LC87F7CC8A Datasheet
157Kb / 21P
   FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F7DC8A SANYO-LC87F7DC8A_10 Datasheet
171Kb / 26P
   FROM 128K byte, RAM 4K byte on-chip 8-bit 1-chip Microcontroller
LC87F5JC8A SANYO-LC87F5JC8A Datasheet
156Kb / 25P
   FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F1964A SANYO-LC87F1964A Datasheet
179Kb / 28P
   CMOS IC FROM 64K byte, RAM 5K byte on-chip 8-bit 1-chip Microcontroller With USB-host Controller
LC87F1HC4A SANYO-LC87F1HC4A Datasheet
233Kb / 27P
   CMOS IC 128K-byte FROM and 12288-byte RAM integrated 8-bit 1-chip Microcontroller with USB-host controller
LC87F1HC8A SANYO-LC87F1HC8A Datasheet
233Kb / 27P
   CMOS IC 128K-byte FROM and 16384-byte RAM integrated 8-bit 1-chip Microcontroller with USB-host controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com