Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC87F5WC8A Datasheet(PDF) 10 Page - Sanyo Semicon Device

Part # LC87F5WC8A
Description  FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC87F5WC8A Datasheet(HTML) 10 Page - Sanyo Semicon Device

Back Button LC87F5WC8A Datasheet HTML 6Page - Sanyo Semicon Device LC87F5WC8A Datasheet HTML 7Page - Sanyo Semicon Device LC87F5WC8A Datasheet HTML 8Page - Sanyo Semicon Device LC87F5WC8A Datasheet HTML 9Page - Sanyo Semicon Device LC87F5WC8A Datasheet HTML 10Page - Sanyo Semicon Device LC87F5WC8A Datasheet HTML 11Page - Sanyo Semicon Device LC87F5WC8A Datasheet HTML 12Page - Sanyo Semicon Device LC87F5WC8A Datasheet HTML 13Page - Sanyo Semicon Device LC87F5WC8A Datasheet HTML 14Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
LC87F5WC8A
No.A1898-10/27
Port Output Types
The table below lists the types of port outputs and the presence/absence of a pull-up resistor.
Data can be read into any input port even if it is in the output mode.
Port
Options Selected
in Units of
Option Type
Output Type
Pull-up Resistor
1
CMOS
Programmable (Note 1)
P00 to P07
1 bit
2
N-channel open drain
No
1
CMOS
Programmable
P10 to P17
1 bit
2
N-channel open drain
Programmable
1
CMOS
Programmable
P20 to P27
1 bit
2
N-channel open drain
Programmable
1
CMOS
Programmable
P30 to P36
1 bit
2
N-channel open drain
Programmable
P70
-
No
N-channel open drain
Programmable
P71 to P73
-
No
CMOS
Programmable
P80 to P87
-
No
N-channel open drain
No
1
CMOS
Programmable
PA0 to PA5
1 bit
2
N-channel open drain
Programmable
1
CMOS
Programmable
PB0 to PB7
1 bit
2
N-channel open drain
Programmable
1
CMOS
Programmable
PC0 to PC7
1 bit
2
N-channel open drain
Programmable
PE0 to PE7
-
No
CMOS
Programmable
PF0 to PF7
-
No
CMOS
Programmable
SI2P0, SI2P2
SI2P3
-
No
CMOS
No
SI2P1
-
No
CMOS (when selected as ordinary port)
N-channel open drain (When SIO2 data is
selected)
No
PWM0, PWM1
-
No
CMOS
No
XT1
-
No
Input only
No
XT2
-
No
Output for 32.768kHz quartz oscillator
N-channel open drain (when in general-
purpose No output mode)
No
Note 1: Programmable pull-up resistors for port 0 are controlled in 4-bit units (P00 to 03, P04 to 07).


Similar Part No. - LC87F5WC8A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC87F5WC8A ONSEMI-LC87F5WC8A Datasheet
177Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00a
More results

Similar Description - LC87F5WC8A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC87F7CC8A SANYO-LC87F7CC8A Datasheet
157Kb / 21P
   FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F5JC8A SANYO-LC87F5JC8A Datasheet
156Kb / 25P
   FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F5NC8A SANYO-LC87F5NC8A Datasheet
178Kb / 25P
   CMOS IC FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F7LC8A SANYO-LC87F7LC8A Datasheet
195Kb / 25P
   CMOS IC FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC875CC8A SANYO-LC875CC8A Datasheet
238Kb / 29P
   ROM 128K/112K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F76C8A SANYO-LC87F76C8A Datasheet
163Kb / 24P
   FROM 128K byte, RAM 4K byte on-chip 8-bit 1-chip Microcontroller
LC87F7DC8A SANYO-LC87F7DC8A_10 Datasheet
171Kb / 26P
   FROM 128K byte, RAM 4K byte on-chip 8-bit 1-chip Microcontroller
LC88F83B0A SANYO-LC88F83B0A Datasheet
160Kb / 25P
   FROM 128K byte, RAM 4096K byte on-chip 16-bit 1-chip Microcontroller
LC88F58B0A SANYO-LC88F58B0A Datasheet
160Kb / 25P
   FROM 128K byte, RAM 4096K byte on-chip 16-bit 1-chip Microcontroller
LC88F52H0A SANYO-LC88F52H0A Datasheet
173Kb / 31P
   FROM 128K byte, RAM 6K byte on-chip 16-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com