Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG451 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # DG451
Description  High Voltage 4-ohm Quad SPST CMOS Analog Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG451 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button DG451 Datasheet HTML 2Page - Vishay Siliconix DG451 Datasheet HTML 3Page - Vishay Siliconix DG451 Datasheet HTML 4Page - Vishay Siliconix DG451 Datasheet HTML 5Page - Vishay Siliconix DG451 Datasheet HTML 6Page - Vishay Siliconix DG451 Datasheet HTML 7Page - Vishay Siliconix DG451 Datasheet HTML 8Page - Vishay Siliconix DG451 Datasheet HTML 9Page - Vishay Siliconix DG451 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
www.vishay.com
6
Document Number: 74470
S09-2550-Rev. E, 30-Nov-09
Vishay Siliconix
DG451, DG452, DG453
TYPICAL CHARACTERISTICS 25 °C, VL = 5 V, unless otherwise noted
Charge Injection vs. Analog Voltage
Switching Time vs. Dual Supply Voltage
Switching Time vs. Single Supply Voltage
- 60
- 40
- 20
0
20
40
60
80
100
120
140
- 20
- 15
- 10
- 5
0
5
10
15
20
Analog Voltage (V)
CL=1 nF
Drain
V+ = + 15 V
V- = - 15 V
V+ = + 5 V
V- = - 5 V
V+ = + 12 V
V- = - 0 V
20
40
60
80
100
120
140
160
180
200
4
6
8
10
1214161820
Dual Supply Voltage (V)
T = 25 °C
tOFF
tON
0
50
100
150
200
250
300
350
510
15
20
25
30
35
40
Single Supply Voltage (V)
T = 25 °C
tOFF
tON
Switching Time vs. Temperature and
Dual Supply Voltage
Switching Time vs. Temperature and
Single Supply Voltage
Switching Threshold vs. Supply Voltage
25
50
75
100
125
150
175
200
225
250
275
- 55
- 35
- 15
5
25
45
65
85
105
125
Temperature (°C)
tON V = ± 15 V
tOFF V = ± 5 V
tOFF V = ± 15 V
tON V = ± 5 V
0
50
100
150
200
250
300
350
- 55
- 35
- 15
5
25
45
65
85
105
125
Temperature (°C)
tON V = + 12 V
tOFF V = + 12 V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
5
10
15
20
25
30
35
40
Supply Voltage (V)
with VL = 5 V


Similar Part No. - DG451

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG451 INTERSIL-DG451 Datasheet
213Kb / 4P
   2 CHANNEL DRIVERS WITH SPST AND DPST FET SWITCHES
logo
Vishay Siliconix
DG451 VISHAY-DG451 Datasheet
182Kb / 9P
   High Voltage 4-Ω Quad SPST CMOS Analog Switch
Rev. D, 09-Jun-08
DG451 VISHAY-DG451 Datasheet
262Kb / 13P
   High Voltage 4-廓 Quad SPST CMOS Analog Switch
08-Feb-17
logo
Intersil Corporation
DG451A INTERSIL-DG451A Datasheet
213Kb / 4P
   2 CHANNEL DRIVERS WITH SPST AND DPST FET SWITCHES
logo
Vishay Siliconix
DG451EQ-T1-E3 VISHAY-DG451EQ-T1-E3 Datasheet
182Kb / 9P
   High Voltage 4-Ω Quad SPST CMOS Analog Switch
Rev. D, 09-Jun-08
More results

Similar Description - DG451

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG454 VISHAY-DG454_09 Datasheet
199Kb / 12P
   High Voltage 4-ohm Quad SPST CMOS Analog Switch
Rev. E, 30-Nov-09
DG454 VISHAY-DG454_V01 Datasheet
252Kb / 13P
   High Voltage 4 ??Quad SPST CMOS Analog Switch
08-Feb-17
DG451 VISHAY-DG451_V01 Datasheet
262Kb / 13P
   High Voltage 4-廓 Quad SPST CMOS Analog Switch
08-Feb-17
DG451 VISHAY-DG451 Datasheet
182Kb / 9P
   High Voltage 4-Ω Quad SPST CMOS Analog Switch
Rev. D, 09-Jun-08
DG454 VISHAY-DG454 Datasheet
180Kb / 9P
   High Voltage 4-Ω Quad SPST CMOS Analog Switch
Rev. D, 09-Jun-08
logo
Intersil Corporation
DG201 INTERSIL-DG201 Datasheet
85Kb / 7P
   CMOS Quad SPST Analog Switch
January 2000
logo
Maxim Integrated Produc...
HI-201 MAXIM-HI-201 Datasheet
199Kb / 8P
   Quad SPST CMOS Analog Switch
logo
Intersil Corporation
DG201 INTERSIL-DG201_01 Datasheet
173Kb / 7P
   CMOS Quad SPST Analog Switch
logo
Renesas Technology Corp
HI-201 RENESAS-HI-201 Datasheet
561Kb / 11P
   Quad SPST CMOS Analog Switch
April 9, 2012
logo
Analog Devices
AD7516 AD-AD7516_15 Datasheet
730Kb / 2P
   CMOS QUAD SPST ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com