Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC87F2C64A Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LC87F2C64A
Description  8-bit 1-chip Microcontroller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC87F2C64A Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LC87F2C64A Datasheet HTML 1Page - Sanyo Semicon Device LC87F2C64A Datasheet HTML 2Page - Sanyo Semicon Device LC87F2C64A Datasheet HTML 3Page - Sanyo Semicon Device LC87F2C64A Datasheet HTML 4Page - Sanyo Semicon Device LC87F2C64A Datasheet HTML 5Page - Sanyo Semicon Device LC87F2C64A Datasheet HTML 6Page - Sanyo Semicon Device LC87F2C64A Datasheet HTML 7Page - Sanyo Semicon Device LC87F2C64A Datasheet HTML 8Page - Sanyo Semicon Device LC87F2C64A Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
LC87F2C64A
No.A1935-5/28
Standby Function
• HALT mode: Halts instruction execution while allowing the peripheral circuits to continue operation.
(1) Oscillation is not halted automatically.
(2) There are three ways of resetting the HALT mode.
1) Setting the reset pin to the lower level
2) System resetting by watchdog timer
3) Occurrence of an interrupt
• HOLD mode: Suspends instruction execution and the operation of the peripheral circuits.
(1) The CF, RC, crystal, and frequency variable RC oscillators automatically stop operation.
(2) There are five ways of resetting the HOLD mode.
1) Setting the reset pin to the lower level
2) System resetting by watchdog timer
3) Setting at least one of the INT0, INT1, INT2, INT3, INT4, INT5 pins to the specified level
4) Having an interrupt source established at port 0
5) Having an interrupt source established in SPI receiving 1-byte (8-bit clock)
• X’'tal HOLD mode: Suspends instruction execution and the operation of the peripheral circuits except the base timer.
(1) The CF, RC, and frequency variable RC oscillators automatically stop operation.
(2) The state of crystal oscillation established when the X’tal HOLD mode is entered is retained.
(3) Power-save mode is available for even lower current consumption.
(4) There are seven ways of resetting the X’tal HOLD mode.
1) Setting the reset pin to the low level
2) System resetting by watchdog timer
3) Setting at least one of the INT0, INT1, INT2, INT3, INT4, INT5 pins to the specified level
4) Having an interrupt source established at port0
5) Having an interrupt source established in the base timer circuit
6) Having an interrupt source established in the RTC
7) Having an interrupt source established in SPI receiving 1-byte (8-bit clock)
On-chip Debugging Function (flash ROM version)
• Supports software debugging with the test device installed on the target board.
Data Security Function (flash ROM version)
• Protects the program data stored in flash memory from unauthorized read or copy.
Note: The data security function does not necessarily provide an absolute data security.
Shipping form
• QFP80 (14×14): Lead-free type
• TQFP80J (12×12): Lead-free type
Development Tools
• On-chip-debugger: TCB87 TypeB + LC87F2C64A


Similar Part No. - LC87F2C64A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC87F2C64A ONSEMI-LC87F2C64A Datasheet
196Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.0.21
More results

Similar Description - LC87F2C64A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ENA1384B ONSEMI-ENA1384B Datasheet
269Kb / 30P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.20
ENA1455A ONSEMI-ENA1455A Datasheet
198Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.02
ENA1869A ONSEMI-ENA1869A Datasheet
242Kb / 26P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1898A ONSEMI-ENA1898A Datasheet
177Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00a
ENA1955 ONSEMI-ENA1955 Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1956A ONSEMI-ENA1956A Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.03
ENA2304 ONSEMI-ENA2304 Datasheet
302Kb / 31P
   8-bit 1-chip Microcontroller
March, 2014 Ver. 1.01
EN8298B ONSEMI-EN8298B Datasheet
167Kb / 23P
   8-bit 1-chip Microcontroller
May, 2013 Ver.3.00
ENA0664 ONSEMI-ENA0664 Datasheet
186Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.01
ENA0886 ONSEMI-ENA0886 Datasheet
204Kb / 29P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
logo
Sanyo Semicon Device
LC87F5VP6A SANYO-LC87F5VP6A Datasheet
168Kb / 27P
   8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com