Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC87F2C64A Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LC87F2C64A
Description  8-bit 1-chip Microcontroller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC87F2C64A Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LC87F2C64A Datasheet HTML 1Page - Sanyo Semicon Device LC87F2C64A Datasheet HTML 2Page - Sanyo Semicon Device LC87F2C64A Datasheet HTML 3Page - Sanyo Semicon Device LC87F2C64A Datasheet HTML 4Page - Sanyo Semicon Device LC87F2C64A Datasheet HTML 5Page - Sanyo Semicon Device LC87F2C64A Datasheet HTML 6Page - Sanyo Semicon Device LC87F2C64A Datasheet HTML 7Page - Sanyo Semicon Device LC87F2C64A Datasheet HTML 8Page - Sanyo Semicon Device LC87F2C64A Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LC87F2C64A
No.A1935-4/28
Interrupts
• 28 sources, 10 vector addresses
(1) Provides three levels (low (L), high (H), and highest (X)) of multiplex interrupt control. Any interrupt requests
of the level equal to or lower than the current interrupt are not accepted.
(2) When interrupt requests to two or more vector addresses occur at the same time, the interrupt of the highest level
takes precedence over the other interrupts. For interrupts of the same level, the interrupt into the smallest vector
address takes precedence.
No.
Vector Address
Level
Interrupt Source
1
00003H
X or L
INT0
2
0000BH
X or L
INT1
3
00013H
H or L
INT2/INT4/T0L
4
0001BH
H or L
INT3/INT5/Base timer0/ Base timer1/RTC
5
00023H
H or L
T0H
6
0002BH
H or L
T1L/T1H
7
00033H
H or L
SIO0/UART1 receive/UART2 receive
8
0003BH
H or L
SIO1/UART1 transmit/UART2 transmit
9
00043H
H or L
ADC/T6/T7/PWM4, 5/SPI
10
0004BH
H or L
Port0/T4/T5/PWM0, 1
• Priority levels X > H > L
• Of interrupts of the same level, the one with the smallest vector address takes precedence.
• IFLG (List of interrupt source flag function)
(1) Shows a list of interrupt source flags that caused a branching to a particular vector address
(shown in the table above).
Subroutine Stack Levels
• 1024 levels (Stack is allocated in RAM)
High-speed Multiplication/Division Instructions
• 16 bits×8 bits
(5 tCYC execution time)
• 24 bits×16 bits
(12 tCYC execution time)
• 16 bits÷8 bits
(8 tCYC execution time)
• 24 bits÷16 bits
(12 tCYC execution time)
Oscillation Circuits
• On-chip fast RC oscillation circuit
: For system clock
• On-chip slow RC oscillation circuit
: For system clock
• CF oscillation circuit
: For system clock, with built in Rf
• Crystal oscillation circuit
: For low-speed system clock
• On-chip Frequency variable RC oscillation circuit
: For system clock
(1) Adjustable by ±4% (typical) step from selected center frequency
(2) Frequency measurable by referencing input signal from XT1
System Clock Divider Function
• Enables low power consumption operation
• The minimum instruction cycle selectable from 250ns, 500ns, 1.0μs, 2.0μs, 4.0μs, 8.0μs, 16.0μs, 32.0μs, and 64μs
(at a main clock rate of 12MHz).
Internal Reset Function
• Power-on reset (POR) function
(1) POR reset is generated only at power-on.
(2) The POR release level can be selected through option configuration.
• Low-voltage detection reset (LVD) function
(1) LVD and POR functions are combined to generate resets when power is turned on and when power voltage falls
below a certain level.
(2) The use/no-use of the LVD function and the low voltage threshold level can be selected through option
configuration.


Similar Part No. - LC87F2C64A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC87F2C64A ONSEMI-LC87F2C64A Datasheet
196Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.0.21
More results

Similar Description - LC87F2C64A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ENA1384B ONSEMI-ENA1384B Datasheet
269Kb / 30P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.20
ENA1455A ONSEMI-ENA1455A Datasheet
198Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.02
ENA1869A ONSEMI-ENA1869A Datasheet
242Kb / 26P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1898A ONSEMI-ENA1898A Datasheet
177Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00a
ENA1955 ONSEMI-ENA1955 Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1956A ONSEMI-ENA1956A Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.03
ENA2304 ONSEMI-ENA2304 Datasheet
302Kb / 31P
   8-bit 1-chip Microcontroller
March, 2014 Ver. 1.01
EN8298B ONSEMI-EN8298B Datasheet
167Kb / 23P
   8-bit 1-chip Microcontroller
May, 2013 Ver.3.00
ENA0664 ONSEMI-ENA0664 Datasheet
186Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.01
ENA0886 ONSEMI-ENA0886 Datasheet
204Kb / 29P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
logo
Sanyo Semicon Device
LC87F5VP6A SANYO-LC87F5VP6A Datasheet
168Kb / 27P
   8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com