Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT32F1251B Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HT32F1251B
Description  32-bit Microcontroller with ARM Cortex-M3 Core
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT32F1251B Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT32F1251B Datasheet HTML 3Page - Holtek Semiconductor Inc HT32F1251B Datasheet HTML 4Page - Holtek Semiconductor Inc HT32F1251B Datasheet HTML 5Page - Holtek Semiconductor Inc HT32F1251B Datasheet HTML 6Page - Holtek Semiconductor Inc HT32F1251B Datasheet HTML 7Page - Holtek Semiconductor Inc HT32F1251B Datasheet HTML 8Page - Holtek Semiconductor Inc HT32F1251B Datasheet HTML 9Page - Holtek Semiconductor Inc HT32F1251B Datasheet HTML 10Page - Holtek Semiconductor Inc HT32F1251B Datasheet HTML 11Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
Rev. 1.00
7 of 35
May 27, 2011
32-bit ARM Cortex™-M3 MCU
HT32F1251/51B/52/53
2 Features
Core
32-bit ARM® Cortex™-M3 processor core
Up to 72 MHz operation frequency
1.25 DMIPS/MHz (Dhrystone 2.1)
Single-cycle multiplication and hardware division
Integrated Nested Vectored Interrupt Controller (NVIC)
24-bit SysTick timer
The Cortex™-M3 processor is a general-purpose 32-bit processor core especially suitable for
products requiring high performance and low power consumption microcontrollers. It offers many
new features such as a Thumb-2 instruction set, hardware divider, low latency interrupt respond
time, atomic bit-banding access and multiple buses for simultaneous accesses. The Cortex™-M3
processor is based on the ARMv7 architecture and supports both Thumb and Thumb-2 instruction
sets. Some system peripherals listed below are also provided by Cortex™-M3:
Internal Bus Matrix connected with ICode bus, DCode bus, System bus, Private Peripheral Bus
(PPB) and debug accesses (AHB-AP)
Nested Vectored Interrupt Controller (NVIC)
Flash Patch and Breakpoint (FPB)
Data Watchpoint and Trace (DWT)
Instrument Trace Macrocell (ITM)
Memory Protection Unit (MPU)
Serial Wire JTAG Debug Port (SWJ-DP)
Embedded Trace Macrocell (ETM)
Trace Port Interface Unit (TPIU)
On-chip Memory
9 to 32 KB on-chip Flash memory for instruction/data and option storage
2 to 8 KB on-chip SRAM
Supports several boot modes
The ARM® Cortex™-M3 processor is structured in Harvard architecture which can use separate
buses to fetch instructions and load/store data. The instruction code and data are both located in the
same memory address space but in different address ranges. The maximum address range of the
Cortex™-M3 is 4 GB since it has a 32-bit bus address width. Additionally, a pre-defined memory
map is provided by the Cortex™-M3 processor to reduce the software complexity of repeated
implementation of different device vendors. However, some regions are used by the ARM®
Cortex™-M3 system peripherals. Refer to the ARM® Cortex™-M3 Technical Reference Manual
for more information. The Figure 2. HT32F125x Memory Map shows the memory map of the
HT32F125x series of devices, including Code, SRAM, peripheral, and other pre-defined regions.


Similar Part No. - HT32F1251B

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT32F1251B HOLTEK-HT32F1251B_12 Datasheet
1Mb / 35P
   Holtek 32-bit Microcontroller with ARM짰 Cortex??M3 Core
More results

Similar Description - HT32F1251B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LPC1766 ETC2-LPC1766 Datasheet
1Mb / 70P
   32-bit ARM Cortex-M3 microcontroller;
logo
NXP Semiconductors
LPC178X NXP-LPC178X Datasheet
1Mb / 117P
   32-bit ARM Cortex-M3 microcontroller
Rev. 2-27 May 2011
logo
Fujitsu Component Limit...
MB9BF500 FUJITSU-MB9BF500 Datasheet
784Kb / 4P
   32-bit MCUs with ARM Cortex-M3 Core
logo
Holtek Semiconductor In...
HT32F1251 HOLTEK-HT32F1251_12 Datasheet
1Mb / 35P
   Holtek 32-bit Microcontroller with ARM짰 Cortex??M3 Core
HT32F1755 HOLTEK-HT32F1755 Datasheet
1Mb / 45P
   Holtek 32-bit Microcontroller with ARM짰 Cortex??M3 Core
logo
List of Unclassifed Man...
NUC122ZD2AN ETC2-NUC122ZD2AN Datasheet
1Mb / 66P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100VE3AN ETC2-NUC100VE3AN Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvotem Talema
M0516LAN TALEMA-M0516LAN Datasheet
1Mb / 71P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Holtek Semiconductor In...
HT32F52231 HOLTEK-HT32F52231 Datasheet
4Mb / 50P
   32-Bit ARM Cortex-M0 Microcontroller
logo
NXP Semiconductors
LPC178X-7X NXP-LPC178X-7X Datasheet
1Mb / 120P
   32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash
Rev. 4-1 May 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com