Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT16L21 Datasheet(PDF) 10 Page - Holtek Semiconductor Inc

Part # HT16L21
Description  RAM Mapping 32x4 LCD Driver
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT16L21 Datasheet(HTML) 10 Page - Holtek Semiconductor Inc

Back Button HT16L21 Datasheet HTML 6Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 7Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 8Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 9Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 10Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 11Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 12Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 13Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 14Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
Rev. 1.00
10
November 16, 2011
HT16L21
LCD frame frequency fLCD is set to 64Hz
0
10
20
30
40
50
60
70
80
1.2 1.5 1.8 2.1 2.4 2.7 3 3.3 3.6 3.9 4.2 4.5 4.8 5.1 5.4
VDD (V)
-40℃
-20℃
0℃
25℃
65℃
85℃
LCD frame frequency fLCD is set to 128Hz
0
20
40
60
80
100
120
140
160
1.2 1.5 1.8 2.1 2.4 2.7 3
3.3 3.6 3.9 4.2 4.5 4.8 5.1 5.4
VDD (V)
-40℃
-20℃
0℃
25℃
65℃
85℃
LCD frame frequency fLCD is set to 85.3Hz
0
10
20
30
40
50
60
70
80
90
100
1.2 1.5 1.8 2.1 2.4 2.7 3
3.3 3.6 3.9 4.2 4.5 4.8 5.1 5.4
VDD (V)
-40℃
-20℃
0℃
25℃
65℃
85℃
LCD frame frequency fLCD is set to 170.6Hz
0
20
40
60
80
100
120
140
160
180
200
1.2 1.5 1.8 2.1 2.4 2.7 3
3.3 3.6 3.9 4.2 4.5 4.8 5.1 5.4
VDD (V)
-40℃
-20℃
0℃
25℃
65℃
85℃
Characteristics Curves – fLCD vs. VDD vs. Temperature


Similar Part No. - HT16L21

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT16L21V110 HOLTEK-HT16L21V110 Datasheet
2Mb / 32P
   RAM Mapping 32횞4 LCD Driver
More results

Similar Description - HT16L21

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT1621 HOLTEK-HT1621 Datasheet
167Kb / 20P
   RAM Mapping 32x4 LCD Controller for I/O C
HT1621B HOLTEK-HT1621B Datasheet
179Kb / 20P
   RAM Mapping 32x4 LCD Controller for I/O MCU
HT1620 HOLTEK-HT1620_07 Datasheet
156Kb / 14P
   RAM Mapping 32x4 LCD Controller for I/O MCU
HT1620 HOLTEK-HT1620 Datasheet
180Kb / 17P
   RAM Mapping 32x4 LCD Controller for I/O C
HT1621 HOLTEK-HT1621_05 Datasheet
196Kb / 19P
   RAM Mapping 32x4 LCD Controller for I/O MCU
logo
ARTSCHIP ELECTRONICS CO...
HT1621 ARTSCHIP-HT1621 Datasheet
347Kb / 14P
   RAM Mapping 32x4 LCD Controller for I/O MCU
logo
Holtek Semiconductor In...
HT16L21V110 HOLTEK-HT16L21V110 Datasheet
2Mb / 32P
   RAM Mapping 32횞4 LCD Driver
HT9B92 HOLTEK-HT9B92 Datasheet
1Mb / 25P
   RAM Mapping 36횞4 LCD Driver
HT9B92G HOLTEK-HT9B92G Datasheet
1Mb / 21P
   RAM Mapping 40x4 LCD Driver
HT1628 HOLTEK-HT1628 Datasheet
1Mb / 17P
   RAM Mapping 116횞2 LCD Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com