Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1VBA20 Datasheet(PDF) 5 Page - Shindengen Electric Mfg.Co.Ltd

Part # S1VBA20
Description  General Purpose Rectifiers(200V 1A)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

S1VBA20 Datasheet(HTML) 5 Page - Shindengen Electric Mfg.Co.Ltd

  S1VBA20 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd S1VBA20 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd S1VBA20 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd S1VBA20 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd S1VBA20 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Peak Surge Forward Capability
0
10
20
30
40
50
60
70
80
1
10
100
S1VBAx
2
5
20
50
10ms 10ms
1 cycle
Number of Cycles [cycles]
non-repetitive,
sine wave,
Tj=25
°C before
surge current is applied


Similar Part No. - S1VBA20

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
S1VBA60 SHINDENGEN-S1VBA60 Datasheet
271Kb / 5P
   General Purpose Rectifiers(600V 1A)
logo
Infineon Technologies A...
S1VBA60 INFINEON-S1VBA60 Datasheet
2Mb / 25P
   12W 5V SMPS evaluation board with ICE3AR4780VJZ
Revision 1.2, 2015-05-12
More results

Similar Description - S1VBA20

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
S1VB20 SHINDENGEN-S1VB20 Datasheet
319Kb / 5P
   General Purpose Rectifiers(200V 1A)
S1NB20 SHINDENGEN-S1NB20 Datasheet
271Kb / 5P
   General Purpose Rectifiers(200V 1A)
D1N20 SHINDENGEN-D1N20 Datasheet
300Kb / 5P
   General Purpose Rectifiers(200V 1A)
S1WB20 SHINDENGEN-S1WB20 Datasheet
279Kb / 5P
   General Purpose Rectifiers(200V 1A)
D1F20 SHINDENGEN-D1F20 Datasheet
334Kb / 6P
   General Purpose Rectifiers Single(200V 1A)
S2V20 SHINDENGEN-S2V20 Datasheet
295Kb / 6P
   General Purpose Rectifiers(200V 1.7A)
U4SBA20 SHINDENGEN-U4SBA20 Datasheet
319Kb / 6P
   General Purpose Rectifiers(200V 4A)
U6SBA20 SHINDENGEN-U6SBA20 Datasheet
315Kb / 6P
   General Purpose Rectifiers(200V 6A)
D2F20 SHINDENGEN-D2F20 Datasheet
277Kb / 5P
   General Purpose Rectifiers(200V 1.4A)
S1YB20 SHINDENGEN-S1YB20 Datasheet
282Kb / 5P
   General Purpose Rectifiers(200V 0.4A)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com