Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG449 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # DG449
Description  High Voltage Single SPDT Analog Switch in SOT23-8
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG449 Datasheet(HTML) 3 Page - Vishay Siliconix

  DG449_11 Datasheet HTML 1Page - Vishay Siliconix DG449_11 Datasheet HTML 2Page - Vishay Siliconix DG449_11 Datasheet HTML 3Page - Vishay Siliconix DG449_11 Datasheet HTML 4Page - Vishay Siliconix DG449_11 Datasheet HTML 5Page - Vishay Siliconix DG449_11 Datasheet HTML 6Page - Vishay Siliconix DG449_11 Datasheet HTML 7Page - Vishay Siliconix DG449_11 Datasheet HTML 8Page - Vishay Siliconix DG449_11 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Document Number: 73897
S11-0097-Rev. B, 24-Jan-11
www.vishay.com
3
Vishay Siliconix
DG449
SPECIFICATIONSa
Parameter
Symbol
Test Conditions
Unless Otherwise Specified
V+ = 15 V, V- = - 15 V
VIN = 2.4 V, 0.8 V
f
Temp.b
D Suffix
- 40 °C to 85 °C
Unit
Min.d
Typ.c
Max.d
Analog Switch
Analog Signal Rangee
VANALOG
Full
- 15
15
V
On-Resistance
RON
Ino/nc = 1 mA, VCOM = ± 8.5 V
V+ = 13.5 V, V- = - 13.5 V
Room
Full
38
45
57
On Resistance MATCH
R
ON
Room
Full
5
6
On-Resistance Flatness
RON
Flatness
Ino/nc = 1 mA, VCOM = ± 5 V, 0 V
V+ = 13.5 V, V- = - 13.5 V
Room
Full
2.6
7
8
Switch Off Leakage Current
Ino/nc(off)
V+ = 16.5, V- = - 16.5 V
VCOM = ± 15.5 V
Vno/nc = -/+ 15.5 V
Room
Full
- 1
- 10
- 0.1
1
10
nA
ICOM(off)
Room
Full
- 1
- 10
- 0.1
1
10
Channel On Leakage Current
ICOM(on)
V+ = 16.5 V, V- = - 16.5
VCOM = Vno/nc = ± 15.5 V
Room
Full
- 2
- 20
- 0.1
2
20
Digital Control
Input, High Voltage
IINH
Full
2.4
V
Input, Low Voltage
IINL
Full
0.8
Input Capacitancee
CIN
Room
4
pF
Input Current V
IN High or Low
IIN
V
IN = 0 or 5 V
- 1
1
µA
Dynamic Characteristics
Turn-On Time
tON
RL = 300 , CL = 35 pF
Vno/nc = ± 10 V
Room
Full
107
146
155
ns
Turn-Off Time
tOFF
Room
Full
69
104
116
Charge Injectione
Q
CL = 1 nF, Vgen = 0 V, Rgen = 0 
Room
5
pC
Off-Isolatione
OIRR
RL = 50 , CL= 5 pF, f = 1 MHz
Room
- 69
dB
Crosstalke
XTALK
RL = 50 , CL= 5 pF, f = 1 MHz
- 80
Source NO, NC Off Capacitancee
Cno/nc(off)
f = 1 MHz
Room
8
pF
Channel On Capacitancee
CCOM(on)
f = 1 MHz
Room
18
Power Supplies
Positive Supply Current
I+
V+ = 16.5 V, V- = - 16.5 V
VIN = 0, 5 V or, V+
Room
Full
420
30
µA
Negative Supply Current
I-
Room
Full
- 1
- 3


Similar Part No. - DG449_11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG449DS-T1-E3 VISHAY-DG449DS-T1-E3 Datasheet
150Kb / 9P
   High Voltage Single SPDT Analog Switch in SOT23-8
Rev. A, 22-May-06
DG449DS-T1-E3 VISHAY-DG449DS-T1-E3 Datasheet
168Kb / 10P
   High Voltage Single SPDT Analog Switch in SOT23-8
08-Feb-17
DG449 VISHAY-DG449_V01 Datasheet
168Kb / 10P
   High Voltage Single SPDT Analog Switch in SOT23-8
08-Feb-17
More results

Similar Description - DG449_11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG449 VISHAY-DG449_V01 Datasheet
168Kb / 10P
   High Voltage Single SPDT Analog Switch in SOT23-8
08-Feb-17
DG449 VISHAY-DG449 Datasheet
150Kb / 9P
   High Voltage Single SPDT Analog Switch in SOT23-8
Rev. A, 22-May-06
logo
Maxim Integrated Produc...
MAX4649 MAXIM-MAX4649 Datasheet
207Kb / 10P
   45?? SPDT Analog Switch in SOT23-8
Rev 0; 2/01
logo
Vishay Siliconix
DG2001 VISHAY-DG2001_11 Datasheet
215Kb / 13P
   Low-Voltage Single SPDT Analog Switch
Rev. C, 13-Jun-11
DG9411 VISHAY-DG9411 Datasheet
55Kb / 8P
   Low-Voltage Single SPDT Analog Switch
Rev. A, 10-Nov-00
DG9431 VISHAY-DG9431_08 Datasheet
110Kb / 8P
   Low-Voltage Single SPDT Analog Switch
Rev. D, 14-May-07
DG2001 VISHAY-DG2001 Datasheet
63Kb / 8P
   LOW - VOLTAGE SINGLE SPDT ANALOG SWITCH
Rev. B, 19-Mar-01
DG2714 VISHAY-DG2714_08 Datasheet
112Kb / 8P
   Low-Voltage Single SPDT Analog Switch
Rev. B, 30-Apr-07
DG9461 VISHAY-DG9461 Datasheet
80Kb / 7P
   Low-Voltage Single SPDT Analog Switch
Rev. B, 26-Jul-99
DG2012 VISHAY-DG2012 Datasheet
73Kb / 8P
   Low-Voltage Single SPDT Analog Switch
Rev. A, 07-Apr-03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com