Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT7L4091 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT7L4091
Description  Universal Step-Down PWM Control For High Brightness LED Lighting Control
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7L4091 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT7L4091 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
Rev. 1.00
4
���i� ��� �011
Rev. 1.00
5
���i� ��� �011
HT7L4091
Universal Step-Down PWM Control
For High Brightness LED Lighting Control
Pin Assignment
VIN
CS
GND
GDR
RT
LD
VDD
PDM
HT7L4091
8 SOP-A
1
2
3
4
8
7
6
5
Pin Description
Pin Name
I/O
Description
VIN
I
In�ut vo�tage �in
CS
I
LED st�ing cu��ent sense in�ut
GND
Powe� g�ound
GDR
O
Gate d�ive� fo� the exte�na� MOSFET
PDM
I
PWM dimming �in
��so functions as enab�e in�ut �in.
VDD
O
Positive Powe� su���y
Used for the internal circuits except the gate driver circuit. A 0.1μF capacitor must be
connected between the VDD and the GND pins.
LD
I
Linea� dimming �in
Set the current sense threshold as long as the voltage on this pin is less than 250mV
(ty�.).
RT
I
Osci��ato� cont�o� �in
� �esisto� is connected between the RT and the GND �ins to set the off-time.
Absolute Maximum Ratings
Output Current Peak ...................................................................................................................... 1A
Storage Temperature Range ......................................................................................-65°C ~ +150°C
Junction Temperature Range.....................................................................................-40°C ~ +150°C
CS, PDM, LD ,RT, to GND .................................................................................-0.3V to (VDD +0.3V)
Power Dissipation at Ta<25 °C .................................................................................................. 0.6W
Thermal Resistance, SOP-8 θJA.........................................................................................150°C/W
ESD Voltage Protection, Human Body Model............................................................................ 6KV
ESD Voltage Protection, Machine Model .................................................................................. 400V
Note: These are stress ratings only. Stresses exceeding the range specified under “Absolute Maximum
Ratings” may cause substantial damage to the device. Functional operation of this device at other
conditions beyond those listed in the specification is not implied and prolonged exposure to extreme
conditions may affect device reliability.


Similar Part No. - HT7L4091

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7L4091 HOLTEK-HT7L4091 Datasheet
3Mb / 17P
   Universal Step-Down PWM Control For High Brightness LED Lighting Control
HT7L4091-1 HOLTEK-HT7L4091-1 Datasheet
3Mb / 17P
   Universal Step-Down PWM Control For High Brightness LED Lighting Control
HT7L4091 HOLTEK-HT7L4091_13 Datasheet
3Mb / 17P
   Universal Step-Down PWM Control For High Brightness LED Lighting Control
More results

Similar Description - HT7L4091

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7L4091 HOLTEK-HT7L4091_13 Datasheet
3Mb / 17P
   Universal Step-Down PWM Control For High Brightness LED Lighting Control
logo
SG Micro Corp
SGM3122 SGMICRO-SGM3122 Datasheet
368Kb / 17P
   PWM Brightness Control
logo
Seiko Instruments Inc
S-8520 SII-S-8520 Datasheet
2Mb / 34P
   PWM CONTROL & PWM/PFM CONTROL STEP-DOWN SWITCHING REGULATOR-CONTROLLERS
logo
Diodes Incorporated
AP1513 DIODES-AP1513 Datasheet
176Kb / 8P
   PWM CONTROL 2A STEP-DOWN CONVERTER
AP1513 Rev. 1
AP1530 DIODES-AP1530 Datasheet
230Kb / 8P
   PWM CONTROL 3A STEP-DOWN CONVERTER
AP1530 Rev. 1
AP1510 DIODES-AP1510_09 Datasheet
270Kb / 9P
   PWM CONTROL 3A STEP-DOWN CONVERTER
AP1510 Rev. 7
logo
Unisonic Technologies
P1886 UTC-P1886 Datasheet
201Kb / 8P
   PWM CONTROL 3A STEP-DOWN CONVERTER
P1986 UTC-P1986 Datasheet
196Kb / 6P
   PWM CONTROL 3A STEP-DOWN CONVERTER
logo
FOSLINK SEMICONDUCTOR C...
FSP3130 FOSLINK-FSP3130 Datasheet
228Kb / 7P
   PWM CONTROL 2A STEP-DOWN CONVERTER
FSP3132 FOSLINK-FSP3132 Datasheet
198Kb / 6P
   PWM CONTROL 5A STEP-DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com