Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG445BDN-T1-E4 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # DG445BDN-T1-E4
Description  Improved Quad SPST CMOS Analog Switches
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG445BDN-T1-E4 Datasheet(HTML) 3 Page - Vishay Siliconix

  DG445BDN-T1-E4 Datasheet HTML 1Page - Vishay Siliconix DG445BDN-T1-E4 Datasheet HTML 2Page - Vishay Siliconix DG445BDN-T1-E4 Datasheet HTML 3Page - Vishay Siliconix DG445BDN-T1-E4 Datasheet HTML 4Page - Vishay Siliconix DG445BDN-T1-E4 Datasheet HTML 5Page - Vishay Siliconix DG445BDN-T1-E4 Datasheet HTML 6Page - Vishay Siliconix DG445BDN-T1-E4 Datasheet HTML 7Page - Vishay Siliconix DG445BDN-T1-E4 Datasheet HTML 8Page - Vishay Siliconix DG445BDN-T1-E4 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Document Number: 72626
S11-1350-Rev. B, 04-Jul-11
www.vishay.com
3
Vishay Siliconix
DG444B, DG445B
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SPECIFICATIONS (for dual supplies)
Parameter
Symbol
Test Conditions
Unless Otherwise Specified
V+ = 15 V, V- = - 15 V
VL = 5 V, VIN = 2.4 V, 0.8 V
e
Limits
- 40 °C to 85 °C
Unit
Temp.a
Min.b
Typ.c
Max.b
Analog Switch
Analog Signal Ranged
VANALOG
Full
- 15
15
V
Drain-Source
On-Resistance
RDS(on)
IS = 1 mA, VD = ± 10 V
Room
Full
45
80
95
Switch Off Leakage Current
IS(off)
VD = ± 14 V, VS = ± 14 V
Room
Full
- 0.5
- 5
± 0.01
0.5
5
nA
ID(off)
Room
Full
- 0.5
- 5
± 0.01
0.5
5
Channel On Leakage Current
ID(on)
VS = VD = ± 14 V
Room
Full
- 0.5
- 10
± 0.02
0.5
10
Digital Control
Input Voltage Low
VINL
Full
0.8
V
Input Voltage High
VINH
Full
2.4
Input Current VIN Low
IINL
VIN under test = 0.8 V
All Other = 2.4 V
Full
- 1
- 0.01
1
µA
Input Current VIN High
IINH
VIN under test = 2.4 V
All Other = 0.8 V
Full
- 1
0.01
1
Dynamic Characteristics
Turn-On Time
tON
RL = 1 k, CL = 35 pF
VS = ± 10 V, See Figure 2
Room
300
ns
Turn-Off Time
tOFF
Room
200
Charge Injectione
Q
CL = 1 nF, VS = 0 V
Vgen = 0 V, Rgen = 0 
Room
1
pC
Off Isolatione
OIRR
RL = 50  , CL = 15 pF
VS = 1 VRMS, f = 100 kHz
Room
- 90
dB
Crosstalk (Channel-to-Channel)d
XTALK
Room
- 95
Source Off Capacitance
CS(off)
VS = 0 V, f = 100 kHz
Room
5
pF
Drain Off Capacitance
CD(off)
Room
5
Channel On Capacitance
CD(on)
VS = VD = 0 V, f = 1 MHz
Room
16
Power Supplies
Positive Supply Current
I+
VIN = 0 V or 5 V
Room
Full
1
5
µA
Negative Supply Current
I-
Room
Full
- 1
- 5
Logic Supply Current
IIN
Room
Full
1
5


Similar Part No. - DG445BDN-T1-E4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG445BDN-T1-E4 VISHAY-DG445BDN-T1-E4 Datasheet
199Kb / 13P
   Improved Quad SPST CMOS Analog Switches
08-Feb-17
More results

Similar Description - DG445BDN-T1-E4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG444B VISHAY-DG444B Datasheet
115Kb / 7P
   Improved Quad SPST CMOS Analog Switches
Rev. A, 15-Dec-03
DG441B VISHAY-DG441B Datasheet
104Kb / 7P
   Improved Quad SPST CMOS Analog Switches
Rev. A, 15-Dec-03
DG441B VISHAY-DG441B_11 Datasheet
245Kb / 15P
   Improved Quad SPST CMOS Analog Switches
Rev. B, 04-Jul-11
DG441B VISHAY-DG441B_V01 Datasheet
201Kb / 13P
   Improved Quad SPST CMOS Analog Switches
08-Feb-17
DG444B VISHAY-DG444B_V01 Datasheet
199Kb / 13P
   Improved Quad SPST CMOS Analog Switches
08-Feb-17
logo
Maxim Integrated Produc...
DG441 MAXIM-DG441 Datasheet
132Kb / 9P
   Improved, Quad, SPST Analog Switches
Rev 5; 5/09
DG412CUE-T MAXIM-DG412CUE-T Datasheet
256Kb / 12P
   Improved, Quad, SPST Analog Switches
Rev 7; 9/08
DG411CJ MAXIM-DG411CJ Datasheet
342Kb / 12P
   Improved, Quad, SPST Analog Switches
19-4728; Rev 3; 9/99
DG441CJ MAXIM-DG441CJ Datasheet
106Kb / 8P
   Improved, Quad, SPST Analog Switches
19-4611; Rev 2; 7/96
DG444DY-T MAXIM-DG444DY-T Datasheet
271Kb / 10P
   Improved, Quad, SPST Analog Switches
Rev 4; 6/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com