Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG419DY-T1-E3 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # DG419DY-T1-E3
Description  Precision CMOS Analog Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG419DY-T1-E3 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button DG419DY-T1-E3 Datasheet HTML 4Page - Vishay Siliconix DG419DY-T1-E3 Datasheet HTML 5Page - Vishay Siliconix DG419DY-T1-E3 Datasheet HTML 6Page - Vishay Siliconix DG419DY-T1-E3 Datasheet HTML 7Page - Vishay Siliconix DG419DY-T1-E3 Datasheet HTML 8Page - Vishay Siliconix DG419DY-T1-E3 Datasheet HTML 9Page - Vishay Siliconix DG419DY-T1-E3 Datasheet HTML 10Page - Vishay Siliconix DG419DY-T1-E3 Datasheet HTML 11Page - Vishay Siliconix DG419DY-T1-E3 Datasheet HTML 12Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
www.vishay.com
8
Document Number: 70051
S10-1528-Rev. G, 19-Jul-10
Vishay Siliconix
DG417, DG418, DG419
TEST CIRCUITS
Figure 5. Charge Injection
CL
10 nF
D
Rg
VO
V+
S
V-
3 V
IN
VL
- 15 V
GND
- 15 V
+ 5 V
OFF
ON
OFF
VO
VO
INX
Q =
VO x CL
Figure 6. Crosstalk (DG419)
Rg = 50 
IN
0.8 V
VL
V+
V-
XTALK Isolation = 20 log
VS
VO
GND
S2
VS
VO
S1
RL
D
C = RF bypass
50
+ 15 V
- 15 V
C
C
+ 5 V
C
Figure 7. Off Isolation
V+
S
VL
Rg = 50 
D
- 15 V
VS
GND
V-
C
RL
IN
VO
0 V, 2.4 V
Off Isolation = 20 log
VS
VO
+ 5 V
C
+ 15 V
C
Figure 8. Insertion Loss
S
VS
VO
0 V, 2.4 V
IN
RL
VL
D
Rg = 50 
+ 5 V
- 15 V
GND
V-
C
C
+ 15 V
V+
C


Similar Part No. - DG419DY-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG419DY-T1-E3 VISHAY-DG419DY-T1-E3 Datasheet
147Kb / 11P
   Precision CMOS Analog Switches
Rev. F, 25-Jun-07
More results

Similar Description - DG419DY-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG417B VISHAY-DG417B Datasheet
108Kb / 9P
   Precision CMOS Analog Switches
Rev. B, 11-Aug-03
DG417 VISHAY-DG417_08 Datasheet
147Kb / 11P
   Precision CMOS Analog Switches
Rev. F, 25-Jun-07
logo
Maxim Integrated Produc...
MAX317 MAXIM-MAX317 Datasheet
130Kb / 12P
   Precision, CMOS Analog Switches
19-0185; Rev 1; 11/94
logo
TEMIC Semiconductors
DG418 TEMIC-DG418 Datasheet
153Kb / 10P
   Precision CMOS Analog Switches
logo
Vishay Siliconix
DG417B VISHAY-DG417B_09 Datasheet
345Kb / 16P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 13-Jul-09
DG1411 VISHAY-DG1411 Datasheet
337Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. B, 02-Dec-13
DG411 VISHAY-DG411_08 Datasheet
140Kb / 9P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. E, 25-Jun-07
5962-9073102M2A VISHAY-5962-9073102M2A Datasheet
132Kb / 9P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 06-Sep-99
DG417B VISHAY-DG417B_08 Datasheet
163Kb / 10P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. C, 14-May-07
DG1411 VISHAY-DG1411_V01 Datasheet
349Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
08-Feb-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com