Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG447 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # DG447
Description  Low Power, High Voltage SPST Analog Switches
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG447 Datasheet(HTML) 3 Page - Vishay Siliconix

  DG447_11 Datasheet HTML 1Page - Vishay Siliconix DG447_11 Datasheet HTML 2Page - Vishay Siliconix DG447_11 Datasheet HTML 3Page - Vishay Siliconix DG447_11 Datasheet HTML 4Page - Vishay Siliconix DG447_11 Datasheet HTML 5Page - Vishay Siliconix DG447_11 Datasheet HTML 6Page - Vishay Siliconix DG447_11 Datasheet HTML 7Page - Vishay Siliconix DG447_11 Datasheet HTML 8Page - Vishay Siliconix DG447_11 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Document Number: 73854
S11-1336-Rev. D, 04-Jul-11
www.vishay.com
3
Vishay Siliconix
DG447, DG448
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes:
a. Refer to PROCESS OPTION FLOWCHART.
b. Room = 25 °C, full = as determined by the operating temperature suffix.
c. Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
d. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
e. Guaranteed by design, not subject to production test.
f. VIN = input voltage to perform proper function.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONSa
Parameter
Symbol
Test Conditions
Unless Otherwise Specified
V+ = 12 V, V- = 0 V
VIN = 2.4 V, 0.8 V
f
Temp.b
D Suffix
- 40 °C to 85 °C
Unit
Min.d
Typ.c
Max.d
Analog Switch
Analog Signal Rangee
VANALOG
Full
0
12
V
Drain-Source On-Resistance
RON
Ino/nc = - 10 mA, VCOM = 8 V
V+ = 10.8 V
Room
Full
32
45
60
On-Resistance Flatness
RON
Flatness
Ino/nc = 10 mA, VCOM = 2, 6, 8 V
V+ = 10.8 V
Room
Full
26
8
Dynamic Characteristics
Turn-On Time
tON
VNO, NC = ± 10 V, RL = 300 , CL = 35 pF
Room
Full
140
175
225
nS
Turn-Off Time
tOFF
Room
Full
50
120
150
Charge Injectione
Q
CL = 10 nF, Vgen = 0 V, Rgen = 0 
Room
12
pC
Power Supplies
Positive Supply Current
I+
V+ = 13.2 V, VIN = 0 V, 5 V
Room
Full
22
50
75
µA


Similar Part No. - DG447_11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG447DV-T1-E3 VISHAY-DG447DV-T1-E3 Datasheet
199Kb / 9P
   Low Power, High Voltage SPST Analog Switches
Rev. B, 20-Nov-06
DG447DV-T1-E3 VISHAY-DG447DV-T1-E3 Datasheet
283Kb / 11P
   Low Power, High Voltage SPST Analog Switches
DG447 VISHAY-DG447_V01 Datasheet
283Kb / 11P
   Low Power, High Voltage SPST Analog Switches
More results

Similar Description - DG447_11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG447 VISHAY-DG447_V01 Datasheet
283Kb / 11P
   Low Power, High Voltage SPST Analog Switches
DG447 VISHAY-DG447 Datasheet
199Kb / 9P
   Low Power, High Voltage SPST Analog Switches
Rev. B, 20-Nov-06
DG467 VISHAY-DG467 Datasheet
144Kb / 9P
   Low Power, High Voltage SPST Analog Switches
Rev. B, 26-Feb-07
DG467 VISHAY-DG467_11 Datasheet
260Kb / 13P
   Low Power, High Voltage SPST Analog Switches
Rev. C, 18-Jul-11
DG467 VISHAY-DG467_V01 Datasheet
187Kb / 11P
   Low Power, High Voltage SPST Analog Switches
08-Feb-17
logo
Maxim Integrated Produc...
MAX4521 MAXIM-MAX4521 Datasheet
155Kb / 12P
   Quad, Low-Voltage, SPST Analog Switches
Rev 1; 1/97
MAX4501 MAXIM-MAX4501 Datasheet
313Kb / 8P
   Low-Voltage, SPST, CMOS Analog Switches
Rev 1; 11/99
MAX4502EUKT MAXIM-MAX4502EUKT Datasheet
319Kb / 8P
   Low-Voltage, SPST, CMOS Analog Switches
Rev 1; 11/99
MAX4521 MAXIM-MAX4521_07 Datasheet
529Kb / 15P
   Quad, Low-Voltage, SPST Analog Switches
Rev 6; 7/07
MAX4610 MAXIM-MAX4610 Datasheet
1Mb / 13P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 2; 11/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com