Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG444BDJ Datasheet(PDF) 4 Page - Vishay Siliconix

Part # DG444BDJ
Description  Improved Quad SPST CMOS Analog Switches
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG444BDJ Datasheet(HTML) 4 Page - Vishay Siliconix

  DG444BDJ Datasheet HTML 1Page - Vishay Siliconix DG444BDJ Datasheet HTML 2Page - Vishay Siliconix DG444BDJ Datasheet HTML 3Page - Vishay Siliconix DG444BDJ Datasheet HTML 4Page - Vishay Siliconix DG444BDJ Datasheet HTML 5Page - Vishay Siliconix DG444BDJ Datasheet HTML 6Page - Vishay Siliconix DG444BDJ Datasheet HTML 7Page - Vishay Siliconix DG444BDJ Datasheet HTML 8Page - Vishay Siliconix DG444BDJ Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
www.vishay.com
4
Document Number: 72626
S11-1350-Rev. B, 04-Jul-11
Vishay Siliconix
DG444B, DG445B
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes:
a. Room = 25 °C, Full = as determined by the operating temperature suffix.
b. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
c. Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
d. Guaranteed by design, not subject to production test.
e. VIN = input voltage to perform proper function.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise noted)
SPECIFICATIONS (for unipolar supplies)
Parameter
Symbol
Test Conditions
Unless Otherwise Specified
V+ = 12 V, V- = 0 V
VL = 5 V, VIN = 2.4 V, 0.8 V
e
Temp.a
D Suffix
- 40 °C to 85 °C
Unit
Min.b
Typ.c
Max.b
Analog Switch
Analog Signal Ranged
VANALOG
Full
0
12
V
Drain-Source
On-Resistanced
RDS(on)
IS = 1 mA, VD = 3 V, 8 V
Room
Full
90
160
200
Dynamic Characteristics
Turn-On Time
tON
RL = 1 k, CL = 35 pF, VS = 8 V
See Figure 2
Room
120
300
ns
Turn-Off Time
tOFF
Room
60
200
Charge Injection
Q
CL = 1 nF, Vgen = 6 V, Rgen = 0 
Room
4
pC
Power Supplies
Positive Supply Current
I+
VIN = 0 or 5 V
Room
Full
1
5
µA
Negative Supply Current
I-
Room
Full
- 1
- 5
Logic Supply Current
IIN
VL = 5.25 V, VIN = 0 or 5 V
Room
Full
1
5
RDS(on) vs. VD and Power Supply Voltages
- 20 - 16 - 12
- 8
- 4
0
4
8
12
16
20
40
50
60
70
80
90
100
110
± 5 V
VD – Drain Voltage (V)
± 10 V
± 15 V
± 20 V
30
20
10
RDS(on) vs. VD and Temperature
85 °C
0
10
20
30
40
50
- 15
- 10
- 5
0
5
10
VD – Drain Voltage (V)
125 °C
25 °C
- 55 °C
V+ = 15 V
V- = - 15 V
60
70
80
90
100
15


Similar Part No. - DG444BDJ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG444BDJ VISHAY-DG444BDJ Datasheet
115Kb / 7P
   Improved Quad SPST CMOS Analog Switches
Rev. A, 15-Dec-03
DG444BDJ VISHAY-DG444BDJ Datasheet
199Kb / 13P
   Improved Quad SPST CMOS Analog Switches
08-Feb-17
DG444BDJ-E3 VISHAY-DG444BDJ-E3 Datasheet
199Kb / 13P
   Improved Quad SPST CMOS Analog Switches
08-Feb-17
More results

Similar Description - DG444BDJ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG444B VISHAY-DG444B Datasheet
115Kb / 7P
   Improved Quad SPST CMOS Analog Switches
Rev. A, 15-Dec-03
DG441B VISHAY-DG441B Datasheet
104Kb / 7P
   Improved Quad SPST CMOS Analog Switches
Rev. A, 15-Dec-03
DG441B VISHAY-DG441B_11 Datasheet
245Kb / 15P
   Improved Quad SPST CMOS Analog Switches
Rev. B, 04-Jul-11
DG441B VISHAY-DG441B_V01 Datasheet
201Kb / 13P
   Improved Quad SPST CMOS Analog Switches
08-Feb-17
DG444B VISHAY-DG444B_V01 Datasheet
199Kb / 13P
   Improved Quad SPST CMOS Analog Switches
08-Feb-17
logo
Maxim Integrated Produc...
DG441 MAXIM-DG441 Datasheet
132Kb / 9P
   Improved, Quad, SPST Analog Switches
Rev 5; 5/09
DG412CUE-T MAXIM-DG412CUE-T Datasheet
256Kb / 12P
   Improved, Quad, SPST Analog Switches
Rev 7; 9/08
DG411CJ MAXIM-DG411CJ Datasheet
342Kb / 12P
   Improved, Quad, SPST Analog Switches
19-4728; Rev 3; 9/99
DG441CJ MAXIM-DG441CJ Datasheet
106Kb / 8P
   Improved, Quad, SPST Analog Switches
19-4611; Rev 2; 7/96
DG444DY-T MAXIM-DG444DY-T Datasheet
271Kb / 10P
   Improved, Quad, SPST Analog Switches
Rev 4; 6/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com