Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG441DY-E3 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # DG441DY-E3
Description  Quad SPST CMOS Analog Switches
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG441DY-E3 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button DG441DY-E3 Datasheet HTML 5Page - Vishay Siliconix DG441DY-E3 Datasheet HTML 6Page - Vishay Siliconix DG441DY-E3 Datasheet HTML 7Page - Vishay Siliconix DG441DY-E3 Datasheet HTML 8Page - Vishay Siliconix DG441DY-E3 Datasheet HTML 9Page - Vishay Siliconix DG441DY-E3 Datasheet HTML 10Page - Vishay Siliconix DG441DY-E3 Datasheet HTML 11Page - Vishay Siliconix DG441DY-E3 Datasheet HTML 12Page - Vishay Siliconix DG441DY-E3 Datasheet HTML 13Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
All Leads
0.101 mm
0.004 IN
E
H
C
D
e
B
A1
L
4
3
12
8
7
56
13
14
16
15
9
10
12
11
Package Information
Vishay Siliconix
Document Number: 71194
02-Jul-01
www.vishay.com
1
SOIC (NARROW): 16LEAD
JEDEC Part Number: MS-012
MILLIMETERS
INCHES
Dim
Min
Max
Min
Max
A
1.35
1.75
0.053
0.069
A1
0.10
0.20
0.004
0.008
B
0.38
0.51
0.015
0.020
C
0.18
0.23
0.007
0.009
D
9.80
10.00
0.385
0.393
E
3.80
4.00
0.149
0.157
e
1.27 BSC
0.050 BSC
H
5.80
6.20
0.228
0.244
L
0.50
0.93
0.020
0.037
0
_
8
_
0
_
8
_
ECN: S-03946—Rev. F, 09-Jul-01
DWG: 5300


Similar Part No. - DG441DY-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG441DY-E3 VISHAY-DG441DY-E3 Datasheet
150Kb / 9P
   Quad SPST CMOS Analog Switches
Rev. I, 25-Jun-07
DG441DY-E3 VISHAY-DG441DY-E3 Datasheet
218Kb / 12P
   Quad SPST CMOS Analog Switches
08-Feb-17
More results

Similar Description - DG441DY-E3

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX311 MAXIM-MAX311 Datasheet
305Kb / 8P
   Quad SPST CMOS Analog Switches
logo
List of Unclassifed Man...
MP7510DI ETC-MP7510DI Datasheet
230Kb / 3P
   CMOS QUAD SPST ANALOG SWITCHES
logo
Vishay Siliconix
DG444 VISHAY-DG444_11 Datasheet
172Kb / 12P
   Quad SPST CMOS Analog Switches
Rev. G, 23-May-11
logo
Maxim Integrated Produc...
DG202 MAXIM-DG202_06 Datasheet
1Mb / 12P
   Quad SPST CMOS Analog Switches
Rev 3; 6/06
logo
Vishay Siliconix
DG444 VISHAY-DG444 Datasheet
115Kb / 9P
   Quad SPST CMOS Analog Switches
Rev. F, 06-Sep-99
DG441 VISHAY-DG441 Datasheet
150Kb / 9P
   Quad SPST CMOS Analog Switches
Rev. I, 25-Jun-07
logo
Intersil Corporation
DG201A INTERSIL-DG201A Datasheet
71Kb / 7P
   Quad SPST, CMOS Analog Switches
June 1999
logo
Vishay Siliconix
DG441 VISHAY-DG441_V01 Datasheet
218Kb / 12P
   Quad SPST CMOS Analog Switches
08-Feb-17
logo
Maxim Integrated Produc...
DG201202 MAXIM-DG201202 Datasheet
27Kb / 4P
   QUAD SPST CMOS ANALOG SWITCHES
19-0041Rev. C
logo
Intersil Corporation
DG201A INTERSIL-DG201A_01 Datasheet
230Kb / 7P
   Quad SPST, CMOS Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com