Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG418DY-E3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # DG418DY-E3
Description  Precision CMOS Analog Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG418DY-E3 Datasheet(HTML) 1 Page - Vishay Siliconix

  DG418DY-E3 Datasheet HTML 1Page - Vishay Siliconix DG418DY-E3 Datasheet HTML 2Page - Vishay Siliconix DG418DY-E3 Datasheet HTML 3Page - Vishay Siliconix DG418DY-E3 Datasheet HTML 4Page - Vishay Siliconix DG418DY-E3 Datasheet HTML 5Page - Vishay Siliconix DG418DY-E3 Datasheet HTML 6Page - Vishay Siliconix DG418DY-E3 Datasheet HTML 7Page - Vishay Siliconix DG418DY-E3 Datasheet HTML 8Page - Vishay Siliconix DG418DY-E3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Vishay Siliconix
DG417, DG418, DG419
Document Number: 70051
S10-1528-Rev. G, 19-Jul-10
www.vishay.com
1
Precision CMOS Analog Switches
FEATURES
± 15 V analog signal range
On-resistance - RDS(on): 20 
Fast switching action - tON: 100 ns
Ultra low power requirements - PD: 35 nW
TTL and CMOS compatible
MiniDIP and SOIC packaging
44 V supply max. rating
44 V supply max. rating
Compliant to RoHS directive 2002/95/EC
BENEFITS
Wide dynamic range
Low signal errors and distortion
Break-before-make switching action
Simple interfacing
Reduced board space
Improved reliability
APPLICATIONS
Precision test equipment
Precision instrumentation
Battery powered systems
Sample-and-hold circuits
Military radios
Guidance and control systems
Hard disk drives
DESCRIPTION
The DG417, DG418, DG419 monolithic CMOS analog
switches were designed to provide high performance
switching of analog signals. Combining low power, low
leakages, high speed, low on-resistance and small physical
size, the DG417 series is ideally suited for portable and
battery powered industrial and military applications requiring
high performance and efficient use of board space.
To achieve high-voltage ratings and superior switching
performance, the DG417 series is built on Vishay Siliconix’s
high voltage silicon gate (HVSG) process. Break-before-
make is guaranteed for the DG419, which is an SPDT
configuration. An epitaxial layer prevents latchup.
Each switch conducts equally well in both directions when
on, and blocks up to the power supply level when off.
The DG417 and DG418 respond to opposite control logic
levels as shown in the Truth Table.
FUNCTIONAL BLOCK DIAGRAM AND PIN CONFIGURATION
Logic "0"
0.8 V
Logic "1"
2.4 V
Logic "0"
0.8 V
Logic "1"
2.4 V
* Pb containing terminations are not RoHS compliant, exemptions may apply
1
Dual-In-Line and SOIC
S
D
NC
V-
GND
IN
V+
VL
2
3
4
8
7
6
5
Top View
DG417
TRUTH TABLE
Logic
DG417
DG418
0
ON
OFF
1OFF
ON
1
Dual-In-Line and SOIC
D
S2
S1
V-
GND
IN
V+
VL
2
3
4
8
7
6
5
Top View
DG419
TRUTH TABLE DG419
Logic
SW1
SW2
0
ON
OFF
1OFF
ON


Similar Part No. - DG418DY-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG418DY-E3 VISHAY-DG418DY-E3 Datasheet
147Kb / 11P
   Precision CMOS Analog Switches
Rev. F, 25-Jun-07
More results

Similar Description - DG418DY-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG417B VISHAY-DG417B Datasheet
108Kb / 9P
   Precision CMOS Analog Switches
Rev. B, 11-Aug-03
DG417 VISHAY-DG417_08 Datasheet
147Kb / 11P
   Precision CMOS Analog Switches
Rev. F, 25-Jun-07
logo
Maxim Integrated Produc...
MAX317 MAXIM-MAX317 Datasheet
130Kb / 12P
   Precision, CMOS Analog Switches
19-0185; Rev 1; 11/94
logo
TEMIC Semiconductors
DG418 TEMIC-DG418 Datasheet
153Kb / 10P
   Precision CMOS Analog Switches
logo
Vishay Siliconix
DG417B VISHAY-DG417B_09 Datasheet
345Kb / 16P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 13-Jul-09
DG1411 VISHAY-DG1411 Datasheet
337Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. B, 02-Dec-13
DG411 VISHAY-DG411_08 Datasheet
140Kb / 9P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. E, 25-Jun-07
5962-9073102M2A VISHAY-5962-9073102M2A Datasheet
132Kb / 9P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 06-Sep-99
DG417B VISHAY-DG417B_08 Datasheet
163Kb / 10P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. C, 14-May-07
DG1411 VISHAY-DG1411_V01 Datasheet
349Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
08-Feb-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com