Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG411LDQ Datasheet(PDF) 8 Page - Vishay Siliconix

Part # DG411LDQ
Description  Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG411LDQ Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button DG411LDQ Datasheet HTML 4Page - Vishay Siliconix DG411LDQ Datasheet HTML 5Page - Vishay Siliconix DG411LDQ Datasheet HTML 6Page - Vishay Siliconix DG411LDQ Datasheet HTML 7Page - Vishay Siliconix DG411LDQ Datasheet HTML 8Page - Vishay Siliconix DG411LDQ Datasheet HTML 9Page - Vishay Siliconix DG411LDQ Datasheet HTML 10Page - Vishay Siliconix DG411LDQ Datasheet HTML 11Page - Vishay Siliconix DG411LDQ Datasheet HTML 12Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
www.vishay.com
8
Document Number: 71397
S11-0179-Rev. F, 07-Feb-11
Vishay Siliconix
DG411L, DG412L, DG413L
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Switching Time vs. Dual Supply
Input Threshold vs. Single Supply Voltage
Capacitance vs. Analog Signal
(Dual Supply)
0
9
18
27
36
45
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
V± Positive Supply Voltage (V)
tON
tOFF
0.0
0.3
0.6
0.9
1.2
1.5
1.8
02
46
8
10
12
14
V ± Positive Supply Voltage (V)
0
5
10
15
20
25
- 5- 3- 1
1
3
5
Analog Voltage (V)
VSUPPLY = ± 5 V
CD(on)
CS/CD(off)
Charge Injection vs. Drain Voltage
Drain Capacitance vs. Drain Voltage
(Single Supply)
Insertion Loss, Off Isolation and Crosstalk
vs. Frequency (Single Supply)
- 2
0
2
4
6
- 5
- 3
- 1
1
3
5
Drain Voltage (V)
VSUPPLY = ± 5 V
VSUPPLY = 3 V
0
1
2
3
4
5
6
7
03
69
12
VD - Drain Voltage (V)
CD(off) at VCC = 5 V
CD(off) at VCC = 3 V
CD(off) at VCC = 12 V
0.1
- 110
1
- 30
10
- 70
- 50
100
1000
Frequency (MHz)
- 90
V+ = 3 V
V- = 0 V
RL = 50 Ω
Off Isolation
Crosstalk
Insertion Loss
- 3 dB = 280 MHz
10
- 10


Similar Part No. - DG411LDQ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG411LDQ VISHAY-DG411LDQ Datasheet
140Kb / 11P
   Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
Rev. E, 25-Jun-07
DG411LDQ-E3 VISHAY-DG411LDQ-E3 Datasheet
140Kb / 11P
   Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
Rev. E, 25-Jun-07
DG411LDQ-T1 VISHAY-DG411LDQ-T1 Datasheet
140Kb / 11P
   Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
Rev. E, 25-Jun-07
DG411LDQ-T1-E3 VISHAY-DG411LDQ-T1-E3 Datasheet
140Kb / 11P
   Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
Rev. E, 25-Jun-07
More results

Similar Description - DG411LDQ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG411L VISHAY-DG411L_08 Datasheet
140Kb / 11P
   Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
Rev. E, 25-Jun-07
DG411L VISHAY-DG411L Datasheet
76Kb / 9P
   Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
Rev. C, 26-Aug-02
DG441L VISHAY-DG441L_11 Datasheet
202Kb / 14P
   Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
Rev. E, 30-May-11
DG441L VISHAY-DG441L Datasheet
115Kb / 10P
   Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
Rev. D, 17-Mar-03
DG441L VISHAY-DG441L_V01 Datasheet
263Kb / 15P
   Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
08-Feb-17
DG411L VISHAY-DG411L_V01 Datasheet
240Kb / 15P
   Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
08-Feb-17
DG417B VISHAY-DG417B_09 Datasheet
345Kb / 16P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 13-Jul-09
DG1411 VISHAY-DG1411 Datasheet
337Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. B, 02-Dec-13
DG417BMIL VISHAY-DG417BMIL Datasheet
174Kb / 11P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. B, 05-Mar-12
DG411HS VISHAY-DG411HS_V01 Datasheet
216Kb / 13P
   Precision Monolithic Quad SPST CMOS Analog Switches
08-Feb-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com