Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG411DQ-T1-E3 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # DG411DQ-T1-E3
Description  Precision Monolithic Quad SPST CMOS Analog Switches
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG411DQ-T1-E3 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button DG411DQ-T1-E3 Datasheet HTML 4Page - Vishay Siliconix DG411DQ-T1-E3 Datasheet HTML 5Page - Vishay Siliconix DG411DQ-T1-E3 Datasheet HTML 6Page - Vishay Siliconix DG411DQ-T1-E3 Datasheet HTML 7Page - Vishay Siliconix DG411DQ-T1-E3 Datasheet HTML 8Page - Vishay Siliconix DG411DQ-T1-E3 Datasheet HTML 9Page - Vishay Siliconix DG411DQ-T1-E3 Datasheet HTML 10Page - Vishay Siliconix DG411DQ-T1-E3 Datasheet HTML 11Page - Vishay Siliconix DG411DQ-T1-E3 Datasheet HTML 12Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
www.vishay.com
8
Document Number: 70050
S11-1185-Rev. G, 13-Jun-11
Vishay Siliconix
DG411, DG412, DG413
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
APPLICATIONS
Single Supply Operation:
The DG411, DG412, DG413 can be operated with unipolar
supplies from 5 V to 44 V. These devices are characterized
and tested for unipolar supply operation at 12 V to facilitate
the majority of applications. In single supply operation, V+ is
tied to VL and V- is tied to 0 V. See Input Switching Threshold
vs. Supply Voltage curve for VL versus input threshold
requirments.
Summing Amplifier
When driving a high impedance, high capacitance load such
as shown in figure 8, where the inputs to the summing
amplifier have some noise filtering, it is necessary to have
shunt switches for rapid discharge of the filter capacitor, thus
preventing offsets from occurring at the output.
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see www.vishay.com/ppg?70050.
Figure 6. Off Isolation
RL
50
D
0 V, 2.4 V
V+
Rg = 50 
- 15 V
GND
V-
C
VS
Off Isolation = 20 log
VS
VO
IN
VL
VO
+ 5 V
C
+ 15 V
S
C
C = RF Bypass
Figure 7. Source/Drain Capacitances
D
IN
S
VL
V+
- 15 V
GND
V-
C
0 V, 2.4 V
Meter
HP4192A
Impedance
Analyzer
or Equivalent
+ 5 V
C
+ 15 V
C
Figure 8. Summing Amplifier
+
-
DG413
R1
R2
C1
R3
R4
C2
R6
R5
VIN 1
VIN 2
VOUT


Similar Part No. - DG411DQ-T1-E3

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG411DJ MAXIM-DG411DJ Datasheet
342Kb / 12P
   Improved, Quad, SPST Analog Switches
19-4728; Rev 3; 9/99
logo
Intersil Corporation
DG411DJ INTERSIL-DG411DJ Datasheet
347Kb / 13P
   Monolithic Quad SPST, CMOS Analog Switches
logo
Vishay Siliconix
DG411DJ VISHAY-DG411DJ Datasheet
107Kb / 8P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 06-Sep-99
logo
Intersil Corporation
DG411DJ INTERSIL-DG411DJ Datasheet
353Kb / 13P
   Monolithic Quad SPST, CMOS Analog Switches
logo
Vishay Siliconix
DG411DJ VISHAY-DG411DJ Datasheet
140Kb / 9P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. E, 25-Jun-07
More results

Similar Description - DG411DQ-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG417B VISHAY-DG417B_09 Datasheet
345Kb / 16P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 13-Jul-09
DG1411 VISHAY-DG1411 Datasheet
337Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. B, 02-Dec-13
DG417BMIL VISHAY-DG417BMIL Datasheet
174Kb / 11P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. B, 05-Mar-12
DG411HS VISHAY-DG411HS_V01 Datasheet
216Kb / 13P
   Precision Monolithic Quad SPST CMOS Analog Switches
08-Feb-17
DG411 VISHAY-DG411_V01 Datasheet
271Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
08-Feb-17
DG411 VISHAY-DG411_08 Datasheet
140Kb / 9P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. E, 25-Jun-07
5962-9073102M2A VISHAY-5962-9073102M2A Datasheet
132Kb / 9P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 06-Sep-99
DG417B VISHAY-DG417B_08 Datasheet
163Kb / 10P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. C, 14-May-07
DG1411 VISHAY-DG1411_V01 Datasheet
349Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
08-Feb-17
DG411 VISHAY-DG411 Datasheet
107Kb / 8P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 06-Sep-99
DG418BDQ-T1 VISHAY-DG418BDQ-T1 Datasheet
350Kb / 16P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 13-Jul-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com