Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG403BDY-T1-E3 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # DG403BDY-T1-E3
Description  Low-Power, High-Speed CMOS Analog Switches
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG403BDY-T1-E3 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button DG403BDY-T1-E3 Datasheet HTML 2Page - Vishay Siliconix DG403BDY-T1-E3 Datasheet HTML 3Page - Vishay Siliconix DG403BDY-T1-E3 Datasheet HTML 4Page - Vishay Siliconix DG403BDY-T1-E3 Datasheet HTML 5Page - Vishay Siliconix DG403BDY-T1-E3 Datasheet HTML 6Page - Vishay Siliconix DG403BDY-T1-E3 Datasheet HTML 7Page - Vishay Siliconix DG403BDY-T1-E3 Datasheet HTML 8Page - Vishay Siliconix DG403BDY-T1-E3 Datasheet HTML 9Page - Vishay Siliconix DG403BDY-T1-E3 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
www.vishay.com
6
Document Number: 73069
S11-0179-Rev. B, 07-Feb-11
Vishay Siliconix
DG401B, DG403B, DG405B
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
SCHEMATIC DIAGRAM (Typical Channel)
Switching Time vs. Single Supply Voltage
Input Switching Threshold vs. Supply Voltage
0
25
50
75
100
125
150
175
200
225
250
0
5
10
15
20
25
Supply Voltage (V)
t(on), VS = + 5 V
t(off), VS = + 5 V
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
5
1015202530
Supply Voltage (V)
Switching Time vs. Temperature
Insertion Loss, Off -Isolation
Crosstalk vs. Frequency
20
30
40
50
60
70
80
- 55
- 25
5
35
65
95
125
Temperature (°C)
t(on), VS = + 10 V
t(on), VS = - 10 V
t(off), VS = + 10 V
t(off), VS = - 10 V
V+ = 15 V
V- = - 15 V
0.01
130
0.1
30
-10
70
1000
Frequency (MHz)
90
1
110
10
100
10
Cross Talk
50
Insertion Loss
Off Isolation
Figure 1.
Level
Shift/
Drive
VIN
S
V+
GND
V-
D
V-
V+


Similar Part No. - DG403BDY-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG403BDY-T1-E3 VISHAY-DG403BDY-T1-E3 Datasheet
142Kb / 10P
   Low-Power, High-Speed CMOS Analog Switches
Rev. A, 10-Jan-05
More results

Similar Description - DG403BDY-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG401B VISHAY-DG401B Datasheet
142Kb / 10P
   Low-Power, High-Speed CMOS Analog Switches
Rev. A, 10-Jan-05
DG401 VISHAY-DG401_V01 Datasheet
250Kb / 15P
   Low-Power, High-Speed CMOS Analog Switches
08-Feb-17
DG401 VISHAY-DG401_09 Datasheet
262Kb / 17P
   Low-Power, High-Speed CMOS Analog Switches
Rev. I, 30-Nov-09
DG401 VISHAY-DG401 Datasheet
195Kb / 12P
   Low-Power, High-Speed CMOS Analog Switches
Rev. H, 11-Jun-07
logo
TEMIC Semiconductors
DG401 TEMIC-DG401 Datasheet
170Kb / 10P
   Low-Power, High-Speed CMOS Analog Switches
logo
Vishay Siliconix
DG401B VISHAY-DG401B_V01 Datasheet
178Kb / 14P
   Low-Power, High-Speed CMOS Analog Switches
08-Feb-17
DG611 VISHAY-DG611_08 Datasheet
130Kb / 10P
   High-Speed, Low-Glitch D/CMOS Analog Switches
Rev. H, 11-Jun-07
logo
Maxim Integrated Produc...
MAX4617 MAXIM-MAX4617_12 Datasheet
202Kb / 16P
   High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 3; 12/12
MAX4617 MAXIM-MAX4617_V01 Datasheet
1Mb / 16P
   High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
2022
MAX4617 MAXIM-MAX4617 Datasheet
179Kb / 16P
   High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com